Nombre de pieza
         Descripción
3406-3000

 designed for IDC (Insulation Displacement Connector) connection with 1.27mm pitch flat cable ( 9 Page)


ETC2
100% 
Zoom Out Zoom In
   
 6 page
background image
JNPS-0846
5. APPLICATION
PRODUCT NUMBER INFORMATION
PLATING SUFFIX
PR : U-ELEMENT AREA & TAIL AREA / Gold Flash Plating
SC : U-ELEMENT AREA / Nickel Plating
TAIL AREA / Gold Plating 0.2µm Min
S
: U-ELEMENT AREA / Nickel Plating
TAIL AREA / Gold Plating 0.76µm Min.
CONTACT QUANTITY
3406: 14P (Distance of terminal row : 7.62mm)
3416: 16P (Distance of terminal row : 7.62mm)
3460: 24P (Distance of terminal row : 15.24mm)
3508: 40P (Distance of terminal row : 15.24mm)
CONTACT DISPOSITION
0 :
Standard (Body Color : Gray)
1 :
Mirror Image Type (Body Color : Black)
SHAPE OF TAIL SECTION
0 : Rectangular Pin (0.46mm
× 0.36mm)
(X) 3XXX – 0 X 0 0 XX
BODY COLOR
Blank : Gray
(Contact Disposition : Standard)
D : Black
(Contact Disposition : Mirror Image Type)
1  2  3  4  5  6  7  8  9 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
GP2A28AJ000FFlat detecting portion Detecting Distance : 1 to 9mm OPIC Output Refl ective Photointerrupter with Connector 1 2 3 4 5 MoreSharp Electrionic Components
177983-0RECEPTACLE ASSEMBLY SH TYPE O.5 BOSS LENGTH FOR FH 0.8MM PITCH B-T-B CONNECTOR 1 2 List of Unclassifed Manufacturers
MAX3558Quad-Output LNA with AGC for Cable TV Applications 1 2 3 4 5 MoreMaxim Integrated Products
AFBR-5978ZDigital Diagnostic 650nm Transceiver for Fast Ethernet 10/100 Mbps with SC-RJ connector 1 2 3 4 5 MoreAVAGO TECHNOLOGIES LIMITED
SMD1210This product line is designed for surface-mount applications with a range in hold currents from 50 mA to 1.5 A and voltages from 6 V to 30 V. 1 2 Littelfuse
AT90S8535AVR-P40B-8535 PROTOTYPE BOARD WITH 10 PIN ICSP CONNECTOR FOR AT90S8535 AVR MICROCONTROLLERS 1 2 List of Unclassifed Manufacturers
2812018Basic terminal block with screw connection for component and fuse connectors cross section: 0.2 - 4 mm² AWG: 28 - 12 width: 6.2 mm color: gray 1 2 3 4 5 MoreList of Unclassifed Manufacturers
J0006D01B10/100 Base-TX RJ45 1x1 Tab-DOWN with LEDs 8-pin J0 series integrated magnetics connector ICM designed to 1 2 3 4 5 MorePulse A Technitrol Company
C9068_07Digital output for connection with PC 1 2 Hamamatsu Corporation
STV0498DOCSIS 2.0+ cable modem chip with channel bonding 1 2 3 4 STMicroelectronics

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl