Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRL2910SPBF Datasheet(PDF) 3 Page - International Rectifier

No. de pieza IRL2910SPBF
Descripción Electrónicos  HEXFET짰 Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRL2910SPBF Datasheet(HTML) 3 Page - International Rectifier

  IRL2910SPBF Datasheet HTML 1Page - International Rectifier IRL2910SPBF Datasheet HTML 2Page - International Rectifier IRL2910SPBF Datasheet HTML 3Page - International Rectifier IRL2910SPBF Datasheet HTML 4Page - International Rectifier IRL2910SPBF Datasheet HTML 5Page - International Rectifier IRL2910SPBF Datasheet HTML 6Page - International Rectifier IRL2910SPBF Datasheet HTML 7Page - International Rectifier IRL2910SPBF Datasheet HTML 8Page - International Rectifier IRL2910SPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
IRL2910S/LPbF
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 2. Typical Output Characteristics
1
10
100
1000
0.1
1
10
100
V
, D rain-to-Source Voltage (V)
DS
A
20µ s PU LSE W IDTH
T = 25°C
J
VGS
TOP
15V
12V
10V
8.0V
6.0V
4.0V
3.0V
BOTTOM 2.5V
2.5V
1
10
100
1000
0.1
1
10
100
V
, D rain-to-Source Voltage (V)
DS
A
20µ s PU LSE W IDTH
T = 175°C
VGS
TOP
15V
12V
10V
8.0V
6.0V
4.0V
3.0V
BOTTOM 2.5V
2.5V
J
1
10
100
1000
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
T = 25°C
J
GS
V
, Gate-to-Source Voltage (V)
T = 175°C
J
A
V
= 50V
20µs PU LSE W ID TH
DS
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-60 -40 -20
0
20
40
60
80 100 120 140 160 180
J
T , Junction Tem perature (°C )
V
= 10V
GS
A
I
= 48A
D


Número de pieza similar - IRL2910SPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRL2910SPBF IRF-IRL2910SPBF Datasheet
690Kb / 11P
   ADVANCED PROCESS TECHNOLOGY
IRL2910SPBF IRF-IRL2910SPBF_15 Datasheet
690Kb / 11P
   ADVANCED PROCESS TECHNOLOGY
More results

Descripción similar - IRL2910SPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com