Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI9976DY-T1 Datasheet(PDF) 5 Page - Vishay Siliconix

No. de pieza SI9976DY-T1
Descripción Electrónicos  N-Channel Half-Bridge Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9976DY-T1 Datasheet(HTML) 5 Page - Vishay Siliconix

  SI9976DY-T1 Datasheet HTML 1Page - Vishay Siliconix SI9976DY-T1 Datasheet HTML 2Page - Vishay Siliconix SI9976DY-T1 Datasheet HTML 3Page - Vishay Siliconix SI9976DY-T1 Datasheet HTML 4Page - Vishay Siliconix SI9976DY-T1 Datasheet HTML 5Page - Vishay Siliconix SI9976DY-T1 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Si9976
Vishay Siliconix
Document Number: 70016
S-40757—Rev. F, 19-Apr-04
www.vishay.com
5
DETAILED DESCRIPTION
Power On Conditioning
Bootstrap-type floating supplies require that the bootstrap
capacitor be charged at power on. In the case of the Si9976,
this is accomplished by pulsing the IN line low with the EN line
held high, thus turning on the low-side MOSFET and providing
the charging path for the capacitor.
Operating Voltage: 20 to 40 V
The Si9976 is intended to be powered by a single power
supply within the range of 20 to 40 V and is designed to drive
a totem pole pair of NMOS power transistors such as those
within the Si9955. The power transistors must be powered by
the same power supply as this driver. In addition to the
high-voltage power supply (20 to 40 V), the Si9976 must have
a power supply connected to the VCC terminal, if a fault output
signal is desired. This power supply provides operating
voltage for the fault output and allows the high output voltage
level to be compatible with system logic that monitors the fault
condition. The value of this power supply must be within the
range of 4.5 to 16.5 V to ensure functionality of the output.
Internal fault circuitry, which is used for shorted-load
protection, is not affected by this power supply.
Cross-Conduction Protection
The high-side power transistor can only be turned on after a
fixed time delay following the return to ground of the low-side
power transistor’s gate. The low-side transistor can only be
turned on after a fixed time delay following the high-side
transistor turn-off signal.
Undervoltage Lockout
During power up, both power transistors are held off until the
internal regulated power supply, VDD, is approximately one
Vbe from the final value, nominally 16 V. After power up, the
undervoltage lockout circuitry continues to monitor VDD. If an
undervoltage condition occurs, both the high-side and
low-side transistors will be turned off and the fault output will be
set high. When the undervoltage condition no longer exists,
normal function will resume automatically. Separate voltage
sensing of the bootstrap capacitor voltage allows a turn-on
signal to be sent to the high-side drive circuit if either the
bootstrap capacitor has full voltage, or the load voltage is high
(driven high by an inductive load or shorted high). The voltage
sensing circuit will allow the high-side power transistor to turn
on if an on signal is present and the voltage on the bootstrap
capacitor rises from undervoltage to operating voltage.
Short Circuit Protection
This device is intended to be used only in a half-bridge which
drives inductive loads. A shorted load is presumed if the load
voltage does not make the intended transition within an
allotted time.
Separate timing is provided for the two
transitions. A longer time is allowed for the high-side to turn on
(300 ns vs. 200 ns) since the propagation delays are longer.
Excessive capacitive loading can be interpreted as a short.
The value of capacitance that is needed to produce the
indication of a short depends on the load driving capability of
the power transistors.
ESD Protection
Electrostatic discharge protection devices are between VDD
and GND, VCC and GND, and from terminals IN, EN, G2, and
FAULT to both VDD and GND. V+, CAP, S1, and G1 are not
ESD protected.
Fault Feedback
Detection of a shorted load sets a latch which turns off both the
high-side and the low-side power transistors. If VCC is present,
a one level will be present on the FAULT output. To reset the
system, the enable input, EN, must be lowered to a logic zero
and then raised to a logic one. The logic level of the input, IN,
will determine which power transistor will be turned on first after
reset. An undervoltage condition on VDD is not latched, but
causes a one level on the FAULT output, if VCC is present.
Static (dc) Operation
All components of a charge pump, except the holding
(bootstrap) capacitor, are included in the circuit. This charge
pump will provide current that is sufficient to overcome any
leakage currents which would reduce the enhancement
voltage of the high-side power transistor while it is on. This
allows the high-side power transistor to be on continuously.
When the low-side power transistor is turned on, additional
charge is restored to the bootstrap capacitor, if needed. The
maximum switching speed of the system at 50% duty cycle is
limited by the on time of the low-side power transistor. During
this time, the bootstrap capacitor charge must be restored.
However, if the duty cycle is skewed so that the on time of the
high-side power transistor is long enough for the charge pump
to completely restore the charge lost during switching, then the
on time of the low-side power transistor is not restricted.


Número de pieza similar - SI9976DY-T1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI9976DY VISHAY-SI9976DY Datasheet
113Kb / 5P
   N-Channel Half-Bridge Driver
Rev. E, 05-Apr-99
More results

Descripción similar - SI9976DY-T1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI9976DY VISHAY-SI9976DY Datasheet
113Kb / 5P
   N-Channel Half-Bridge Driver
Rev. E, 05-Apr-99
SI9976 VISHAY-SI9976_V01 Datasheet
106Kb / 7P
   N-Channel Half-Bridge Driver
01-Jan-2022
logo
Linear Dimensions Semic...
LT1158ISW LINEAR_DIMENSIONS-LT1158ISW Datasheet
250Kb / 22P
   Half Bridge N-Channel Power MOSFET Driver
logo
Linear Technology
LT1158 LINER-LT1158_15 Datasheet
250Kb / 22P
   Half Bridge N-Channel Power MOSFET Driver
logo
Linear Dimensions Semic...
LT1158CSW LINEAR_DIMENSIONS-LT1158CSW Datasheet
250Kb / 22P
   Half Bridge N-Channel Power MOSFET Driver
logo
Linear Technology
LT1158 LINER-LT1158 Datasheet
426Kb / 20P
   Half Bridge N-Channel Power MOSFET Driver
logo
Toshiba Semiconductor
TB67Z800FTG TOSHIBA-TB67Z800FTG Datasheet
382Kb / 18P
   3-channel Half Bridge Driver
2018-03-16
logo
ON Semiconductor
NCV7725B ONSEMI-NCV7725B Datasheet
563Kb / 27P
   10 Channel Half-Bridge Driver
January, 2020 ??Rev. 0
logo
International Rectifier
IRS2308 IRF-IRS2308 Datasheet
387Kb / 21P
   HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
   HALF-BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com