Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M27C2001-15N1X Datasheet(PDF) 5 Page - STMicroelectronics

No. de pieza M27C2001-15N1X
Descripción Electrónicos  2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C2001-15N1X Datasheet(HTML) 5 Page - STMicroelectronics

  M27C2001-15N1X Datasheet HTML 1Page - STMicroelectronics M27C2001-15N1X Datasheet HTML 2Page - STMicroelectronics M27C2001-15N1X Datasheet HTML 3Page - STMicroelectronics M27C2001-15N1X Datasheet HTML 4Page - STMicroelectronics M27C2001-15N1X Datasheet HTML 5Page - STMicroelectronics M27C2001-15N1X Datasheet HTML 6Page - STMicroelectronics M27C2001-15N1X Datasheet HTML 7Page - STMicroelectronics M27C2001-15N1X Datasheet HTML 8Page - STMicroelectronics M27C2001-15N1X Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5/16
M27C2001
Table 7. Read Mode DC Characteristics (1)
(TA = 0 to 70
°C or –40 to 85 °C; VCC =5V ± 5% or 5V ± 10%; VPP =VCC)
Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
2. Maximum DC voltage on Output is VCC +0.5V.
Table 8A. Read Mode AC Characteristics (1)
(TA = 0 to 70
°C or –40 to 85 °C; VCC =5V ± 5% or 5V ± 10%; VPP =VCC)
Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
2. Sampled only, not 100% tested.
3. In case of 45ns speed see High Speed AC measurament conditions.
Symbol
Parameter
Test Condition
Min
Max
Unit
ILI
Input Leakage Current
0V
≤ VIN ≤ VCC
±10
µA
ILO
Output Leakage Current
0V
≤ VOUT ≤ VCC
±10
µA
ICC
Supply Current
E= VIL,G= VIL,
IOUT = 0mA, f = 5MHz
30
mA
ICC1
Supply Current (Standby) TTL
E = VIH
1mA
ICC2
Supply Current (Standby) CMOS
E> VCC – 0.2V
100
µA
IPP
Program Current
VPP =VCC
10
µA
VIL
Input Low Voltage
–0.3
0.8
V
VIH
(2)
Input High Voltage
2
VCC +1
V
VOL
Output Low Voltage
IOL = 2.1mA
0.4
V
VOH
Output High Voltage TTL
IOH = –400µA
2.4
V
Output High Voltage CMOS
IOH = –100µAVCC – 0.7V
V
Symbol
Alt
Parameter
Test Condition
M27V2001
Unit
-55 (3)
-70
-80
-90
Min
Max
Min
Max
Min
Max
Min
Max
tAVQV
tACC
Address Valid to
Output Valid
E= VIL,G = VIL
55
70
80
90
ns
tELQV
tCE
Chip Enable Low to
Output Valid
G= VIL
55
70
80
90
ns
tGLQV
tOE
Output Enable Low
to Output Valid
E= VIL
30
35
40
40
ns
tEHQZ
(2)
tDF
Chip Enable High to
Output Hi-Z
G= VIL
0
30
0
30
0
30
0
30
ns
tGHQZ
(2)
tDF
Output Enable High
to Output Hi-Z
E= VIL
0
30
0
30
0
30
0
30
ns
tAXQX
tOH
Address Transition to
Output Transition
E= VIL,G = VIL
000
0
ns


Número de pieza similar - M27C2001-15N1X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
M27C2001-15N1TR STMICROELECTRONICS-M27C2001-15N1TR Datasheet
227Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
More results

Descripción similar - M27C2001-15N1X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
M27C2001-12C1 STMICROELECTRONICS-M27C2001-12C1 Datasheet
261Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27C2001 STMICROELECTRONICS-M27C2001_06 Datasheet
227Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27W201 STMICROELECTRONICS-M27W201_06 Datasheet
231Kb / 24P
   2 Mbit (256Kb x 8) Low Voltage UV EPROM and OTP EPROM
April 2006 Rev 4
M27V201 STMICROELECTRONICS-M27V201 Datasheet
103Kb / 15P
   2 Mbit (256Kb x 8) Low Voltage UV EPROM and OTP EPROM
May 1998
M27W201 STMICROELECTRONICS-M27W201 Datasheet
170Kb / 16P
   2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM
M27C4002 STMICROELECTRONICS-M27C4002 Datasheet
196Kb / 18P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C4002 STMICROELECTRONICS-M27C4002_06 Datasheet
225Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C4002-10C1 STMICROELECTRONICS-M27C4002-10C1 Datasheet
236Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C801 STMICROELECTRONICS-M27C801 Datasheet
153Kb / 16P
   8 Mbit 1Mb x 8 UV EPROM and OTP EPROM
M27C801 STMICROELECTRONICS-M27C801_07 Datasheet
207Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com