Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI9979 Datasheet(PDF) 5 Page - Vishay Siliconix

No. de pieza SI9979
Descripción Electrónicos  3-Phase Brushless DC Motor Controller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9979 Datasheet(HTML) 5 Page - Vishay Siliconix

  SI9979_04 Datasheet HTML 1Page - Vishay Siliconix SI9979_04 Datasheet HTML 2Page - Vishay Siliconix SI9979_04 Datasheet HTML 3Page - Vishay Siliconix SI9979_04 Datasheet HTML 4Page - Vishay Siliconix SI9979_04 Datasheet HTML 5Page - Vishay Siliconix SI9979_04 Datasheet HTML 6Page - Vishay Siliconix SI9979_04 Datasheet HTML 7Page - Vishay Siliconix SI9979_04 Datasheet HTML 8Page - Vishay Siliconix SI9979_04 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Si9979
Vishay Siliconix
Document Number: 70012
S-41209—Rev. E, 21-Jun-04
www.vishay.com
5
PIN DESCRIPTION (CONT’D)
Pin 9: BRK
With this input at logic “1”, the top MOSFETs are turned off and
the bottom MOSFETs are turned on, shorting the motor
windings together. This provides a braking torque which is
dependent on the motor speed. This is the default condition as
this pin is pulled up internally. When this pin is pulled to ground,
the MOSFETs are allowed to follow the commutation
sequence.
Pin 10: TACH
This output provides a minimum 300-nanosecond output
pulse for every commutation sensor transition, yielding a 6
pulse per electrical revolution tachometer signal. This output
is open drain.
Pin 11: FAULT
The FAULT output switches low to indicate that at least one of
the following conditions exists, controller disable (EN),
undervoltage lockout, invalid commutation sensor code
shutdown, or overcurrent shutdown. This output is open drain.
Pin 17: RT/CT
The junction of the current limit one shot timing resistor and
capacitor is connected to this pin. This one-shot is triggered by
the current limit comparator when an overcurrent condition
exists. This action turns off all the gate drives for the period
defined by RT and CT, thus stopping the flow of current.
Pin 18: RT
One side of the current limit one shot timing resistor is
connected to this pin.
Pin 19: IS+
This is the sensing input of the current limit comparator and
should be connected to the positive side of the current sense
resistor. When the voltage across the current sense resistor
exceeds 100 mV, the comparator switches and triggers the
current limit one-shot. The one-shot turns off all the gate drives
for the period defined by RT and CT, thus stopping the flow of
current. If the overcurrent condition remains after the
shutdown period, the gate drives will be held off until the
overcurrent condition no longer exists.
Pin 20: IS
This pin is the ground reference for the current limit
comparator. It should be connected directly to the ground side
of the current sense resistor to enhance noise immunity.
Pins 12−16: 21−24, 37−41, 44−48, GND
These pins are the return path for both the logic and gate drive
circuits. Also, they serve to conduct heat out of the package,
into the circuit board.
Pin 25: GBC
This is the gate drive output for the bottom MOSFET in
Phase C.
Pin 26: GTC
This is the gate drive output for the top MOSFET in Phase C.
Pin 27: SC
This pin is negative supply of the high-side drive circuitry. As
such, it is the connection for the negative side of the bootstrap
capacitor, the top MOSFET Source, the bottom MOSFET
Drain, and the Phase C output.
Pin 28: CAPC
This pin is the positive supply of the high-side circuitry. The
bootstrap capacitor for Phase C is connected between this pin
and SC.
Pin 29: GBB
This is the gate drive output for the bottom MOSFET in Phase
B.
Pin 30: GTB
This is the gate drive output for the top MOSFET in Phase B.
Pin 31: SB
This pin is negative supply of the high-side drive circuitry. As
such, it is the connection for the negative side of the bootstrap
capacitor, the top MOSFET Source, the bottom MOSFET
Drain, and the Phase B output.
Pin 32: CAPB
This pin is the positive supply of the high-side circuitry. The
bootstrap capacitor for Phase B is connected between this pin
and SB.
Pin 33: GBA
This is the gate drive output for the bottom MOSFET in
Phase A.


Número de pieza similar - SI9979_04

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI9979 VISHAY-SI9979_V01 Datasheet
331Kb / 10P
   3-Phase Brushless DC Motor Controller
01-Jan-2022
More results

Descripción similar - SI9979_04

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI9979 VISHAY-SI9979 Datasheet
270Kb / 7P
   3-Phase Brushless DC Motor Controller
Rev. D, 05-Apr-99
SI9979 VISHAY-SI9979_V01 Datasheet
331Kb / 10P
   3-Phase Brushless DC Motor Controller
01-Jan-2022
logo
PADAUK Technology.
DF339 PADAUK-DF339 Datasheet
734Kb / 11P
   3-Phase Brushless DC Motor Controller
MF520 PADAUK-MF520 Datasheet
619Kb / 12P
   3-Phase Brushless DC Motor Controller
MF616 PADAUK-MF616 Datasheet
511Kb / 11P
   3-Phase Brushless DC Motor Controller
DF329 PADAUK-DF329 Datasheet
744Kb / 17P
   3-Phase Brushless DC Motor Controller
DF319 PADAUK-DF319 Datasheet
307Kb / 12P
   3-Phase Brushless DC Motor Controller
logo
Allegro MicroSystems
2936-120 ALLEGRO-2936-120 Datasheet
211Kb / 10P
   3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER
logo
New Japan Radio
NJW4305 NJRC-NJW4305 Datasheet
157Kb / 1P
   PWM 3-PHASE DC BRUSHLESS MOTOR CONTROLLER
logo
Fairchild Semiconductor
FCM8201 FAIRCHILD-FCM8201 Datasheet
689Kb / 21P
   3-Phase Sinusoidal Brushless DC Motor Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com