Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74AHC245BQ Datasheet(PDF) 9 Page - NXP Semiconductors |
|
74AHC245BQ Datasheet(HTML) 9 Page - NXP Semiconductors |
9 / 16 page 74AHC_AHCT245_3 © NXP B.V. 2007. All rights reserved. Product data sheet Rev. 03 — 25 September 2007 9 of 16 NXP Semiconductors 74AHC245; 74AHCT245 Octal bus transceiver; 3-state Measurement points are given in Table 8. VOL and VOH are typical voltage output levels that occur with the output load. Fig 6. enable and disable times mna367 tPLZ tPHZ outputs disabled outputs enabled VY VX outputs enabled output LOW-to-OFF OFF-to-LOW output HIGH-to-OFF OFF-to-HIGH OE input VI VOL VOH VCC VM GND GND tPZL tPZH VM VM Table 8: Measurement points Type Input Output VM VM VX VY 74AHC245 0.5VCC 0.5VCC VOL + 0.3 V VOH − 0.3 V 74AHCT245 1.5 V 0.5VCC VOL + 0.3 V VOH − 0.3 V |
Número de pieza similar - 74AHC245BQ |
|
Descripción similar - 74AHC245BQ |