Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA5050RSATG4 Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza TPA5050RSATG4
Descripción Electrónicos  STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPA5050RSATG4 Datasheet(HTML) 3 Page - Texas Instruments

  TPA5050RSATG4 Datasheet HTML 1Page - Texas Instruments TPA5050RSATG4 Datasheet HTML 2Page - Texas Instruments TPA5050RSATG4 Datasheet HTML 3Page - Texas Instruments TPA5050RSATG4 Datasheet HTML 4Page - Texas Instruments TPA5050RSATG4 Datasheet HTML 5Page - Texas Instruments TPA5050RSATG4 Datasheet HTML 6Page - Texas Instruments TPA5050RSATG4 Datasheet HTML 7Page - Texas Instruments TPA5050RSATG4 Datasheet HTML 8Page - Texas Instruments TPA5050RSATG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
TPA5050
SLOS492B – MAY 2006 – REVISED MAY 2007
over operating free-air temperature (unless otherwise noted) (1)
VALUE
UNIT
VDD
Supply voltage
–0.3 to 3.6
V
DATA, LRCLK, BCLK, SCL, SDA
–0.3 to 5.5
V
VI
Input voltage
ADD[2:0]
–0.3 to VDD+0.3
Continuous total power dissipation
See Dissipation Rating Table
TA
Operating free-air temperature range
–40 to 85
°C
TJ
Operating junction temperature range
–40 to 125
°C
Tstg
Storage temperature range
–65 to 125
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operations of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
PACKAGE
TA≤ 25°C
DERATING
TA = 70°C
TA = 85°C
POWER RATING
FACTOR
POWER RATING
POWER RATING
RSA
2.5 W
25mW/
°C
1.375 W
1.0 W
(1)
This data was taken using 1 oz trace and copper pad that is soldered directly to a JEDEC standard high-k PCB. The thermal pad must
be soldered to a thermal land on the printed-circuit board. See TI Technical Briefs SCBA017D and SLUA271 for more information about
using the QFN thermal pad.
MIN
MAX
UNIT
VDD
Supply voltage
VDD
3
3.6
V
VIH
High-level input voltage
DATA, LRCLK, BCLK, SCL, SDA, ADD[2:0]
2
V
VIL
Low-level input voltage
DATA, LRCLK, BCLK, SCL, SDA, ADD[2:0]
0.8
V
TA
Operating free-air temperature
–40
85
°C
3
Submit Documentation Feedback


Número de pieza similar - TPA5050RSATG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA5050RSATG4 TI-TPA5050RSATG4 Datasheet
486Kb / 17P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050RSATG4 TI-TPA5050RSATG4 Datasheet
859Kb / 21P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
More results

Descripción similar - TPA5050RSATG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA5050 TI-TPA5050_07 Datasheet
859Kb / 21P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050 TI-TPA5050 Datasheet
486Kb / 17P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5052 TI-TPA5052 Datasheet
261Kb / 10P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY
TPA5051 TI-TPA5051_07 Datasheet
794Kb / 21P
[Old version datasheet]   FOUR CHANNEL DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5051 TI-TPA5051 Datasheet
511Kb / 19P
[Old version datasheet]   FOUR CHANNEL DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
logo
Renesas Technology Corp
R2S15901SP RENESAS-R2S15901SP Datasheet
200Kb / 8P
   Digital Delay IC for Lip Sync
logo
Nippon Precision Circui...
SM5921A NPC-SM5921A Datasheet
152Kb / 27P
   8-channel Lip Sync Delay
logo
Sanyo Semicon Device
LC75051E SANYO-LC75051E Datasheet
82Kb / 9P
   CMOS IC Lip-Sync Enabling Audio DSP
logo
New Japan Radio
NJU26901 NJRC-NJU26901 Datasheet
106Kb / 8P
   Digital Audio Delay
logo
Texas Instruments
TPA0152 TI1-TPA0152_16 Datasheet
967Kb / 36P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com