Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM317MDCY Datasheet(PDF) 1 Page - Texas Instruments |
|
|
LM317MDCY Datasheet(HTML) 1 Page - Texas Instruments |
1 / 14 page www.ti.com FEATURES KTP PACKAGE (TOP VIEW) INPUT ADJUST DCY PACKAGE (TOP VIEW) INPUT OUTPUT ADJUST KVU (TO-252) PACKAGE (TOP VIEW) OUTPUT INPUT ADJUST DESCRIPTION/ORDERING INFORMATION LM317M 3-TERMINAL ADJUSTABLE REGULATOR SLVS297O – APRIL 2000 – REVISED JULY 2006 • Output Voltage Range Adjustable From • Q Devices Meet Automotive Performance 1.25 V to 37 V Requirements • Output Current Greater Than 500 mA • Customer-Specific Configuration Control Can Be Supported for Q Devices Along With • Internal Short-Circuit Current Limiting Major-Change Approval • Thermal-Overload Protection • Output Safe-Area Compensation The LM317M is an adjustable 3-terminal positive-voltage regulator capable of supplying more than 500 mA over an output-voltage range of 1.25 V to 37 V. The LM317M is exceptionally easy to use and requires only two external resistors to set the output voltage. Furthermore, both line and load regulation are better than standard fixed regulators. In addition to having higher performance than fixed regulators, the device includes on-chip current limiting, thermal-overload protection, and safe-operating-area protection. All overload protection remains fully functional if the ADJUST terminal is disconnected. Normally, no capacitors are needed unless the device is more than six inches from the input filter capacitors, in which case an input bypass capacitor is needed. An optional output capacitor can be added to improve transient response. The ADJUST terminal can be bypassed to achieve high ripple-rejection ratios, which are difficult to achieve with standard three-terminal regulators. ORDERING INFORMATION TJ PACKAGE(1) ORDERABLE PART NUMBER TOP-SIDE MARKING PowerFLEX™ – KTP Reel of 2000 LM317MKTPR LM317M Tube of 80 LM317MDCY 0 °C to 125°C SOT – DCY L4 Reel of 2500 LM317MDCYR TO-252 – KVU Reel of 2500 LM317MKVURG3 LM317M PowerFLEX – KTP Reel of 2000 LM317MQKTPR 317MQ –40 °C to 125°C LM317MQDCYR L5 SOT – DCY Reel of 2500 LM317MQDCYRG3 L8 (1) Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PowerFLEX is a trademark of Texas Instruments. PRODUCTION DATA information is current as of publication date. Copyright © 2000–2006, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Número de pieza similar - LM317MDCY |
|
Descripción similar - LM317MDCY |