Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74CBT6800ADW Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza SN74CBT6800ADW
Descripción Electrónicos  10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74CBT6800ADW Datasheet(HTML) 1 Page - Texas Instruments

  SN74CBT6800ADW Datasheet HTML 1Page - Texas Instruments SN74CBT6800ADW Datasheet HTML 2Page - Texas Instruments SN74CBT6800ADW Datasheet HTML 3Page - Texas Instruments SN74CBT6800ADW Datasheet HTML 4Page - Texas Instruments SN74CBT6800ADW Datasheet HTML 5Page - Texas Instruments SN74CBT6800ADW Datasheet HTML 6Page - Texas Instruments SN74CBT6800ADW Datasheet HTML 7Page - Texas Instruments SN74CBT6800ADW Datasheet HTML 8Page - Texas Instruments SN74CBT6800ADW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SN74CBT6800A
10-BIT FET BUS SWITCH
WITH PRECHARGED OUTPUTS
SCDS005N – MARCH 1993 – REVISED MARCH 2001
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 5-Ω Switch Connection Between Two Ports
D TTL-Compatible Input Levels
D Outputs Are Precharged by Bias Voltage to
Minimize Signal Distortion During Live
Insertion
description
The
SN74CBT6800A
provides
ten
bits
of
high-speed TTL-compatible bus switching. The
low on-state resistance of the switch allows
bidirectional connections to be made while adding
near-zero propagation delay. The device also
precharges the B port to a user-selectable
bias voltage (BIASV) to minimize live-insertion
noise.
The SN74CBT6800A is organized as one 10-bit switch with a single enable (ON) input. When ON is low, the
switch is on, and port A is connected to port B. When ON is high, the switch between port A and port B is open.
When ON is high or VCC is 0 V, B port is precharged to BIASV through the equivalent of a 10-kΩ resistor.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
SOIC
DW
Tube
SN74CBT6800ADW
CBT6800A
SOIC – DW
Tape and reel
SN74CBT6800ADWR
CBT6800A
40
°Cto85°C
SSOP – DB
Tape and reel
SN74CBT6800ADBR
CT6800A
–40
°C to 85°C
SSOP (QSOP) – DBQ
Tape and reel
SN74CBT6800ADBQR
CBT6800A
TSSOP – PW
Tape and reel
SN74CBT6800APWR
CT6800A
TVSOP – DGV
Tape and reel
SN74CBT6800ADGVR
CT6800A
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
FUNCTION TABLE
INPUT
ON
FUNCTION
L
A port = B port
H
A port = Z
B port = BIASV
DB, DBQ, DGV, DW, OR PW PACKAGE
(TOP VIEW)
ON
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
GND
VCC
B1
B2
B3
B4
B5
B6
B7
B8
B9
B10
BIASV
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2001, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Número de pieza similar - SN74CBT6800ADW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74CBT6800ADW TI-SN74CBT6800ADW Datasheet
56Kb / 4P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
SN74CBT6800ADW TI1-SN74CBT6800ADW Datasheet
858Kb / 14P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
SN74CBT6800ADWR TI1-SN74CBT6800ADWR Datasheet
858Kb / 14P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
More results

Descripción similar - SN74CBT6800ADW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74CBT6800A TI-SN74CBT6800A Datasheet
56Kb / 4P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
SN74CBT6800A TI1-SN74CBT6800A_16 Datasheet
858Kb / 14P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
SN74CB3Q6800 TI1-SN74CB3Q6800_15 Datasheet
853Kb / 17P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
logo
Pericom Semiconductor C...
PI5C6800C PERICOM-PI5C6800C Datasheet
370Kb / 5P
   10-Bit Bus Switch with Precharged Outputs
PI5C6800 PERICOM-PI5C6800 Datasheet
353Kb / 5P
   10-Bit Bus Switch with Precharged Outputs
logo
Integrated Device Techn...
IDT74FST6800 IDT-IDT74FST6800 Datasheet
57Kb / 5P
   10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
IDT74FST6800 IDT-IDT74FST6800_15 Datasheet
100Kb / 5P
   10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
logo
Renesas Technology Corp
IDT74FST6800 RENESAS-IDT74FST6800 Datasheet
273Kb / 6P
   10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
APRIL 2015
logo
Texas Instruments
SN74CBT16800 TI1-SN74CBT16800 Datasheet
71Kb / 5P
[Old version datasheet]   20-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
SN74CBTS6800 TI-SN74CBTS6800 Datasheet
57Kb / 4P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS AND SCHOTTKY DIODE CLAMPING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com