Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74LS76A Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza SN74LS76A
Descripción Electrónicos  Dual JK Flip-Flop with Set and Clear
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SN74LS76A Datasheet(HTML) 1 Page - ON Semiconductor

  SN74LS76A_01 Datasheet HTML 1Page - ON Semiconductor SN74LS76A_01 Datasheet HTML 2Page - ON Semiconductor SN74LS76A_01 Datasheet HTML 3Page - ON Semiconductor SN74LS76A_01 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2001
October, 2001 – Rev. 7
1
Publication Order Number:
SN74LS76A/D
SN74LS76A
Dual JK Flip-Flop
with Set and Clear
The SN74LS76A offers individual J, K, Clock Pulse, Direct Set and
Direct Clear inputs. These dual flip-flops are designed so that when
the clock goes HIGH, the inputs are enabled and data will be accepted.
The Logic Level of the J and K inputs will perform according to the
Truth Table as long as minimum set-up times are observed. Input data
is transferred to the outputs on the HIGH-to-LOW clock transitions.
MODE SELECT – TRUTH TABLE
OPERATING
INPUTS
OUTPUTS
OPERATING
MODE
SD
CD
J
K
Q
Q
Set
Reset (Clear)
*Undetermined
Toggle
Load “0” (Reset)
Load “1” (Set)
Hold
L
H
L
H
H
H
H
H
L
L
H
H
H
H
X
X
X
h
l
h
l
X
X
X
h
h
l
l
H
L
H
q
L
H
q
L
H
H
q
H
L
q
*
Both outputs will be HIGH while both SD and CD are LOW, but the output
states are unpredictable if SD and CD go HIGH simultaneously.
H, h = HIGH Voltage Level
L, I = LOW Voltage Level
X = Immaterial
l, h (q) = Lower case letters indicate the state of the referenced input
i, h (q) = (or output) one setup time prior to the HIGH–to–LOW clock transition
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
4.75
5.0
5.25
V
TA
Operating Ambient
Temperature Range
0
25
70
°C
IOH
Output Current – High
–0.4
mA
IOL
Output Current – Low
8.0
mA
LOW
POWER
SCHOTTKY
SOIC
D SUFFIX
CASE 751B
PLASTIC
N SUFFIX
CASE 648
16
1
16
1
Device
Package
Shipping
ORDERING INFORMATION
SN74LS76AN
16 Pin DIP
2000 Units/Box
SN74LS76AD
SOIC–16
38 Units/Rail
SN74LS76ADR2
SOIC–16
2500/Tape & Reel
http://onsemi.com


Número de pieza similar - SN74LS76A_01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
SN74LS76AD ONSEMI-SN74LS76AD Datasheet
93Kb / 4P
   LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
logo
Texas Instruments
SN74LS76AD TI-SN74LS76AD Datasheet
531Kb / 13P
[Old version datasheet]   DUAL J-K FLIP-FLOPS WITH PRESET AND CLEAR
SN74LS76AD TI1-SN74LS76AD Datasheet
477Kb / 14P
[Old version datasheet]   DUAL J-K FLIP-FLOPS WITH PRESET AND CLEAR
SN74LS76ADR TI-SN74LS76ADR Datasheet
531Kb / 13P
[Old version datasheet]   DUAL J-K FLIP-FLOPS WITH PRESET AND CLEAR
SN74LS76ADR TI1-SN74LS76ADR Datasheet
477Kb / 14P
[Old version datasheet]   DUAL J-K FLIP-FLOPS WITH PRESET AND CLEAR
More results

Descripción similar - SN74LS76A_01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
SN54LS76A MOTOROLA-SN54LS76A Datasheet
63Kb / 2P
   DUAL JK FLIP-FLOP WITH SET AND CLEAR
MC74HC76 MOTOROLA-MC74HC76 Datasheet
148Kb / 5P
   Dual JK Flip-Flop With Set and Reset
logo
Hitachi Semiconductor
HD74AC107 HITACHI-HD74AC107 Datasheet
57Kb / 10P
   Dual JK Flip-Flop (with Separate Clear and Clock)
logo
Renesas Technology Corp
HD74AC107 RENESAS-HD74AC107 Datasheet
214Kb / 7P
   Dual JK Flip-Flop (with Separate Clear and Clock)
logo
ON Semiconductor
MC74LVX74 ONSEMI-MC74LVX74_14 Datasheet
113Kb / 7P
   Dual D-Type Flip-Flop with Set and Clear
August, 2014 ??Rev. 5
logo
Nexperia B.V. All right...
74HCT112 NEXPERIA-74HCT112 Datasheet
267Kb / 16P
   Dual JK flip-flop with set and reset; negative-edge trigger
Rev. 4 - 11 January 2021
logo
NXP Semiconductors
74HC112 PHILIPS-74HC112 Datasheet
106Kb / 15P
   Dual JK flip-flop with set and reset; negative-edge trigger
1998 Jun 10
logo
Nexperia B.V. All right...
74HCT109 NEXPERIA-74HCT109 Datasheet
271Kb / 16P
   Dual JK flip-flop with set and reset; positive-edge-trigger
Rev. 5 - 5 August 2021
logo
NXP Semiconductors
74HC109 PHILIPS-74HC109 Datasheet
65Kb / 9P
   Dual JK flip-flop with set and reset; positive-edge trigger
1997 Nov 25
logo
Nexperia B.V. All right...
74HCT109-Q100 NEXPERIA-74HCT109-Q100 Datasheet
257Kb / 16P
   Dual JK flip-flop with set and reset; positive-edge-trigger
Rev. 2 - 1 April 2020
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com