Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST72361 Datasheet(PDF) 9 Page - STMicroelectronics

No. de pieza ST72361
Descripción Electrónicos  8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI?
Download  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST72361_07 Datasheet HTML 5Page - STMicroelectronics ST72361_07 Datasheet HTML 6Page - STMicroelectronics ST72361_07 Datasheet HTML 7Page - STMicroelectronics ST72361_07 Datasheet HTML 8Page - STMicroelectronics ST72361_07 Datasheet HTML 9Page - STMicroelectronics ST72361_07 Datasheet HTML 10Page - STMicroelectronics ST72361_07 Datasheet HTML 11Page - STMicroelectronics ST72361_07 Datasheet HTML 12Page - STMicroelectronics ST72361_07 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 224 page
background image
ST72361
9/224
23
14
11
PB6 / AIN2 /
T16_OCMP1
I/O CT
X
X
RB
X
X
Port B6
TIM16 Out-
put Com-
pare 1
ADC Analog
Input 2
24
15
-
VSS_2
S
Digital Ground Voltage
25
16
-
VDD_2
S
Digital Main Supply Voltage
26
17
12
PB7 /AIN3 /
T16_OCMP2
I/O CT
X
X
RB
X
X
Port B7
TIM16 Out-
put Com-
pare 2
ADC Analog
Input 3
27
18
13
PC0 / AIN4 /
T16_ICAP1
I/O CT
X
X
RB
X
X
Port C0
TIM16 Input
Capture 1
ADC Analog
Input 4
28
19
14
PC1 (HS) / T16_ICAP2 I/O CT HS
X
ei2
X
X
Port C1
TIM16 Input Capture 2
29
20
15
PC2 (HS) /
T16_EXTCLK
I/O CT HS
X
ei2
X
X
Port C2
TIM16 External Clock input
30
21
-
PE4
I/O TT
X
X
X
X
Port E4
31
-
-
NC
Not Connected
32
22
16
VPP
I
Flash programming voltage. Must be
tied low in user mode.
33
23
17
PC3
I/O CT
X
X
X
X
Port C3
34
24
18
PC4
I/O CT
X
X2) Port C4
35
-
-
PE5
I/O TT
X
X
X
X
Port E5
36
25
-
PE6 / AIN5
I/O TT
X
X
X
X
X
Port E6
ADC Analog Input 5
37
26
19
PC5 /MISO
I/O CT
X
X
X
X
Port C5
SPI Master In/Slave Out
38
27
20
PC6 / MOSI
I/O CT
X
X
X
X
Port C6
SPI Master Out/Slave In
39
28
21
PC7 /SCK
I/O CT
X
X
X
X
Port C7
SPI Serial Clock
40
-
-
VSS_1
S
Digital Ground Voltage
41
-
-
VDD_1
S
Digital Main Supply Voltage
42
29
22
PD0 / SS/ AIN6
I/O CT
X
ei3
X
X
X
Port D0
SPI Slave
Select
ADC Analog
Input 6
43
-
-
PE7
I/O TT
X
X
X
X
Port E7
44
-
-
PF0
I/O TT
X
X
X
X
Port F0
45
30
-
PF1 / AIN7
I/O TT
X
X
X
X
X
Port F1
ADC Analog Input 7
46
31
-
PF2 / AIN8
I/O TT
X
X
X
X
X
Port F2
ADC Analog Input 8
47
32
23
PD1 / SCI1_RDI
I/O CT
X
ei3
X
X
Port D1
LINSCI1 Receive Data in-
put
48
33
24
PD2 / SCI1_TDO
I/O CT
X
X
X
X
Port D2
LINSCI1 Transmit Data
output
49
-
-
PF3 / AIN9
I/O TT
X
X
X
X
X
Port F3
ADC Analog Input 9
50
-
-
PF4
I/O TT
X
X
X
X
Port F4
51
-
-
TLI
I
CT
X
X
Top level interrupt input pin
52
34
-
PF5
I/O TT
X
X
X
X
Port F5
53
35
25
PD3 (HS) / SCI2_SCK
I/O CT HS
X
X
X
X
Port D3
LINSCI2 Serial Clock Out-
put
Pin n°
Pin Name
Level
Port
Main
function
(after
reset)
Alternate function
Input
Output


Número de pieza similar - ST72361_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST72361AR4-Auto STMICROELECTRONICS-ST72361AR4-Auto Datasheet
2Mb / 279P
   Clock, reset and supply management
August 2010 Rev 3
ST72361AR6-Auto STMICROELECTRONICS-ST72361AR6-Auto Datasheet
2Mb / 279P
   Clock, reset and supply management
August 2010 Rev 3
ST72361AR7-Auto STMICROELECTRONICS-ST72361AR7-Auto Datasheet
2Mb / 279P
   Clock, reset and supply management
August 2010 Rev 3
ST72361AR9-Auto STMICROELECTRONICS-ST72361AR9-Auto Datasheet
2Mb / 279P
   Clock, reset and supply management
August 2010 Rev 3
ST72361J4-Auto STMICROELECTRONICS-ST72361J4-Auto Datasheet
2Mb / 279P
   Clock, reset and supply management
August 2010 Rev 3
More results

Descripción similar - ST72361_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST72361 STMICROELECTRONICS-ST72361 Datasheet
4Mb / 224P
   8-BIT MCU WITH FLASH OR ROM, 10-BIT ADC, 5 TIMERS, SPI, 2x LINSCI
ST72561 STMICROELECTRONICS-ST72561 Datasheet
3Mb / 262P
   8-BIT MCU WITH FLASH OR ROM, 10-BIT ADC, 5 TIMERS, SPI, LINSCI , ACTIVE CAN
ST7MC1XX STMICROELECTRONICS-ST7MC1XX Datasheet
4Mb / 309P
   8-bit MCU with nested interrupts, Flash, 10-bit ADC, brushless motor control, five timers, SPI, LINSCI?
ST7LITE3 STMICROELECTRONICS-ST7LITE3 Datasheet
3Mb / 167P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH, DATA EEPROM, ADC, TIMERS, SPI, LINSCI
ST7LITE3XF2 STMICROELECTRONICS-ST7LITE3XF2 Datasheet
2Mb / 173P
   8-bit MCU with single voltage Flash, data EEPROM, ADC, timers, SPI, LINSCI?
ST7MC1 STMICROELECTRONICS-ST7MC1 Datasheet
5Mb / 308P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
ST72F262G2B5 STMICROELECTRONICS-ST72F262G2B5 Datasheet
1Mb / 172P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
ST72260G STMICROELECTRONICS-ST72260G Datasheet
2Mb / 171P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
August 2003 Rev. 1.7
ST72260GX STMICROELECTRONICS-ST72260GX Datasheet
1Mb / 172P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
ST7232A STMICROELECTRONICS-ST7232A Datasheet
1Mb / 154P
   8-BIT MCU WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com