Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST72361 Datasheet(PDF) 10 Page - STMicroelectronics

No. de pieza ST72361
Descripción Electrónicos  8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI?
Download  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST72361 Datasheet HTML 6Page - STMicroelectronics ST72361 Datasheet HTML 7Page - STMicroelectronics ST72361 Datasheet HTML 8Page - STMicroelectronics ST72361 Datasheet HTML 9Page - STMicroelectronics ST72361 Datasheet HTML 10Page - STMicroelectronics ST72361 Datasheet HTML 11Page - STMicroelectronics ST72361 Datasheet HTML 12Page - STMicroelectronics ST72361 Datasheet HTML 13Page - STMicroelectronics ST72361 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 224 page
background image
ST72361
10/224
Notes:
1. In the interrupt input column, “eiX” defines the associated external interrupt vector. If the weak pull-up column (wpu) is
merged with the interrupt column (int), then the I/O configuration is pull-up interrupt input, else the configuration is floating
interrupt input.
2. Input mode can be used for general purpose I/O, output mode cannot be used.
3. OSC1 and OSC2 pins connect a crystal/ceramic resonator, or an external source to the on-chip oscillator; see Section
6 and Section 12.5 "CLOCK AND TIMING CHARACTERISTICS" for more details.
4. On the chip, each I/O port has eight pads. Pads that are not bonded to external pins are in input pull-up configuration
after reset. The configuration of these pads must be kept at reset state to avoid added current consumption.
54
36
26
PD4 / SCI2_RDI
I/O CT
X
ei3
X
X
Port D4
LINSCI2 Receive Data in-
put
55
37
27
VSSA
S
Analog Ground Voltage
56
38
28
VSS_0
S
Digital Ground Voltage
57
39
29
VDDA
I
Analog Reference Voltage for ADC
58
40
30
VDD_0
S
Digital Main Supply Voltage
59
41
31
PD5 / SCI2_TDO
I/O CT
X
X
X
X
Port D5
LINSCI2 Transmit Data
output
60
42
32
RESET
I/O CT
Top priority non maskable interrupt.
61
43
-
PD6 / AIN10
I/O CT
X
ei3
X
X
X
Port D6
ADC Analog Input 10
62
44
-
PD7 / AIN11
I/O CT
X
ei3 X
X
X
Port D7
ADC Analog Input 11
63
-
-
PF6
I/O TT
X
X
X
X
Port F6
64
-
-
PF7
I/O TT
X
X
X
X
Port F7
Pin n°
Pin Name
Level
Port
Main
function
(after
reset)
Alternate function
Input
Output


Número de pieza similar - ST72361

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST72361 STMICROELECTRONICS-ST72361 Datasheet
4Mb / 224P
   8-BIT MCU WITH FLASH OR ROM, 10-BIT ADC, 5 TIMERS, SPI, 2x LINSCI
ST72361AR4-Auto STMICROELECTRONICS-ST72361AR4-Auto Datasheet
2Mb / 279P
   Clock, reset and supply management
August 2010 Rev 3
ST72361AR6-Auto STMICROELECTRONICS-ST72361AR6-Auto Datasheet
2Mb / 279P
   Clock, reset and supply management
August 2010 Rev 3
ST72361AR7-Auto STMICROELECTRONICS-ST72361AR7-Auto Datasheet
2Mb / 279P
   Clock, reset and supply management
August 2010 Rev 3
ST72361AR9-Auto STMICROELECTRONICS-ST72361AR9-Auto Datasheet
2Mb / 279P
   Clock, reset and supply management
August 2010 Rev 3
More results

Descripción similar - ST72361

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST72361 STMICROELECTRONICS-ST72361 Datasheet
4Mb / 224P
   8-BIT MCU WITH FLASH OR ROM, 10-BIT ADC, 5 TIMERS, SPI, 2x LINSCI
ST72561 STMICROELECTRONICS-ST72561 Datasheet
3Mb / 262P
   8-BIT MCU WITH FLASH OR ROM, 10-BIT ADC, 5 TIMERS, SPI, LINSCI , ACTIVE CAN
ST7MC1XX STMICROELECTRONICS-ST7MC1XX Datasheet
4Mb / 309P
   8-bit MCU with nested interrupts, Flash, 10-bit ADC, brushless motor control, five timers, SPI, LINSCI?
ST7LITE3 STMICROELECTRONICS-ST7LITE3 Datasheet
3Mb / 167P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH, DATA EEPROM, ADC, TIMERS, SPI, LINSCI
ST7LITE3XF2 STMICROELECTRONICS-ST7LITE3XF2 Datasheet
2Mb / 173P
   8-bit MCU with single voltage Flash, data EEPROM, ADC, timers, SPI, LINSCI?
ST7MC1 STMICROELECTRONICS-ST7MC1 Datasheet
5Mb / 308P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
ST72F262G2B5 STMICROELECTRONICS-ST72F262G2B5 Datasheet
1Mb / 172P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
ST72260G STMICROELECTRONICS-ST72260G Datasheet
2Mb / 171P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
August 2003 Rev. 1.7
ST72260GX STMICROELECTRONICS-ST72260GX Datasheet
1Mb / 172P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
ST7232A STMICROELECTRONICS-ST7232A Datasheet
1Mb / 154P
   8-BIT MCU WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com