Nombre de pieza
         Descripción
QM1600

 Compact PC Controller PC Performance for fixtures and test system control ( 2 Page)


ETC2
100% 
Zoom Out Zoom In
   
 2 page
background image
QM1600
QM1600
QM1600
QM1600 –––– Compact PC Controller
Compact PC Controller
Compact PC Controller
Compact PC Controller
PC Power for fixtures and test system control
PC Power for fixtures and test system control
PC Power for fixtures and test system control
PC Power for fixtures and test system control
BS EN ISO9001
BS EN ISO9001
BS EN ISO9001
BS EN ISO9001
Base Specifications
Euro card form factor 100mm x 160mm x 20.32mm.
Euro card form factor 100mm x 160mm x 20.32mm.
Euro card form factor 100mm x 160mm x 20.32mm.
Euro card form factor 100mm x 160mm x 20.32mm.
Please contact QMS for availability of other form factors.
Please contact QMS for availability of other form factors.
Please contact QMS for availability of other form factors.
Please contact QMS for availability of other form factors.
166 or 266 Mhz Mobile Pentium™ processor.
166 or 266 Mhz Mobile Pentium™ processor.
166 or 266 Mhz Mobile Pentium™ processor.
166 or 266 Mhz Mobile Pentium™ processor.
32 to 256 Mbyte RAM.
32 to 256 Mbyte RAM.
32 to 256 Mbyte RAM.
32 to 256 Mbyte RAM.
1Gb Microdrive Hard Disk
1Gb Microdrive Hard Disk
1Gb Microdrive Hard Disk
1Gb Microdrive Hard Disk
10 / 100 Mbs Ethernet interface
10 / 100 Mbs Ethernet interface
10 / 100 Mbs Ethernet interface
10 / 100 Mbs Ethernet interface
2 Standard + 4 high speed / multi
2 Standard + 4 high speed / multi
2 Standard + 4 high speed / multi
2 Standard + 4 high speed / multi----protocol Serial Ports.
protocol Serial Ports.
protocol Serial Ports.
protocol Serial Ports.
SVGA / LCD graphics, Floppy, Keyboard, mouse & LPT ports
SVGA / LCD graphics, Floppy, Keyboard, mouse & LPT ports
SVGA / LCD graphics, Floppy, Keyboard, mouse & LPT ports
SVGA / LCD graphics, Floppy, Keyboard, mouse & LPT ports
2 x U
2 x U
2 x U
2 x USB
SB
SB
SB
JTAG and I²C Interface’s
JTAG and I²C Interface’s
JTAG and I²C Interface’s
JTAG and I²C Interface’s
Dedicated management processor for PSU and thermal monitoring
Dedicated management processor for PSU and thermal monitoring
Dedicated management processor for PSU and thermal monitoring
Dedicated management processor for PSU and thermal monitoring
5 Volt load = approx 2 amp (depends on configuration)
5 Volt load = approx 2 amp (depends on configuration)
5 Volt load = approx 2 amp (depends on configuration)
5 Volt load = approx 2 amp (depends on configuration)
Power Supply Module
Euro card form factor 100mm x 160mm x 20.32mm.
Euro card form factor 100mm x 160mm x 20.32mm.
Euro card form factor 100mm x 160mm x 20.32mm.
Euro card form factor 100mm x 160mm x 20.32mm.
24 volt DC input
24 volt DC input
24 volt DC input
24 volt DC input
+5 v
+5 v
+5 v
+5 volt and +3.3 volt logic supplies, maximum combined power 60 watts
olt and +3.3 volt logic supplies, maximum combined power 60 watts
olt and +3.3 volt logic supplies, maximum combined power 60 watts
olt and +3.3 volt logic supplies, maximum combined power 60 watts
+15volt and
+15volt and
+15volt and
+15volt and –
––
–15volt analogue supplies, 60 watt maximum
15volt analogue supplies, 60 watt maximum
15volt analogue supplies, 60 watt maximum
15volt analogue supplies, 60 watt maximum
Dedicated management processor for voltage and thermal monitoring
Dedicated management processor for voltage and thermal monitoring
Dedicated management processor for voltage and thermal monitoring
Dedicated management processor for voltage and thermal monitoring
CONTACT QM SYSTEMS ON THE NUMBER BELOW FOR INFORMATION ON THE RANGE OF OPTIONS
AVAILABLE.
QM Systems Limited
QM Systems Limited
QM Systems Limited
QM Systems Limited
Manor Park Industrial Estate
Wyndham Street
Aldershot
Hampshire GU12 4NZ
Tel: +44 (0) 1252 336612
Fax: +44 (0) 1252 343018
QM Systems Limited
QM Systems Limited
QM Systems Limited
QM Systems Limited
Geddes House
Livingston
West Lothian
EH54 6GU
Tel: +44 (0) 1506 418187
Fax: +44 (0) 1506 417787
E-mail: sales @qm-systems.com
Website: www-qm-systems.com
QM Systems specialises in producing test systems solutions.
This
includes
complete
design,
build,
test
and
site
installation.
QM Systems skills span all aspects of design and
manufacture including analogue and digital electronics,
high level software, mechanical, wiring, fixing and custom
enclosures.
QMS has extensive experience of producing
solutions incorporating high integrity RF-screened isolation
chambers and fixtures.
Continuation from overleaf
1  2 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
NCP1654Power Factor Controller for Compact and Robust Continuous Conduction Mode Pre−Converters 1 2 3 4 5 MoreON Semiconductor
TPS51125Dual-Synchronous Step-Down Controller with Out-of-Audio™ Operation and 100-mA LDOs for Notebook System Power 1 2 3 4 5 MoreTexas Instruments
ISL6322Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10 VR11 and AMD Applications 1 2 3 4 5 MoreIntersil Corporation
L67013 Phase Controller for VR10 VR9 and K8 CPUs 1 2 3 4 5 MoreSTMicroelectronics
ISL6312_07Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10 VR11 and AMD Applications 1 2 3 4 5 MoreIntersil Corporation
NCP53822/3/4/5/6 Phase Buck Controller for VR10 and VR11 Pentium IV Processor Applications 1 2 3 4 5 MoreON Semiconductor
PM6680No Rsense dual step-down controller with adjustable voltages for notebook system power 1 2 3 4 5 MoreSTMicroelectronics
MAX2016_06LF-to-2.5GHz Dual Logarithmic Detector/ Controller for Power Gain and VSWR Measurements 1 2 3 4 5 MoreMaxim Integrated Products
TJ1051CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR ADATPTORS AND BATTERY CHARGERS 1 2 3 4 HTC Korea TAEJIN Technology Co.
ISL6312AFour-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10 VR11 and AMD Applications 1 2 3 4 5 MoreIntersil Corporation

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl