Nombre de pieza
         Descripción
QM1600

 Compact PC Controller PC Performance for fixtures and test system control ( 2 Page)


ETC2
100% 
Zoom Out Zoom In
   
 1 page
background image
QM1600
QM1600
QM1600
QM1600 –––– Compact PC Controller
Compact PC Controller
Compact PC Controller
Compact PC Controller
PC Performance for fixtures and test system control
PC Performance for fixtures and test system control
PC Performance for fixtures and test system control
PC Performance for fixtures and test system control
BS EN ISO9001
BS EN ISO9001
BS EN ISO9001
BS EN ISO9001
The
QM16XX
A
flexible
way
to
provide
embedded PC functionality into test and control
fixtures.
A range of PC modules, having very
small form factors, that can be provided with
industry standard interface busses or can be
tailored to suit specific requirements
.
PENTIUM CLASS PCS
PENTIUM CLASS PCS
PENTIUM CLASS PCS
PENTIUM CLASS PCS
The modules have been designed to bring the power
and utility of Pentium ™ class PC’s to embedded test and
control fixtures.
In addition the modules can be
provided
with
industry
standard
busses
such
as
CompactPCI® and PXI ™ for use in crate and rack
mounting applications.
SMALL FORM FACTOR
SMALL FORM FACTOR
SMALL FORM FACTOR
SMALL FORM FACTOR
The basic module package conforms to the single Euro
Card standard of 100mm x160mm x20.32mmCompact
PCI and PXI have also been approved. Connectors are
fitted to suit the bus and signalling requirements of the
specific application.
The module is normally fitted with a front panel, meeting
the EMC requirements of CompactPCI® and PXI ™.
ROBUST DESIGN
ROBUST DESIGN
ROBUST DESIGN
ROBUST DESIGN
The unit has been designed to operate in the harsh
environment of mobile phone manufacturing, where
EMC,
reliability
and
thermal
considerations
are
paramount.
In its role as an embedded fixture controller the module
is normally equipped with a front panel Ethernet
connector (10/100 mbs) and a serial connector.
STANDARD INTERFACES
STANDARD INTERFACES
STANDARD INTERFACES
STANDARD INTERFACES
Standard PC interfaces, video, keyboard and mouse, are
provided on a multi-pin connector located behind the
front panel and accessed via a removable cover plate.
CUSTOM APPLICATION
CUSTOM APPLICATION
CUSTOM APPLICATION
CUSTOM APPLICATION
For custom applications the module can be configured
for non-standard busses and special I/O interfaces,
additional functionality can be provided such as
embedded DVM’s and signal generation / processing.
POWER SUPPLY MODU
POWER SUPPLY MODU
POWER SUPPLY MODU
POWER SUPPLY MODULE
LE
LE
LE
A power supply module is also available, capable of
providing the power requirements of a small rack. This
can be supplied as a separate 20.32mm module or
combined with the PC module as a 40.64mm composite
unit.
QM Systems Limited
QM Systems Limited
QM Systems Limited
QM Systems Limited
Manor Park Industrial Estate
Wyndham Street
Aldershot
Hampshire GU12 4NZ
Tel: +44 (0) 1252 336612
Fax: +44 (0) 1252 343018
QM Systems Limited
QM Systems Limited
QM Systems Limited
QM Systems Limited
Geddes House
Livingston
West Lothian
EH54 6GU
Tel: +44 (0) 1506 418187
Fax: +44 (0) 1506 417787
E-mail: sales @qm-systems.com
Website: www-qm-systems.com
1  2 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
NCP1654Power Factor Controller for Compact and Robust Continuous Conduction Mode Pre−Converters 1 2 3 4 5 MoreON Semiconductor
TPS51125Dual-Synchronous Step-Down Controller with Out-of-Audio™ Operation and 100-mA LDOs for Notebook System Power 1 2 3 4 5 MoreTexas Instruments
ISL6322Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10 VR11 and AMD Applications 1 2 3 4 5 MoreIntersil Corporation
L67013 Phase Controller for VR10 VR9 and K8 CPUs 1 2 3 4 5 MoreSTMicroelectronics
ISL6312_07Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10 VR11 and AMD Applications 1 2 3 4 5 MoreIntersil Corporation
NCP53822/3/4/5/6 Phase Buck Controller for VR10 and VR11 Pentium IV Processor Applications 1 2 3 4 5 MoreON Semiconductor
PM6680No Rsense dual step-down controller with adjustable voltages for notebook system power 1 2 3 4 5 MoreSTMicroelectronics
MAX2016_06LF-to-2.5GHz Dual Logarithmic Detector/ Controller for Power Gain and VSWR Measurements 1 2 3 4 5 MoreMaxim Integrated Products
TJ1051CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR ADATPTORS AND BATTERY CHARGERS 1 2 3 4 HTC Korea TAEJIN Technology Co.
ISL6312AFour-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10 VR11 and AMD Applications 1 2 3 4 5 MoreIntersil Corporation

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl