Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK2767-01 Datasheet(PDF) 3 Page - Fuji Electric

No. de pieza 2SK2767-01
Descripción Electrónicos  N-CHANNEL SILICON POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FUJI [Fuji Electric]
Página de inicio  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

2SK2767-01 Datasheet(HTML) 3 Page - Fuji Electric

  2SK2767-01_1 Datasheet HTML 1Page - Fuji Electric 2SK2767-01_1 Datasheet HTML 2Page - Fuji Electric 2SK2767-01_1 Datasheet HTML 3Page - Fuji Electric 2SK2767-01_1 Datasheet HTML 4Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
2SK2767-01
FUJI POWER MOSFET
-50
0
50
100
150
0
2
4
6
8
10
12
14
16
max.
typ.
Drain-source on-state resistance
RDS(on)=f(Tch):ID=2A,VGS=10V
Tch [
oC]
-50
0
50
100
150
0.0
1.0
2.0
3.0
4.0
5.0
6.0
min.
typ.
max.
Gate threshold voltage
VGS(th)=f(Tch):ID=1mA,VDS=VGS
Tch [
oC]
0
1020
304050
60
70
80
0
100
200
300
400
500
600
700
800
Vcc=180V
450V
720V
180V
450V
Vcc=720V
Typical gate charge characteristic
Qg [nC]
0
5
10
15
20
25
30
35
40
10
-2
10
-1
10
0
10
1
10
2
10p
100p
1n
10n
Typical capacitances
C=f(VDS):VGS=0V,f=1MHz
VDS [V]
Ciss
Coss
Crss
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
10
-2
10
-1
10
0
10
1
Tch=25
o
C typ.
Forward characteristic of reverse of diode
VSD [V]
0
50
100
150
0
50
100
150
200
250
300
Avalanche energy derating
Starting Tch [
o
C]
VGS=f(Qg):ID=3.5A,Tch=25°C
IF=f(VSD):80µs Pulse test,VGS=0V
Eas=f(starting Tch):Vcc=90V,IAV=3.5A


Número de pieza similar - 2SK2767-01_1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fuji Electric
2SK2767-01 FUJI-2SK2767-01 Datasheet
344Kb / 2P
   N-channel MOS-FET
More results

Descripción similar - 2SK2767-01_1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
2SK3597-01 SANYO-2SK3597-01 Datasheet
110Kb / 4P
   POWER MOSFET N-CHANNEL SILICON POWER MOSFET
2SK3685-01 SANYO-2SK3685-01 Datasheet
109Kb / 4P
   POWER MOSFET N-CHANNEL SILICON POWER MOSFET
logo
Fuji Electric
2SK1553-01MR FUJI-2SK1553-01MR Datasheet
70Kb / 2P
   N-CHANNEL SILICON POWER MOSFET
2SK1008-01 FUJI-2SK1008-01 Datasheet
130Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK1014-01 FUJI-2SK1014-01 Datasheet
134Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK1019 FUJI-2SK1019 Datasheet
137Kb / 4P
   N-CHANNEL SILICON POWER MOSFET?
2SK1020 FUJI-2SK1020 Datasheet
137Kb / 4P
   N-CHANNEL SILICON POWER MOSFET?
2SK949-MR FUJI-2SK949-MR Datasheet
132Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
logo
Panasonic Semiconductor
2SK3268 PANASONIC-2SK3268 Datasheet
71Kb / 2P
   Silicon N-channel power MOSFET
logo
Fuji Electric
2SK3526-01L FUJI-2SK3526-01L Datasheet
255Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK3581-01L FUJI-2SK3581-01L Datasheet
254Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com