Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

40-01-T4C-4PRB Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

No. de pieza 40-01-T4C-4PRB
Descripción Electrónicos  Dome POWER LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EVERLIGHT [Everlight Electronics Co., Ltd]
Página de inicio  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

40-01-T4C-4PRB Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  40-01-T4C-4PRB Datasheet HTML 1Page - Everlight Electronics Co., Ltd 40-01-T4C-4PRB Datasheet HTML 2Page - Everlight Electronics Co., Ltd 40-01-T4C-4PRB Datasheet HTML 3Page - Everlight Electronics Co., Ltd 40-01-T4C-4PRB Datasheet HTML 4Page - Everlight Electronics Co., Ltd 40-01-T4C-4PRB Datasheet HTML 5Page - Everlight Electronics Co., Ltd 40-01-T4C-4PRB Datasheet HTML 6Page - Everlight Electronics Co., Ltd 40-01-T4C-4PRB Datasheet HTML 7Page - Everlight Electronics Co., Ltd 40-01-T4C-4PRB Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Technical Data Sheet
Dome POWER LED
40-01/T4C-4PRB
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev. 1
Page: 3 of 8
Device Number :DLE-400-001
Establish date: 07-11-2007
Establish by: Jim Lin
Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol
Min.
Typ.
Max.
Condition
Unit
Forward Voltage
VF
3.0
3.6
4.0
IF=30mA
V
Reverse Current
IR
----
----
10
VR=5V
mA
Total Flux
Φv
2850
3700
5650
IF=30mA
mlm
Viewing Angle
2θ1/2
----
120
----
IF=30mA
deg
x
----
0.30
----
----
Chromaticity
Coordinates
y
----
0.29
----
IF=30mA
----
Zener Reverse Voltage
Vz
5.2
----
----
Iz=5mA
V
Rank
40-01/T4C-4PRB
(1)
(2)
(3)
(1) VF(V)
(2) Color
(3)Φv(mlm)
Bin.
Min.
Max.
Bin.
Min.
Max.
Bin.
Min.
Max.
1
3.00
3.20
A0
----
----
P
2850
3600
2
3.20
3.40
B5
----
----
Q
3600
4500
3
3.40
3.60
B6
----
----
R
4500
5650
4
3.60
3.80
5
3.80
4.00
*Measurement Uncertainty of Forward Voltage:±0.1V
*Measurement Uncertainty of Luminous Intensity: ±15%


Número de pieza similar - 40-01-T4C-4PRB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
40-01-1181 MOLEX11-40-01-1181 Datasheet
121Kb / 1P
   CRIMP STYLE KK TYPE, .156 CENTERS W/ANTIFISHOOKING FEATURE
40-01-1182 MOLEX11-40-01-1182 Datasheet
121Kb / 1P
   CRIMP STYLE KK TYPE, .156 CENTERS W/ANTIFISHOOKING FEATURE
logo
Everlight Electronics C...
40-01-B4C-AJMB EVERLIGHT-40-01-B4C-AJMB Datasheet
119Kb / 7P
   Dome POWER LED
40-01-G4C-AQSB EVERLIGHT-40-01-G4C-AQSB Datasheet
119Kb / 7P
   Dome POWER LED 30
40-01-X4C-4NQB EVERLIGHT-40-01-X4C-4NQB Datasheet
139Kb / 8P
   Warm White POWER LED
More results

Descripción similar - 40-01-T4C-4PRB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Everlight Electronics C...
40-01-B4C-AJMB EVERLIGHT-40-01-B4C-AJMB Datasheet
119Kb / 7P
   Dome POWER LED
40-01-G4C-AQSB EVERLIGHT-40-01-G4C-AQSB Datasheet
119Kb / 7P
   Dome POWER LED 30
logo
PARA LIGHT ELECTRONICS ...
L-C195KGJYCT PARALIGHT-L-C195KGJYCT Datasheet
209Kb / 7P
   Dome Lens Chip LED
logo
List of Unclassifed Man...
QBLP670D-R ETC1-QBLP670D-R Datasheet
1Mb / 13P
   Dome Type PLCC2 LED
logo
PARA LIGHT ELECTRONICS ...
L-C155KGKFCT PARALIGHT-L-C155KGKFCT Datasheet
178Kb / 7P
   Dome Lens Chip LED
logo
Vishay Siliconix
VLDS1235 VISHAY-VLDS1235 Datasheet
238Kb / 11P
   Dome Lens SMD LED
Rev. 1.0, 27-Feb-15
VLDX1235 VISHAY-VLDX1235 Datasheet
319Kb / 13P
   Dome Lens SMD LED
Rev. 1.1, 07-Jun-17
VLDX1535 VISHAY-VLDX1535 Datasheet
322Kb / 11P
   Dome Lens SMD LED
Rev. 1.0, 07-Mar-17
logo
HK TO-GRACE TECHNOLOGY ...
VLDS1235G TO-GRACE-VLDS1235G Datasheet
1Mb / 13P
   Dome Lens SMD LED
VLDB1232G-08 TO-GRACE-VLDB1232G-08 Datasheet
745Kb / 10P
   Dome Lens SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com