Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC141563T Datasheet(PDF) 7 Page - Motorola, Inc

No. de pieza MC141563T
Descripción Electrónicos  LCD Segment (Column) Driver CMOS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC141563T Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MC141563T Datasheet HTML 3Page - Motorola, Inc MC141563T Datasheet HTML 4Page - Motorola, Inc MC141563T Datasheet HTML 5Page - Motorola, Inc MC141563T Datasheet HTML 6Page - Motorola, Inc MC141563T Datasheet HTML 7Page - Motorola, Inc MC141563T Datasheet HTML 8Page - Motorola, Inc MC141563T Datasheet HTML 9Page - Motorola, Inc MC141563T Datasheet HTML 10Page - Motorola, Inc MC141563T Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
MOTOROLA
3–326
MC141563
PIN DESCRIPTIONS
VDD AND VSS
The main dc power is supplied to the part by these two connections.
VDD is the most-positive supply level and VSS is ground.
VEE
This supply connection provides the negative power supply voltage
for the common drivers.
VL1, VL3, VL4, VL6
These input pins are connected to the external voltage divider (See
Figure 8).
Voltage supply level for the LCD :
VL1, VL6 : On-level of the LC
VL3, VL4 : Off-level of the LC
Data Latch (LP)
Display data (a complete line on display) is acknowledged by the
falling edge of the LP signal.
Data Shift Clock (SCLK)
Input data (8 bit or 4 bit) is stored into a 8 bit / 4 bit data latch by the
falling edge of SCLK.
Data Input (D0 to D7)
Data Input is either in 8 bit or 4 bit data bus format and is select-
able by the DS input.
Data Format Select (DS)
This input is to select the data bus format. If set “Low”, the data bus
format is 4-bit, if set “High”, the data bus format is 8-bit.
Left / Right Shift Select (L / R)
This input pin provides the selection of the shift register operation
(See Table 1).
L / R = “1”,
the data will shift left
(LSB of the first input data will be
loaded to SEG1).
L / R = “0”,
the data will shift right
(LSB of the first input data will be
loaded to SEG80).
Carry-In / Carry-Out (EIO1 / EIO2)
These two input / output pins perform the same function and
depend on the shift register direction of operation. In right shift mode (L
/ R = “0”), the EIO1 is the Carry-In input while the EIO2 will be the
Carry-Out output for cascading. In Left Mode (L / R = “1”), the pin func-
tions and operation are reversed. (See Table 2)
Frame Signal Input (M)
This input signal is the frame sync. signal which provides an frame
alternating output format of the segment output (See Figure 9).
M
0
0
1
1
Data
1
0
0
1
Output
VL1
VL3
VL4
VL6
Display-Off Enable (DIS-OFF)
This input pin is active low. If set “LOW”, all output pins (Segment 1
to Segment 80) are forced to VL1.
Segment Output (Segment 1 to Segment 80)
These 80 output lines provide the high volt segment signal to the
LCD panel. They are all at VL1 while display is turned off.
Figure 8. External Voltage Divider


Número de pieza similar - MC141563T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC141501P MOTOROLA-MC141501P Datasheet
36Kb / 1P
   Single Chip Voice Memory System Low power Silicon-Gate CMOS
MC141502 MOTOROLA-MC141502 Datasheet
42Kb / 1P
   Tone operated Switch
MC141503 MOTOROLA-MC141503 Datasheet
42Kb / 1P
   Tone operated Switch
logo
NXP Semiconductors
MC141510 NXP-MC141510 Datasheet
9Mb / 126P
   8-Bit Microcontroller
logo
Motorola, Inc
MC141511A MOTOROLA-MC141511A Datasheet
285Kb / 17P
   LCD Segment Driver
More results

Descripción similar - MC141563T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SED1606D ETC1-SED1606D Datasheet
269Kb / 13P
   CMOS LCD SEGMENT DRIVER
logo
NEC
UPD16661A NEC-UPD16661A Datasheet
187Kb / 36P
   160-OUTPUT LCD COLUMN SEGMENT DRIVER WITH RAM
logo
Microchip Technology
AY0438 MICROCHIP-AY0438 Datasheet
148Kb / 11P
   32-Segment CMOS LCD Driver
1995 - 2002
AY0438 MICROCHIP-AY0438 Datasheet
84Kb / 11P
   32-Segment CMOS LCD Driver
03/01/02
AY0438-I MICROCHIP-AY0438-I Datasheet
154Kb / 11P
   32-Segment CMOS LCD Driver
1995-2002
logo
List of Unclassifed Man...
SED1180 ETC-SED1180 Datasheet
44Kb / 10P
   CMOS LCD 64-SEGMENT DRIVER
logo
Motorola, Inc
MC141531 MOTOROLA-MC141531 Datasheet
384Kb / 25P
   LCD Segment / Common Driver CMOS
logo
List of Unclassifed Man...
SED1600 ETC1-SED1600 Datasheet
53Kb / 10P
   CMOS 80-SEGMENT LCD DRIVER
logo
Microchip Technology
AY0438 MICROCHIP-AY0438 Datasheet
84Kb / 11P
   32-Segment CMOS LCD Driver
03/01/02
logo
NEC
UPD16662 NEC-UPD16662 Datasheet
260Kb / 36P
   240 OUTPUT LCD COLUMN SEGMENT DRIVER WITH BUILT-IN RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com