Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

L6382D5TR Datasheet(PDF) 11 Page - STMicroelectronics

No. de pieza L6382D5TR
Descripción Electrónicos  Power management unit for microcontrolled ballast
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6382D5TR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6382D5TR Datasheet HTML 7Page - STMicroelectronics L6382D5TR Datasheet HTML 8Page - STMicroelectronics L6382D5TR Datasheet HTML 9Page - STMicroelectronics L6382D5TR Datasheet HTML 10Page - STMicroelectronics L6382D5TR Datasheet HTML 11Page - STMicroelectronics L6382D5TR Datasheet HTML 12Page - STMicroelectronics L6382D5TR Datasheet HTML 13Page - STMicroelectronics L6382D5TR Datasheet HTML 14Page - STMicroelectronics L6382D5TR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
L6382D5
Application information
11/21
5
Application information
5.1
Power management
The L6382D5 has two stable states (save mode and operating mode) and two additional
states that manage the Start-up and fault conditions: the Over Current Protection is a
parallel asynchronous process enabled when in operating mode Figure 4.
Following paragraphs will describe each mode and the condition necessary to shift between
them.
Figure 4.
State diagram
5.2
START-UP mode
With reference to the timing diagram of figure 6, when power is first applied to the converter,
the voltage on the bulk capacitor (Vin) builds up and the HV generator is enabled to operate
drawing about 10mA. This current, diminished by the IC consumption (less than 150µA),
charges the bypass capacitor connected between pin Vcc and ground and makes its voltage
rise almost linear.
During this phase, all IC's functions are disabled except for:
the current sinking circuit on VREF pin that maintains low the voltage by keeping
disabled the microcontroller connected to this pin;
the High-Voltage Start-Up (HVSU) that is ON (conductive) to charge the external
capacitor on pin Vcc.
As the Vcc voltage reaches the start-up threshold (14V typ.) the chip starts operating and
the HV generator is switched off.
SAVE MODE
OPERATING
MODE
SHUT DOWN
V
CC>VCC(ON)
V
CC<VREF(OFF)
V
REF>4.6V
&
T
DE>10µs
LGI low
for more
than 100
µs
START-UP
V
CC < VCC(OFF)
or
V
REF<3.2V
V
CC<VCC(ON)
V
CC<VREF(OFF)


Número de pieza similar - L6382D5TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
L6382D STMICROELECTRONICS-L6382D Datasheet
256Kb / 14P
   Power management unit for microcontrolled ballast
L6382D STMICROELECTRONICS-L6382D Datasheet
297Kb / 22P
   Power management unit for microcontrolled ballast
L6382DTR STMICROELECTRONICS-L6382DTR Datasheet
256Kb / 14P
   Power management unit for microcontrolled ballast
L6382DTR STMICROELECTRONICS-L6382DTR Datasheet
297Kb / 22P
   Power management unit for microcontrolled ballast
L6382D STMICROELECTRONICS-L6382D_07 Datasheet
297Kb / 22P
   Power management unit for microcontrolled ballast
More results

Descripción similar - L6382D5TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
L6382D STMICROELECTRONICS-L6382D_07 Datasheet
297Kb / 22P
   Power management unit for microcontrolled ballast
L6382D STMICROELECTRONICS-L6382D Datasheet
256Kb / 14P
   Power management unit for microcontrolled ballast
AN1971 STMICROELECTRONICS-AN1971 Datasheet
153Kb / 16P
   ST7LITE0xxx MICROCONTROLLED BALLAST
logo
ETA SOLUTIONS CO. LIMIT...
ETA9635 ETA-ETA9635 Datasheet
122Kb / 1P
   Power Management Unit for Power Banks
logo
National Semiconductor ...
LM26484 NSC-LM26484 Datasheet
1Mb / 18P
   Power Management Unit
logo
Texas Instruments
TPS65917-Q1 TI1-TPS65917-Q1 Datasheet
770Kb / 12P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1 TI1-TPS65917-Q1_17 Datasheet
1Mb / 87P
[Old version datasheet]   Power Management Unit (PMU) for Processor
logo
ams AG
AS3653 AMSCO-AS3653 Datasheet
140Kb / 2P
   Power Management Unit for Mobile Phones
logo
Texas Instruments
TPS65919-Q1 TI1-TPS65919-Q1_17 Datasheet
2Mb / 87P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1_017 TI1-TPS65917-Q1_017 Datasheet
2Mb / 89P
[Old version datasheet]   Power Management Unit (PMU) for Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com