Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMC1203BPSA Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza AMC1203BPSA
Descripción Electrónicos  1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

AMC1203BPSA Datasheet(HTML) 7 Page - Texas Instruments

Back Button AMC1203BPSA Datasheet HTML 3Page - Texas Instruments AMC1203BPSA Datasheet HTML 4Page - Texas Instruments AMC1203BPSA Datasheet HTML 5Page - Texas Instruments AMC1203BPSA Datasheet HTML 6Page - Texas Instruments AMC1203BPSA Datasheet HTML 7Page - Texas Instruments AMC1203BPSA Datasheet HTML 8Page - Texas Instruments AMC1203BPSA Datasheet HTML 9Page - Texas Instruments AMC1203BPSA Datasheet HTML 10Page - Texas Instruments AMC1203BPSA Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
www.ti.com
PIN ASSIGNMENTS
1
2
3
4
8
7
6
5
V
DD2
MCLK
MDAT
GND2
V
DD1
V
IN+
V
IN-
GND1
AMC1203
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
GND2
NC
V
DD2
MCLK
NC
MDAT
NC
GND2
V
DD1
V
IN+
V
IN-
GND1
NC
NC
NC
GND1
AMC1203
AMC1203
SBAS427 – FEBRUARY 2008
DUB or PSA(1) PACKAGE
DW PACKAGE(1)
SO-8 Gull-Wing or SO-8
SO-16
(TOP VIEW)
(TOP VIEW)
(1)
PSA package available in late 2008.
Table 1. SO-8 PIN CONFIGURATION
PIN
NO.
NAME DESCRIPTION
(1)
DW package available in 2008.
1
VDD1
Analog power supply
2
VIN+
Noninverting analog input
Table 2. SO-16 PIN CONFIGURATION
3
VIN–
Inverting analog input
PIN
4
GND1 Analog ground
NO.
NAME DESCRIPTION
5
GND2 Digital ground
1
VDD1
Analog power supply
6
MDAT Modulator data output
2
VIN+
Noninverting analog input
7
MCLK Modulator clock output
3
VIN–
Inverting analog input
8
VDD2
Digital power supply
4, 8(1)
GND1 Analog ground
5, 6, 7,
No internal connection—can be tied to any
10, 12,
NC
potential or left unconnected
15
9,
GND2 Digital ground
16(1)
11
MDAT Modulator data output
13
MCLK Modulator clock output
14
VDD2
Digital power supply
(1)
Both pins are connected internally via a low-impedance path;
thus only one of the pins must be tied to the ground plane.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): AMC1203


Número de pieza similar - AMC1203BPSA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
AMC1203BPSA TI-AMC1203BPSA Datasheet
990Kb / 29P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
AMC1203BPSAR TI-AMC1203BPSAR Datasheet
990Kb / 29P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
More results

Descripción similar - AMC1203BPSA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
AMC1203 TI-AMC1203_15 Datasheet
990Kb / 29P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
ADS1204 TI-ADS1204_15 Datasheet
968Kb / 28P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
logo
Burr-Brown (TI)
ADS1202 BURR-BROWN-ADS1202 Datasheet
311Kb / 21P
   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
logo
Texas Instruments
ADS1202 TI1-ADS1202_14 Datasheet
890Kb / 26P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202 TI1-ADS1202 Datasheet
502Kb / 24P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202IPWRG4 TI-ADS1202IPWRG4 Datasheet
875Kb / 25P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1205 TI-ADS1205 Datasheet
300Kb / 22P
[Old version datasheet]   TWO 1-BIT, 10MHz, 2nd-ORDER DELTA-SIGMA MODULATORS
ADS1205 TI1-ADS1205 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-bit, 10Mhz, 2nd Order Delta-sigma Modulators
ADS1209 TI-ADS1209 Datasheet
432Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI-ADS1205_15 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-Bit, 10MHz,2nd-Order Delta-sigma Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com