Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ST7FLIT15BF1BX Datasheet(PDF) 8 Page - STMicroelectronics |
|
ST7FLIT15BF1BX Datasheet(HTML) 8 Page - STMicroelectronics |
8 / 157 page ST7LITE1xB 8/157 Notes: 1. It is mandatory to connect all available VDD and VDDA pins to the supply voltage and all VSS and VSSA pins to ground. 2. PCOR not implemented but p-transistor always active in output mode (refer to Figure 32 on page 50) 12 10 10 PA6 /MCO/ ICCCLK/BREAK I/O CT X ei1 XX Port A6 Main Clock Output or In Circuit Communication Clock or External BREAK Caution: During normal operation this pin must be pulled- up, inter- nally or externally (external pull-up of 10k mandatory in noisy environ- ment). This is to avoid entering ICC mode unexpectedly during a reset. In the application, even if the pin is configured as output, any reset will put it back in input pull-up 13 11 11 PA5 /ICCDATA/ ATPWM3 I/O CT HS X ei1 XX Port A5 In Circuit Communication Data or Auto-Reload Timer PWM3 14 12 12 PA4/ATPWM2 I/O CT HS X XX Port A4 Auto-Reload Timer PWM2 15 13 - PA3/ATPWM1 I/O CT HS X ei0 XX Port A3 Auto-Reload Timer PWM1 16 14 13 PA2/ATPWM0 I/O CT HS X XX Port A2 Auto-Reload Timer PWM0 17 15 - PA1/ATIC I/O CT HS X XX Port A1 Auto-Reload Timer Input Capture 18 16 14 PA0/LTIC I/O CT HS X XX Port A0 Lite Timer Input Capture 19 17 15 OSC2/PC1 I/O X X Port C12) Resonator oscillator inverter out- put 20 18 16 OSC1/CLKIN/PC0 I/O X X Port C02) Resonator oscillator inverter input or External clock input Pin No. Pin Name Level Port / Control Main Function (after reset) Alternate Function Input Output 1 |
Número de pieza similar - ST7FLIT15BF1BX |
|
Descripción similar - ST7FLIT15BF1BX |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |