Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS4994 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza TS4994
Descripción Electrónicos  1W differential input/output audio power amplifier with selectable standby
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TS4994 Datasheet(HTML) 1 Page - Texas Instruments

  TS4994_06 Datasheet HTML 1Page - Texas Instruments TS4994_06 Datasheet HTML 2Page - Texas Instruments TS4994_06 Datasheet HTML 3Page - Texas Instruments TS4994_06 Datasheet HTML 4Page - Texas Instruments TS4994_06 Datasheet HTML 5Page - Texas Instruments TS4994_06 Datasheet HTML 6Page - Texas Instruments TS4994_06 Datasheet HTML 7Page - Texas Instruments TS4994_06 Datasheet HTML 8Page - Texas Instruments TS4994_06 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
December 2006
Rev 6
1/35
35
TS4994
1W differential input/output audio power amplifier
with selectable standby
Features
Differential inputs
Near-zero pop & click
100dB PSRR @ 217Hz with grounded inputs
Operating range from VCC = 2.5V to 5.5V
1W rail-to-rail output power @ VCC =5V,
THD = 1%, F = 1kHz, with 8
Ωload
90dB CMRR @ 217Hz
Ultra-low consumption in standby mode (10nA)
Selectable standby mode (active low or active
high)
Ultra fast startup time: 15ms typ.
Available in DFN10 3x3 (0.5mm pitch) &
MiniSO-8
All lead-free packages
Description
The TS4994 is an audio power amplifier capable
of delivering 1W of continuous RMS output power
into an 8
Ωload @ 5V. Due to its differential inputs,
it exhibits outstanding noise immunity.
An external standby mode control reduces the
supply current to less than 10nA. An STBY
MODE pin allows the standby to be active HIGH
or LOW (except in the MiniSO-8 version). An
internal thermal shutdown protection is also
provided, making the device capable of sustaining
short-circuits.
The device is equipped with common mode
feedback circuitry allowing outputs to be always
biased at VCC/2 regardless of the input common
mode voltage.
The TS4994 is designed for high quality audio
applications such as mobile phones and requires
few external components.
Applications
Mobile phones (cellular / cordless)
Laptop / notebook computers
PDAs
Portable audio devices
Order codes
TS4994IQT - DFN10
Pin connections (top view)
1
2
3
4
5
10
9
8
7
6
V
IN -
V
O+
STBY
V
DD
V
IN +
STBY MODE
BYPASS
V
O-
GND
N/C
1
2
3
4
5
1
2
3
4
5
10
9
8
7
6
10
9
8
7
6
V
IN -
V
O+
STBY
V
DD
V
IN +
STBY MODE
BYPASS
V
O-
GND
N/C
4
3
2
1
V
IN+
V
IN-
V
O+
GND
Vcc
V
O-
BYPASS
5
6
7
8
STBY
4
3
2
1
V
IN+
V
IN-
V
O+
GND
Vcc
V
O-
BYPASS
5
6
7
8
STBY
TS4994IST - MiniSO-8
Part number
Temperature range
Package
Packing
Marking
TS4994IQT
-40°C to +85°C
DFN10
Tape & reel
K994
TS4994IST
MiniSO-8
K994
www.st.com


Número de pieza similar - TS4994_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TS4994EIJT STMICROELECTRONICS-TS4994EIJT Datasheet
673Kb / 35P
   1.2 W differential input/output audio power amplifier with selectable standby
TS4994EIKJT STMICROELECTRONICS-TS4994EIKJT Datasheet
673Kb / 35P
   1.2 W differential input/output audio power amplifier with selectable standby
TS4994FC STMICROELECTRONICS-TS4994FC Datasheet
673Kb / 35P
   1.2 W differential input/output audio power amplifier with selectable standby
TS4994IQT STMICROELECTRONICS-TS4994IQT Datasheet
762Kb / 31P
   1W Differential Input/Output Audio Power Amplifier with Selectable Standby
TS4994IST STMICROELECTRONICS-TS4994IST Datasheet
762Kb / 31P
   1W Differential Input/Output Audio Power Amplifier with Selectable Standby
More results

Descripción similar - TS4994_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TS4994 STMICROELECTRONICS-TS4994 Datasheet
762Kb / 31P
   1W Differential Input/Output Audio Power Amplifier with Selectable Standby
TS4994FC STMICROELECTRONICS-TS4994FC Datasheet
673Kb / 35P
   1.2 W differential input/output audio power amplifier with selectable standby
TS4872 STMICROELECTRONICS-TS4872_05 Datasheet
1,018Kb / 29P
   RAIL TO RAIL INPUT/OUTPUT 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE
TS4872 STMICROELECTRONICS-TS4872 Datasheet
960Kb / 29P
   RAIL TO RAIL INPUT/OUTPUT 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE
TS4871 STMICROELECTRONICS-TS4871 Datasheet
1Mb / 28P
   OUTPUT RAIL TO RAIL 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE
TS4990 STMICROELECTRONICS-TS4990 Datasheet
143Kb / 6P
   1W AUDIO POWER AMPLIFIER WITH ACTIVE LOW STANDBY MODE
TS4890 STMICROELECTRONICS-TS4890 Datasheet
833Kb / 32P
   RAIL TO RAIL OUTPUT 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE LOW
logo
National Semiconductor ...
LM4874 NSC-LM4874 Datasheet
869Kb / 21P
   2.1W Differential Input, BTL Output Stereo Audio Amplifier with Selectable Gain and Shutdown
LM4869 NSC-LM4869 Datasheet
832Kb / 20P
   1.9W Differential Input, BTL Output Stereo Audio Amplifier with Selectable Gain and Shutdown
logo
STMicroelectronics
TS4995 STMICROELECTRONICS-TS4995 Datasheet
442Kb / 26P
   1.2 W fully differential audio power amplifier with selectable standby and 6 dB fixed gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com