Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS4994 Datasheet(PDF) 9 Page - Texas Instruments

No. de pieza TS4994
Descripción Electrónicos  1W differential input/output audio power amplifier with selectable standby
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TS4994 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TS4994 Datasheet HTML 5Page - Texas Instruments TS4994 Datasheet HTML 6Page - Texas Instruments TS4994 Datasheet HTML 7Page - Texas Instruments TS4994 Datasheet HTML 8Page - Texas Instruments TS4994 Datasheet HTML 9Page - Texas Instruments TS4994 Datasheet HTML 10Page - Texas Instruments TS4994 Datasheet HTML 11Page - Texas Instruments TS4994 Datasheet HTML 12Page - Texas Instruments TS4994 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
TS4994
Electrical characteristics
9/35
Figure 3.
Current consumption vs. power
supply voltage
Figure 4.
Current consumption vs. standby
voltage
012
345
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
No load
Tamb=25
°C
Power Supply Voltage (V)
012
345
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Standby mode=0V
Standby mode=5V
Vcc = 5V
No load
Tamb=25
°C
Standby Voltage (V)
Figure 5.
Current consumption vs. power
supply voltage
Figure 6.
Current consumption vs. standby
voltage
0.0
0.6
1.2
1.8
2.4
3.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Standby mode=0V
Standby mode=3.3V
Vcc = 3.3V
No load
Tamb=25
°C
Standby Voltage (V)
0.0
0.6
1.2
1.8
2.4
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Standby mode=0V
Standby mode=2.6V
Vcc = 2.6V
No load
Tamb=25
°C
Standby Voltage (V)
Figure 7.
Differential DC output voltage vs.
common mode input voltage
Figure 8.
Power dissipation vs. output power
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.01
0.1
1
10
100
1000
Vcc=3.3V
Vcc=2.5V
Vcc=5V
Av = 1
Tamb = 25
°C
Common Mode Input Voltage (V)
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.2
0.4
0.6
RL=16
Ω
RL=8
Ω
Vcc=5V
F=1kHz
THD+N<1%
Output Power (W)


Número de pieza similar - TS4994

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TS4994 STMICROELECTRONICS-TS4994 Datasheet
762Kb / 31P
   1W Differential Input/Output Audio Power Amplifier with Selectable Standby
TS4994EIJT STMICROELECTRONICS-TS4994EIJT Datasheet
673Kb / 35P
   1.2 W differential input/output audio power amplifier with selectable standby
TS4994EIKJT STMICROELECTRONICS-TS4994EIKJT Datasheet
673Kb / 35P
   1.2 W differential input/output audio power amplifier with selectable standby
TS4994FC STMICROELECTRONICS-TS4994FC Datasheet
673Kb / 35P
   1.2 W differential input/output audio power amplifier with selectable standby
TS4994IQT STMICROELECTRONICS-TS4994IQT Datasheet
762Kb / 31P
   1W Differential Input/Output Audio Power Amplifier with Selectable Standby
More results

Descripción similar - TS4994

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TS4994 STMICROELECTRONICS-TS4994 Datasheet
762Kb / 31P
   1W Differential Input/Output Audio Power Amplifier with Selectable Standby
TS4994FC STMICROELECTRONICS-TS4994FC Datasheet
673Kb / 35P
   1.2 W differential input/output audio power amplifier with selectable standby
TS4872 STMICROELECTRONICS-TS4872_05 Datasheet
1,018Kb / 29P
   RAIL TO RAIL INPUT/OUTPUT 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE
TS4872 STMICROELECTRONICS-TS4872 Datasheet
960Kb / 29P
   RAIL TO RAIL INPUT/OUTPUT 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE
TS4871 STMICROELECTRONICS-TS4871 Datasheet
1Mb / 28P
   OUTPUT RAIL TO RAIL 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE
TS4990 STMICROELECTRONICS-TS4990 Datasheet
143Kb / 6P
   1W AUDIO POWER AMPLIFIER WITH ACTIVE LOW STANDBY MODE
TS4890 STMICROELECTRONICS-TS4890 Datasheet
833Kb / 32P
   RAIL TO RAIL OUTPUT 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE LOW
logo
National Semiconductor ...
LM4874 NSC-LM4874 Datasheet
869Kb / 21P
   2.1W Differential Input, BTL Output Stereo Audio Amplifier with Selectable Gain and Shutdown
LM4869 NSC-LM4869 Datasheet
832Kb / 20P
   1.9W Differential Input, BTL Output Stereo Audio Amplifier with Selectable Gain and Shutdown
logo
STMicroelectronics
TS4995 STMICROELECTRONICS-TS4995 Datasheet
442Kb / 26P
   1.2 W fully differential audio power amplifier with selectable standby and 6 dB fixed gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com