Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI5476DU Datasheet(PDF) 2 Page - Vishay Siliconix

No. de pieza SI5476DU
Descripción Electrónicos  N-Channel 60-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5476DU Datasheet(HTML) 2 Page - Vishay Siliconix

  SI5476DU Datasheet HTML 1Page - Vishay Siliconix SI5476DU Datasheet HTML 2Page - Vishay Siliconix SI5476DU Datasheet HTML 3Page - Vishay Siliconix SI5476DU Datasheet HTML 4Page - Vishay Siliconix SI5476DU Datasheet HTML 5Page - Vishay Siliconix SI5476DU Datasheet HTML 6Page - Vishay Siliconix SI5476DU Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Si5476DU
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 73663
S–60219—Rev. A, 20-Feb-06
SPECIFICATIONS (TJ = 25 _C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 1 mA
60
V
VDS Temperature Coefficient
DVDS/TJ
ID = 250 mA
55
mV/
_C
VGS(th) Temperature Coefficient
DVGS(th)/TJ
ID = 250 mA
– 6.3
mV/
_C
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
1
3
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = " 20 V
"100
ns
Zero Gate Voltage Drain Current
IDSS
VDS = 60 V, VGS = 0 V
1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = 60 V, VGS = 0 V, TJ = 55 _C
10
mA
On-State Drain Currenta
ID(on)
VDS w 5 V, VGS = 10 V
25
A
Drain Source On State Resistancea
rDS( )
VGS = 10 V, ID = 4.6 A
0.028
0.034
W
Drain-Source On-State Resistancea
rDS(on)
VGS = 4.5 V, ID = 4.2 A
0.033
0.041
W
Forward Transconductancea
gfs
VDS = 15 V, ID = 4.6 A
20
S
Dynamicb
Input Capacitance
Ciss
1100
Output Capacitance
Coss
VDS = 30 V, VGS = 0 V, f = 1 MHz
90
pF
Reverse Transfer Capacitance
Crss
55
p
Total Gate Charge
Q
VDS = 30 V, VGS = 10 V, ID = 4.6 A
21
32
Total Gate Charge
Qg
10.5
16
nC
Gate-Source Charge
Qgs
VDS = 30 V, VGS = 4.5 V, ID= 4.6 A
3.5
nC
Gate-Drain Charge
Qgd
4.2
Gate Resistance
Rg
f = 1 MHz
3.3
W
Turn-On Delay Time
td(on)
20
30
Rise Time
tr
VDD = 30 V, RL = 5.4 W
150
225
Turn-Off Delay Time
td(off)
VDD = 30 V, RL = 5.4 W
ID ^ 5.6 A, VGEN = 4.5 V, Rg = 1 W
20
30
Fall Time
tf
g
60
90
ns
Turn-On Delay Time
td(on)
10
15
ns
Rise Time
tr
VDD = 30 V, RL = 5.4 W
15
25
Turn-Off Delay Time
td(off)
VDD = 30 V, RL = 5.4 W
ID ^ 5.6 A, VGEN = 10 V, Rg = 1 W
25
40
Fall Time
tf
g
10
15
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 _C
12
A
Pulse Diode Forward Current
ISM
25
A
Body Diode Voltage
VSD
IS = 5.5 A, VGS = 0 V
0.85
1.2
V
Body Diode Reverse Recovery Time
trr
25
50
ns
Body Diode Reverse Recovery Charge
Qrr
IF =55A di/dt = 100 A/msTJ =25 _C
25
50
nC
Reverse Recovery Fall Time
ta
IF = 5.5 A, di/dt = 100 A/ms, TJ = 25 _C
19
ns
Reverse Recovery Rise Time
tb
6
ns
Notes
a.
Pulse test; pulse width
v 300 ms, duty cycle v 2 %.
b.
Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.


Número de pieza similar - SI5476DU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Telefunken
SI5476DU TFUNK-SI5476DU Datasheet
176Kb / 9P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI5476DU VISHAY-SI5476DU Datasheet
180Kb / 9P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 23-Jun-08
SI5476DU-T1-GE3 VISHAY-SI5476DU-T1-GE3 Datasheet
144Kb / 7P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 23-Jun-08
SI5476DU-T1-GE3 VISHAY-SI5476DU-T1-GE3 Datasheet
187Kb / 9P
   N-Channel 60 V (D-S) MOSFET
01-Jan-2022
SI5476DU VISHAY-SI5476DU_08 Datasheet
144Kb / 7P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 23-Jun-08
More results

Descripción similar - SI5476DU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI7478DP VISHAY-SI7478DP Datasheet
231Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 07-Nov-05
2N7000KL VISHAY-2N7000KL Datasheet
73Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 16-Feb-04
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604 Datasheet
246Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
Bruckewell Technology L...
MSD20N06 BWTECH-MSD20N06 Datasheet
566Kb / 5P
   N-Channel 60-V (D-S) MOSFET
MSD30N06 BWTECH-MSD30N06 Datasheet
702Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SIR664DP VISHAY-SIR664DP Datasheet
161Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 13-May-13
logo
Analog Power
AM110N06-08FP ANALOGPOWER-AM110N06-08FP Datasheet
577Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM2362N ANALOGPOWER-AM2362N Datasheet
311Kb / 5P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SUM50020EL VISHAY-SUM50020EL Datasheet
189Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 10-Aug-15
SIS862DN VISHAY-SIS862DN Datasheet
565Kb / 13P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 27-May-13
logo
Analog Power
AM7960N ANALOGPOWER-AM7960N Datasheet
310Kb / 5P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com