Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M27C512-25N3TR Datasheet(PDF) 10 Page - STMicroelectronics |
|
M27C512-25N3TR Datasheet(HTML) 10 Page - STMicroelectronics |
10 / 22 page M27C512 10/22 DC AND AC PARAMETERS This section summarizes the operating and mea- surement conditions, and the DC and AC charac- teristics of the device. The parameters in the DC and AC Characteristic tables that follow are de- rived from tests performed under the Measure- ment Conditions summarized in the relevant tables. Designers should check that the operating conditions in their circuit match the measurement conditions when relying on the quoted parame- ters. Table 5. AC Measurement Conditions Figure 7. Testing Input Output Waveform Figure 8. AC Testing Load Circuit Table 6. Capacitance Note: 1. TA = 25°C, f = 1MHz 2. Sampled only, not 100% tested. High Speed Standard Input Rise and Fall Times ≤ 10ns ≤ 20ns Input Pulse Voltages 0 to 3V 0.4V to 2.4V Input and Output Timing Ref. Voltages 1.5V 0.8V and 2V AI01822 3V High Speed 0V 1.5V 2.4V Standard 0.4V 2.0V 0.8V AI01823B 1.3V OUT CL CL = 30pF for High Speed CL = 100pF for Standard CL includes JIG capacitance 3.3k Ω 1N914 DEVICE UNDER TEST Symbol Parameter Test Condition (1,2) Min Max Unit CIN Input Capacitance VIN = 0V 6pF COUT Output Capacitance VOUT = 0V 12 pF |
Número de pieza similar - M27C512-25N3TR |
|
Descripción similar - M27C512-25N3TR |