Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD74HCT283MT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CD74HCT283MT
Descripción Electrónicos  High-Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CD74HCT283MT Datasheet(HTML) 1 Page - Texas Instruments

  CD74HCT283MT Datasheet HTML 1Page - Texas Instruments CD74HCT283MT Datasheet HTML 2Page - Texas Instruments CD74HCT283MT Datasheet HTML 3Page - Texas Instruments CD74HCT283MT Datasheet HTML 4Page - Texas Instruments CD74HCT283MT Datasheet HTML 5Page - Texas Instruments CD74HCT283MT Datasheet HTML 6Page - Texas Instruments CD74HCT283MT Datasheet HTML 7Page - Texas Instruments CD74HCT283MT Datasheet HTML 8Page - Texas Instruments CD74HCT283MT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS176D
Features
• Adds Two Binary Numbers
• Full Internal Lookahead
• Fast Ripple Carry for Economical Expansion
• Operates with Both Positive and Negative Logic
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The ’HC283 and ’HCT283 binary full adders add two 4-bit
binary numbers and generate a carry-out bit if the sum
exceeds 15.
Because of the symmetry of the add function, this device
can be used with either all active-high operands (positive
logic) or with all active-low operands (negative logic). When
using positive logic the carry-in input must be tied low if there
is no carry-in.
Ordering Information
PART NUMBER
TEMP. RANGE (oC)
PACKAGE
CD54HC283F3A
-55 to 125
16 Ld CERDIP
CD54HCT283F3A
-55 to 125
16 Ld CERDIP
CD74HC283E
-55 to 125
16 Ld PDIP
CD74HC283M
-55 to 125
16 Ld SOIC
CD74HC283MT
-55 to 125
16 Ld SOIC
CD74HC283M96
-55 to 125
16 Ld SOIC
CD74HCT283E
-55 to 125
16 Ld PDIP
CD74HCT283M
-55 to 125
16 Ld SOIC
CD74HCT283MT
-55 to 125
16 Ld SOIC
CD74HCT283M96
-55 to 125
16 Ld SOIC
NOTE: When ordering, use the entire part number. The suffix 96
denotes tape and reel. The suffix T denotes a small-quantity reel of
250.
Pinout
CD54HC283, CD54HCT283
(CERDIP)
CD74HC283, CD74HCT283
(PDIP, SOIC)
TOP VIEW
Functional Diagram
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
S1
B1
A1
S0
A0
B0
GND
CIN
VCC
A2
S2
A3
B3
S3
COUT
B2
5
6
3
2
15
11
12
14
4
9
S2
S1
A0
B0
A1
B1
B2
A3
B3
A2
7
CIN
GND = 8
VCC = 16
10
13
1
S0
S3
COUT
November 1997 - Revised October 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD54HC283, CD74HC283,
CD54HCT283, CD74HCT283
High-Speed CMOS Logic
4-Bit Binary Full Adder with Fast Carry
[ /Title
(CD74
HC283
,
CD74
HCT28
3)
/Sub-
ject
(High
Speed
CMOS
Logic
4-Bit
Binary
Full
Adder


Número de pieza similar - CD74HCT283MT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD74HCT283MT TI-CD74HCT283MT Datasheet
265Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry
CD74HCT283MT TI-CD74HCT283MT Datasheet
410Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry
CD74HCT283MT TI1-CD74HCT283MT Datasheet
457Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry
CD74HCT283MTE4 TI-CD74HCT283MTE4 Datasheet
265Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry
CD74HCT283MTE4 TI-CD74HCT283MTE4 Datasheet
410Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry
More results

Descripción similar - CD74HCT283MT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD54HC283 TI-CD54HC283_07 Datasheet
410Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry
CD54HC283 TI1-CD54HC283_14 Datasheet
457Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry
CD54HC283 TI-CD54HC283 Datasheet
265Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry
CD74HC283 TI-CD74HC283 Datasheet
41Kb / 6P
[Old version datasheet]   High Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry
logo
Hitachi Semiconductor
HD74AC283 HITACHI-HD74AC283 Datasheet
63Kb / 12P
   4-bit Binary Full Adder with Fast Carry
logo
National Semiconductor ...
54F283DM NSC-54F283DM Datasheet
184Kb / 10P
   4-Bit Binary Full Adder with Fast Carry
logo
NXP Semiconductors
74HC283N PHILIPS-74HC283N Datasheet
111Kb / 20P
   4-bit binary full adder with fast carry
Rev. 03-11 November 2004
logo
Fairchild Semiconductor
74F283 FAIRCHILD-74F283_04 Datasheet
74Kb / 6P
   4-Bit Binary Full Adder with Fast Carry
logo
Renesas Technology Corp
HD74HC83 RENESAS-HD74HC83 Datasheet
102Kb / 7P
   4-bit Binary Full Adder (with Fast Carry)
logo
Motorola, Inc
SN54LS283 MOTOROLA-SN54LS283 Datasheet
97Kb / 4P
   4-BIT BINARY FULL ADDER WITH FAST CARRY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com