Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS40211DRCR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS40211DRCR
Descripción Electrónicos  4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS40211DRCR Datasheet(HTML) 1 Page - Texas Instruments

  TPS40211DRCR Datasheet HTML 1Page - Texas Instruments TPS40211DRCR Datasheet HTML 2Page - Texas Instruments TPS40211DRCR Datasheet HTML 3Page - Texas Instruments TPS40211DRCR Datasheet HTML 4Page - Texas Instruments TPS40211DRCR Datasheet HTML 5Page - Texas Instruments TPS40211DRCR Datasheet HTML 6Page - Texas Instruments TPS40211DRCR Datasheet HTML 7Page - Texas Instruments TPS40211DRCR Datasheet HTML 8Page - Texas Instruments TPS40211DRCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
1
FEATURES
CONTENTS
DESCRIPTION
APPLICATIONS
1
2
3
4
10
9
8
7
RC
DIS/EN
COMP
SS
VDD
ISNS
GDRV
GND
TPS40210
V
OUT
V
IN
5
FB
6
BP
R
SENSE
UDG-07110
TPS40210, TPS40211
www.ti.com......................................................................................................................................................... SLUS772A – MARCH 2008 – REVISED APRIL 2008
4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
• For Boost, Flyback, SEPIC, LED Drive Apps
Device Ratings
2
• Wide Input Operating Voltage: 4.5 V to 52 V
Electrical Characteristics
3
• Adjustable Oscillator Frequency
Typical Characteristics
5
• Fixed Frequency Current Mode Control
• Internal Slope Compensation
Terminal Information
10
• Integrated Low-Side Driver
Application Information
12
• Programmable Closed Loop Soft Start
Additional References
25
• Overcurrent Protection
Design Examples
26
• External Synchronization Capable
• Reference700-mV (TPS40210), 263-mV
(TPS40211)
The TPS40210 and TPS40211 are wide-input voltage
• Low Current Disable Function
(4.5 V to 52 V), non-synchronous boost controllers.
They are suitable for topologies which require a
grounded source N-channel FET including boost,
• LED Lighting
flyback, SEPIC and various LED Driver applications.
• Industrial Control Systems
The device features include programmable soft start,
overcurrent
protection
with
automatic
retry
and
• Battery Powered Systems
programmable oscillator frequency. Current mode
control provides improved transient response and
simplified loop compensation. The main difference
between the two parts is the reference voltage to
which the error amplifier regulates the FB pin.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - TPS40211DRCR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS40211DRCR TI-TPS40211DRCR Datasheet
876Kb / 39P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40211DRCR TI-TPS40211DRCR Datasheet
1Mb / 46P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40211DRCR TI1-TPS40211DRCR Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
TPS40211DRCRG4 TI-TPS40211DRCRG4 Datasheet
1Mb / 46P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40211DRCRG4 TI1-TPS40211DRCRG4 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
More results

Descripción similar - TPS40211DRCR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS40210 TI-TPS40210 Datasheet
876Kb / 39P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210 TI1-TPS40210_16 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
TPS40210_0806 TI-TPS40210_0806 Datasheet
1Mb / 46P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210-EP TI1-TPS40210-EP_16 Datasheet
1Mb / 41P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
TPS40210 TI-TPS40210_15 Datasheet
1Mb / 51P
[Old version datasheet]   TPS4021x 4.5-V to 52-V Input Current Mode Boost Controller
TPS40210-EP TI-TPS40210-EP_15 Datasheet
1Mb / 44P
[Old version datasheet]   TPS40210-EP 4.5-V to 52-V Input Current Mode Boost Controller
TPS40210-Q1 TI1-TPS40210-Q1 Datasheet
1,022Kb / 41P
[Old version datasheet]   4.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLERS
TPS40210-HT TI-TPS40210-HT_15 Datasheet
731Kb / 40P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
TPS40210-HT TI-TPS40210-HT_1 Datasheet
864Kb / 39P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
TPS40210-HT TI-TPS40210-HT Datasheet
850Kb / 37P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com