Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA6120A2DWPR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPA6120A2DWPR
Descripción Electrónicos  HIGH FIDELITY HEADPHONE AMPLIFIER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPA6120A2DWPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPA6120A2DWPR Datasheet HTML 3Page - Texas Instruments TPA6120A2DWPR Datasheet HTML 4Page - Texas Instruments TPA6120A2DWPR Datasheet HTML 5Page - Texas Instruments TPA6120A2DWPR Datasheet HTML 6Page - Texas Instruments TPA6120A2DWPR Datasheet HTML 7Page - Texas Instruments TPA6120A2DWPR Datasheet HTML 8Page - Texas Instruments TPA6120A2DWPR Datasheet HTML 9Page - Texas Instruments TPA6120A2DWPR Datasheet HTML 10Page - Texas Instruments TPA6120A2DWPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
www.ti.com
0.0001
0.01
0.1
1 k
10 k
50 k
f − Frequency − Hz
RL = 64 W,
Gain = 2 V/V,
RF = 1 kW,
RI = 1 kW,
BW = 80 kHz
VCC = +15 V, PO = 700 mW
VCC = +15 V, PO = 1.35 W
10
100
VCC = +12 V, PO = 500 mW
VCC = +12 V, PO = 425 mW
0.001
f − Frequency − Hz
0.001
1
10
100
1 k
10 k
50 k
0.01
0.1
RL = 32 W,
Gain = 2 V/V,
RF = 1 kW,
RI = 1 kW,
BW = 80 kHz
0.0001
VCC = +15 V, PO = 1.5 W
VCC = +12 V, PO = 800 mW
VCC = +12 V, PO = 950 mW
VCC = +15 V, PO = 1.25 W
0.001
0.01
0.1
1
10
3
5
10
15
20
25
30
35
VO − Output Voltage − VPP
RL = 10 kW,
Gain = 3 V/V,
f = 1 kHz,
RF = 2 kW,
RI = 1 kW,
BW = 80 kHz
VCC = +12 V
VCC = +15 V
0.0001
0.00001
PO − Output Power − W
0.00001
0.01
1
10
0.01
0.1
0.2
0.0001
0.001
0.1
VCC = +15 V
VCC = +12 V
RL = 600 W,
Gain = 3 V/V,
f = 1 kHz,
RF = 2 kW,
RI = 1 kW,
BW = 80 kHz
TPA6120A2
SLOS431 – MARCH 2004
TYPICAL CHARACTERISTICS (continued)
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
FREQUENCY
FREQUENCY
Figure 3.
Figure 4.
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
OUTPUT VOLTAGE
OUTPUT POWER
Figure 5.
Figure 6.
7


Número de pieza similar - TPA6120A2DWPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA6120A2DWPR TI-TPA6120A2DWPR Datasheet
527Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2DWPR TI-TPA6120A2DWPR Datasheet
607Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2DWPR TI1-TPA6120A2DWPR Datasheet
2Mb / 31P
[Old version datasheet]   High Fidelity Headphone Amplifier
TPA6120A2DWPRG4 TI1-TPA6120A2DWPRG4 Datasheet
2Mb / 31P
[Old version datasheet]   High Fidelity Headphone Amplifier
More results

Descripción similar - TPA6120A2DWPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA6120A2 TI-TPA6120A2_07 Datasheet
607Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI1-TPA6120A2 Datasheet
2Mb / 31P
[Old version datasheet]   High Fidelity Headphone Amplifier
TPA6120A2 TI-TPA6120A2 Datasheet
527Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI-TPA6120A2_15 Datasheet
2Mb / 31P
[Old version datasheet]   TPA6120A2 High Fidelity Headphone Amplifier
LME49600 TI1-LME49600 Datasheet
439Kb / 21P
[Old version datasheet]   High-Performance, High-Fidelity, High-Current Headphone Buffer
logo
National Semiconductor ...
LME49723 NSC-LME49723 Datasheet
640Kb / 24P
   Dual High Fidelity Audio Operational Amplifier
LME49710 NSC-LME49710_07 Datasheet
815Kb / 28P
   High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49710 TI1-LME49710 Datasheet
1Mb / 34P
[Old version datasheet]   High-Performance, High-Fidelity Audio Operational Amplifier
LME49723 TI1-LME49723 Datasheet
1Mb / 26P
[Old version datasheet]   Dual High Fidelity Audio Operational Amplifier
LME49710 TI1-LME49710_14 Datasheet
1Mb / 33P
[Old version datasheet]   High Performance, High Fidelity Audio Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com