Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM2507SQ Datasheet(PDF) 8 Page - National Semiconductor (TI) |
|
|
LM2507SQ Datasheet(HTML) 8 Page - National Semiconductor (TI) |
8 / 22 page Functional Description (Continued) OFF PHASE In the OFF phase, both Master and Slave MPL transmitters are turned off with zero current flowing on the MC and MDn lines. Figure 7 shows the transition of the MPL bus into the OFF phase. If an MPL line is driven to a logical Low (high current) when the OFF phase is entered it may temporarily pass through as a logical High (low current) before reaching the zero line current state. The link may be powered down by asserting both the Mas- ter’s and Slave’s PD* input pins (Low). This causes the devices to immediately put the link to the OFF Phase and internally enter a low power state. To avoid loss of data the Master’s PD* input should only be asserted after the MPL bus has been in the IDLE state for at least 20 MC clock cycles. This gives the Slave enough time to complete any write operations received from the MPL bus. CPU INTERFACE COMPATIBILITY The CPU i80 Interface provides compatibility between a CPU Interface host and a small form factor (SFF) Display or other fixed I/O port application. WRITE TRANSACTION The WRITE transaction consists of one MC cycle of control information followed by four MC cycles of write data for a 16-bit WRITE. Since WRITE transactions transfer informa- tion on both edges of MC it takes five MC cycles to complete a write transaction. The MD0 line carries the Start bit (Low), the A/D (Address/Data) bit and then the data payload of 8 bits (D0-7). The MD1 line carries the R/W* bit (Read/Write*), the CS1/2 bit and then the data payload of 8 bits (D8-15). The data payload is sent least significant bit (LSB) first. The CS1/2 bit denotes which Chipset pin was active. CS1/2 = HIGH designates that CS1* is active (Low). CS1/2 = LOW designates that CS2* is active (Low). CS1* and CS2* LOW is not allowed. 8-bit and 9-bit CPU bus widths may be supported by tieing off unused inputs. 20186005 FIGURE 6. Bus Power Up Timing 20186006 FIGURE 7. Bus Power Down Timing www.national.com 8 |
Número de pieza similar - LM2507SQ |
|
Descripción similar - LM2507SQ |