Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS3A4741 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza TS3A4741
Descripción Electrónicos  0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TS3A4741 Datasheet(HTML) 1 Page - Texas Instruments

  TS3A4741_08 Datasheet HTML 1Page - Texas Instruments TS3A4741_08 Datasheet HTML 2Page - Texas Instruments TS3A4741_08 Datasheet HTML 3Page - Texas Instruments TS3A4741_08 Datasheet HTML 4Page - Texas Instruments TS3A4741_08 Datasheet HTML 5Page - Texas Instruments TS3A4741_08 Datasheet HTML 6Page - Texas Instruments TS3A4741_08 Datasheet HTML 7Page - Texas Instruments TS3A4741_08 Datasheet HTML 8Page - Texas Instruments TS3A4741_08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
FEATURES
APPLICATIONS
DGKPACKAGE...TS3A4741
(TOP VIEW)
GND
IN2
COM1
NO1
NO2
COM2
V+
IN1
5
6
7
8
1
2
3
4
DCNPACKAGE...TS3A4741
(TOP VIEW)
COM2
NO2
V+
IN1
GND
IN2
NO1
COM1
5
6
7
8
1
2
3
4
DGKPACKAGE...TS3A4742
(TOP VIEW)
GND
IN2
COM1
NC1
NC2
COM2
V+
IN1
5
6
7
8
1
2
3
4
DCNPACKAGE...TS3A4742
(TOP VIEW)
COM2
NC2
V+
IN1
GND
IN2
NC1
COM1
5
6
7
8
1
2
3
4
DESCRIPTION/ORDERING INFORMATION
TS3A4741,, TS3A4742
0.9-
Ω LOW-VOLTAGE SINGLE-SUPPLY
DUAL SPST ANALOG SWITCHES
SCDS228D – AUGUST 2006 – REVISED JANUARY 2008
www.ti.com
• Power Routing
• Low ON-State Resistance (r
on)
• Battery-Powered Systems
0.9
Ω Max (3-V Supply)
• Audio and Video Signal Routing
1.5
Ω Max (1.8-V Supply)
• Low-Voltage Data-Acquisition Systems
• 0.4-Ω Max r
on Flatness (3-V Supply)
• Communications Circuits
• 1.6-V to 3.6-V Single-Supply Operation
• PCMCIA Cards
• Available in SOT-23 and MSOP Packages
• Cellular Phones
• High Current-Handling Capacity (100 mA
• Modems
Continuous)
• Hard Drives
• 1.8-V CMOS Logic Compatible (3-V Supply)
• Fast Switching: t
ON = 14 ns, tOFF = 9 ns
The TS3A4741/TS3A4742 are low ON-state resistance (ron), low-voltage, dual single-pole/single-throw (SPST)
analog switches that operate from a single 1.6-V to 3.6-V supply. These devices have fast switching speeds,
handle rail-to-rail analog signals, and consume very low quiescent power.
The digital logic input is 1.8-V CMOS compatible when using a single 3-V supply.
The TS3A4741 has two normally open (NO) switches, and the TS3A4742 has two normally closed (NC)
switches. Both devices are available in 8-pin SOT-23 and MSOP packages.
ORDERING INFORMATION
TA
PACKAGE(1)(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
TS3A4741DGKR
JYR
MSOP – DGK
Reel of 2500
TS3A4742DGKR
L7R
–40
°C to 85°C
TS3A4741DCNR
8BLR
SOT-23 – DCN
Reel of 3000
TS3A4742DCNR
8BPR
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
FUNCTION TABLE
NO TO COM,
NC TO COM,
IN
COM TO NO
COM TO NC
(TS3A4741)
(TS3A4742)
L
OFF
ON
H
ON
OFF
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2006–2008, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - TS3A4741_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TS3A4741 TI-TS3A4741_09 Datasheet
534Kb / 17P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES
More results

Descripción similar - TS3A4741_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TS3A4741 TI1-TS3A4741_14 Datasheet
730Kb / 20P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES
TS3A4741 TI-TS3A4741_09 Datasheet
534Kb / 17P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES
TS3A4741 TI-TS3A4741_15 Datasheet
981Kb / 26P
[Old version datasheet]   TS3A474x 0.9-廓 Low-Voltage Single-Supply 2-Channel SPST Analog Switches
logo
ams AG
AS1751 AMSCO-AS1751 Datasheet
596Kb / 16P
   High-Speed, Low-Voltage, Single-Supply, 0.9廓, Quad SPST Analog Switches
logo
Maxim Integrated Produc...
MAX4751 MAXIM-MAX4751 Datasheet
330Kb / 13P
   0.9?? Low-Voltage, Single-Supply Quad SPST Analog Switches
Rev 1; 4/03
logo
Texas Instruments
TS3A4751 TI-TS3A4751_10 Datasheet
741Kb / 21P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
TS3A4751 TI1-TS3A4751_14 Datasheet
912Kb / 24P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
logo
Maxim Integrated Produc...
MAX4626 MAXIM-MAX4626_V01 Datasheet
688Kb / 9P
   0.5廓, Low-Voltage, Single-Supply SPST Analog Switches
2017
logo
ams AG
AS1751 AMSCO-AS1751_1 Datasheet
519Kb / 16P
   High-Speed, Low-Voltage, Single-Supply, 0.9, Quad SPST Analog Switches
logo
Intersil Corporation
ISL43120IHZ-T INTERSIL-ISL43120IHZ-T Datasheet
433Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
August 17, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com