Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI91860 Datasheet(PDF) 3 Page - Vishay Siliconix

No. de pieza SI91860
Descripción Electrónicos  400-mA Smart Regulator for Network Interface Card
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI91860 Datasheet(HTML) 3 Page - Vishay Siliconix

  SI91860 Datasheet HTML 1Page - Vishay Siliconix SI91860 Datasheet HTML 2Page - Vishay Siliconix SI91860 Datasheet HTML 3Page - Vishay Siliconix SI91860 Datasheet HTML 4Page - Vishay Siliconix SI91860 Datasheet HTML 5Page - Vishay Siliconix SI91860 Datasheet HTML 6Page - Vishay Siliconix SI91860 Datasheet HTML 7Page - Vishay Siliconix SI91860 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Si91860
Vishay Siliconix
Document Number: 71340
S-40704—Rev. B, 19-Apr-04
www.vishay.com
3
TIMING WAVEFORMS
FIGURE 1. Timing Diagram
VIN
VOUT
5 V
tON
0.95 VOUT
PIN CONFIGURATION
SO-8
5
6
7
8
Top View
2
3
4
1
5 VSB
GND
5 VIN
GND
3.3 VOUT
GND
3.3 VAUX
GND
PIN DESCRIPTION
Pin Number
Name
Function
1
5 VSB
Secondary power input for the Regulator
2
5 VIN
Primary power input for the Regulator
3
3.3 VOUT
Output 3.3 V
4
3.3 VAUX
Power input for the bypass function
5, 6, 7, 8
GND
Grounds


Número de pieza similar - SI91860

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI91861 VISHAY-SI91861 Datasheet
109Kb / 7P
   400-mA Smart Regulator for Network Interface Card
Rev. B, 19-Apr-04
SI91861DY VISHAY-SI91861DY Datasheet
109Kb / 7P
   400-mA Smart Regulator for Network Interface Card
Rev. B, 19-Apr-04
SI91861DY-T1 VISHAY-SI91861DY-T1 Datasheet
109Kb / 7P
   400-mA Smart Regulator for Network Interface Card
Rev. B, 19-Apr-04
SI91861DY-T1-E3 VISHAY-SI91861DY-T1-E3 Datasheet
109Kb / 7P
   400-mA Smart Regulator for Network Interface Card
Rev. B, 19-Apr-04
More results

Descripción similar - SI91860

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI91861 VISHAY-SI91861 Datasheet
109Kb / 7P
   400-mA Smart Regulator for Network Interface Card
Rev. B, 19-Apr-04
logo
Maxim Integrated Produc...
MAX1810 MAXIM-MAX1810 Datasheet
263Kb / 8P
   Network Interface Card Smart Regulator
19-1678; Rev 0; 4/00
logo
ON Semiconductor
NCV4276BDT50RKG ONSEMI-NCV4276BDT50RKG Datasheet
205Kb / 18P
   400 mA Low?륞rop Voltage Regulator
February, 2013 ??Rev. 5
NCV4276 ONSEMI-NCV4276 Datasheet
182Kb / 25P
   400 mA Low-Drop Voltage Regulator
June, 2011 ??Rev. 24
NCV4274C ONSEMI-NCV4274C Datasheet
125Kb / 13P
   400 mA Low Dropout Voltage Regulator
May, 2015 ??Rev. 1
NCV4276C ONSEMI-NCV4276C Datasheet
164Kb / 16P
   400 mA Low-Drop Voltage Regulator
January, 2014 ??Rev. 0
NCV4276 ONSEMI-NCV4276_06 Datasheet
198Kb / 23P
   400 mA Low?묭rop Voltage Regulator
October, 2006 ??Rev. 18
NCV4276BDS50R4G ONSEMI-NCV4276BDS50R4G Datasheet
205Kb / 18P
   400 mA Low?륞rop Voltage Regulator
February, 2013 ??Rev. 5
NCV4276B ONSEMI-NCV4276B_14 Datasheet
146Kb / 18P
   400 mA Low?륞rop Voltage Regulator
August, 2014 ??Rev. 6
NCV4276B ONSEMI-NCV4276B Datasheet
142Kb / 12P
   400 mA Low-Drop Voltage Regulator
June, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com