Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74AHC1G125DRLRG4 Datasheet(PDF) 3 Page - Texas Instruments |
|
74AHC1G125DRLRG4 Datasheet(HTML) 3 Page - Texas Instruments |
3 / 13 page SN74AHC1G125 SINGLE BUS BUFFER GATE WITH 3STATE OUTPUT SCLS377J − AUGUST 1997 − REVISED JUNE 2005 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS VCC TA = 25°C MIN MAX UNIT PARAMETER TEST CONDITIONS VCC MIN TYP MAX MIN MAX UNIT 2 V 1.9 2 1.9 IOH = −50 mA 3 V 2.9 3 2.9 VOH IOH = −50 mA 4.5 V 4.4 4.5 4.4 V VOH IOH = −4 mA 3 V 2.58 2.48 V IOH = −8 mA 4.5 V 3.94 3.8 2 V 0.1 0.1 IOL = 50 mA 3 V 0.1 0.1 VOL IOL = 50 mA 4.5 V 0.1 0.1 V VOL IOL = 4 mA 3 V 0.36 0.44 V IOL = 8 mA 4.5 V 0.36 0.44 II VI = 5.5 V or GND 0 V to 5.5 V ±0.1 ±1 mA IOZ VI = VCC or GND 5.5 V ±0.25 ±2.5 mA ICC VI = VCC or GND, IO = 0 5.5 V 1 10 mA Ci VI = VCC or GND 5 V 4 10 10 pF Co VO = VCC or GND 5 V 10 pF switching characteristics over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1) PARAMETER FROM TO LOAD TA = 25°C MIN MAX UNIT PARAMETER FROM (INPUT) TO (OUTPUT) LOAD CAPACITANCE MIN TYP MAX MIN MAX UNIT tPLH A Y CL = 15 pF 5.6 8 1 9.5 ns tPHL A Y CL = 15 pF 5.6 8 1 9.5 ns tPZH OE Y CL = 15 pF 5.4 8 1 9.5 ns tPZL OE Y CL = 15 pF 5.4 8 1 9.5 ns tPHZ OE Y CL = 15 pF 7 9.7 1 11.5 ns tPLZ OE Y CL = 15 pF 7 9.7 1 11.5 ns tPLH A Y CL = 50 pF 8.1 11.5 1 13 ns tPHL A Y CL = 50 pF 8.1 11.5 1 13 ns tPZH OE Y CL = 50 pF 7.9 11.5 1 13 ns tPZL OE Y CL = 50 pF 7.9 11.5 1 13 ns tPHZ OE Y CL = 50 pF 9.5 13.2 1 15 ns tPLZ OE Y CL = 50 pF 9.5 13.2 1 15 ns |
Número de pieza similar - 74AHC1G125DRLRG4 |
|
Descripción similar - 74AHC1G125DRLRG4 |