Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LDA1-CP1 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

No. de pieza LDA1-CP1
Descripción Electrónicos  Dual Mode Laser Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

LDA1-CP1 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LDA1-CP1 Datasheet HTML 1Page - List of Unclassifed Manufacturers LDA1-CP1 Datasheet HTML 2Page - List of Unclassifed Manufacturers LDA1-CP1 Datasheet HTML 3Page - List of Unclassifed Manufacturers LDA1-CP1 Datasheet HTML 4Page - List of Unclassifed Manufacturers LDA1-CP1 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
550 E. Weddell Drive, Suite 4, Sunnyvale, CA 94089, U. S. A. Tel.: (408) 747-9760, Fax: (408) 747-9770, Web: www .analogt echnologies.com
© Copyrights 2000– 2003, Analog Technologies, Inc. All Rights Reserved.
2
LDA1-CP1
Analog Technologies, Inc.
Pin 8
LPS, laser power set-point voltage, analog input. 0V to 2.5V sets the laser output power from 0 to
the maximum value linearly. The input impedance of this pin is 100K
Ω. This pin can be set by an
external analog signal source, such as the output of a closed-looped op-amp, POT, or DAC.
Pin 9
GND, signal ground pin. Connect ADC and DAC grounds to here.
Pin 10 LPO, laser power output voltage, analog output. Low impedance output. The (positive-going)
output of a TIA (Trans-Impedance Amplifier) for the photodiode in the laser. The trans-
impedance is set by an external resister between LPO pin and PDCT (pin 11).
Pin 11 PDCT, photodiode cathode, analog input. The TIA’s input. Drawing current out from this pin
will bring the LPO pin voltage going up-ward.
Pin 12 LDA, laser diode anode, analog output. This pin is used to drive a laser of which the cathode is
connected to the case and the case is connected to the ground. See Figure 1.
Pin 13 LDC, laser diode cathode, analog output. This pin is internally connected to ground. Connect it
directly to the laser’s cathode which is also the case of the laser. See Figure 1.
Pin 14 GND, ground. Connect power supply return rail to here.
Pin 15 VPS, power supply, analog power input. The driver works from 3.2V to 5.5V.
Pin 16 SYNCO, sync output, digital output. This pin can be used to synchronize another switch mode
driver such as for TEC or power supply so that the other drivers will not interfere with this laser
driver. The switching frequency is set at 700 KHz. There is a 10K resistor before this pin to the
switcher output. This pin can also be used to see the switcher’s output voltage.
Mode Setting
A. Set the driver to constant current mode without over power protection
In this mode, the laser is always operating at constant current mode.
1. Set LIS = 2.5V
× I
laser 42.0A, where Ilaser is the set-point laser current.
2. Make sure LPS is greater than LPO, for example by connecting LPS to 2.5V reference and making
photodiode transimpedance amp resistor = 0 ohms.
B. Set the driver to constant current mode with over power protection
In this mode, the laser is operating at the constant current mode unless the laser output power reaches the
preset maximum power. When the laser output power reaches the protection power, the laser will be
operating in constant power mode.
1. Set LIS = 2.5V
× I
set 42.0A, where Ilaser is a laser set-point current.
2. Set LPS to the voltage generated at the LPO pin by the internal TIA (Trans-Impedance Amplifier)
when the laser is outputting the protection power level. The TIA converts the current of the power-
sensing PD (Photo Diode) into a voltage, with the gain set by an external resistor connected
between the PDCT and LPO pins. Make sure that the set-point laser current is at least 5% less than
the current needed to generate the protection laser power level.
C. Set the driver to constant power mode without over current protection


Número de pieza similar - LDA1-CP1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Technologies, In...
LDA1-CP1 ANALOGTECHNOLOGIES-LDA1-CP1 Datasheet
324Kb / 7P
   Dual Mode Laser Driver
1/24/2022
LDA1-CP1-D-SNI ANALOGTECHNOLOGIES-LDA1-CP1-D-SNI Datasheet
324Kb / 7P
   Dual Mode Laser Driver
1/24/2022
LDA1-CP1-D-SNO ANALOGTECHNOLOGIES-LDA1-CP1-D-SNO Datasheet
324Kb / 7P
   Dual Mode Laser Driver
1/24/2022
More results

Descripción similar - LDA1-CP1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Technologies, In...
LDA1-CP1 ANALOGTECHNOLOGIES-LDA1-CP1 Datasheet
324Kb / 7P
   Dual Mode Laser Driver
1/24/2022
logo
List of Unclassifed Man...
DBD-R2V1 ETC2-DBD-R2V1 Datasheet
261Kb / 6P
   Dual Mode Bi-directional Dual Input Laser Driver
logo
Maxim Integrated Produc...
MAX3643 MAXIM-MAX3643 Datasheet
266Kb / 15P
   Burst-Mode Laser Driver
Rev 0; 11/05
logo
Intersil Corporation
EL6207 INTERSIL-EL6207 Datasheet
93Kb / 7P
   Dual Laser Driver Oscillator
logo
IC-Haus GmbH
IC-HT ICHAUS-IC-HT Datasheet
972Kb / 42P
   DUAL CW LASER DIODE DRIVER
logo
Intersil Corporation
HIP9022 INTERSIL-HIP9022 Datasheet
98Kb / 10P
   Dual High Speed Laser Driver
logo
IC-Haus GmbH
IC-HT ICHAUS-IC-HT_15 Datasheet
949Kb / 45P
   DUAL CW LASER DIODE DRIVER
logo
Micrel Semiconductor
SY88236L MICREL-SY88236L_10 Datasheet
858Kb / 19P
   2.5Gbps Burst Mode Laser Driver with
SY88216L MICREL-SY88216L_10 Datasheet
629Kb / 11P
   3.3V, 2.5Gbps Burst Mode Laser Driver
SY88216L MICREL-SY88216L Datasheet
672Kb / 11P
   3.3V, 2.5Gbps Burst Mode Laser Driver
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com