Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74AUC2G66DCURE4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN74AUC2G66DCURE4
Descripción Electrónicos  DUAL BILATERAL ANALOG SWITCH
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74AUC2G66DCURE4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74AUC2G66DCURE4 Datasheet HTML 7Page - Texas Instruments SN74AUC2G66DCURE4 Datasheet HTML 8Page - Texas Instruments SN74AUC2G66DCURE4 Datasheet HTML 9Page - Texas Instruments SN74AUC2G66DCURE4 Datasheet HTML 10Page - Texas Instruments SN74AUC2G66DCURE4 Datasheet HTML 11Page - Texas Instruments SN74AUC2G66DCURE4 Datasheet HTML 12Page - Texas Instruments SN74AUC2G66DCURE4 Datasheet HTML 13Page - Texas Instruments SN74AUC2G66DCURE4 Datasheet HTML 14Page - Texas Instruments SN74AUC2G66DCURE4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
VCC
VO
GND
B or A
C
A or B
VCC
VC
VIH
RL
10 k
CL
50 pF
600
10
µF
(ON)
VCC/2
VCC = 0.8 V, VI = 0.7 VP-P
VCC = 1.1 V, VI = 1 VP-P
VCC = 1.4 V, VI = 1.2 VP-P
VCC = 1.65 V, VI = 1.4 VP-P
VCC = 2.3 V, VI = 2 VP-P
fin
10
µF
SN74AUC2G66
DUAL BILATERAL ANALOG SWITCH
SCES507A – NOVEMBER 2003 – REVISED JANUARY 2007
Figure 10. Sine-Wave Distortion
11
Submit Documentation Feedback


Número de pieza similar - SN74AUC2G66DCURE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AUC2G66DCUR TI-SN74AUC2G66DCUR Datasheet
323Kb / 16P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
More results

Descripción similar - SN74AUC2G66DCURE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74LVC2G66 TI-SN74LVC2G66_07 Datasheet
585Kb / 19P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
logo
Unisonic Technologies
U74LVC2G66 UTC-U74LVC2G66 Datasheet
247Kb / 10P
   DUAL BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74LVC2G66-Q1 TI1-SN74LVC2G66-Q1_14 Datasheet
868Kb / 19P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74AUC2G66 TI-SN74AUC2G66 Datasheet
323Kb / 16P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74LVC2G66 TI-SN74LVC2G66 Datasheet
433Kb / 19P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74AUC2G66 TI-SN74AUC2G66_15 Datasheet
845Kb / 21P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
logo
Unisonic Technologies
U74LVC2G66 UTC-U74LVC2G66_15 Datasheet
297Kb / 10P
   DUAL BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74LVC2G66-Q1 TI-SN74LVC2G66-Q1_15 Datasheet
842Kb / 18P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74LVC2G66-Q1 TI1-SN74LVC2G66-Q1 Datasheet
648Kb / 17P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74LVC2G66 TI1-SN74LVC2G66_14 Datasheet
981Kb / 23P
[Old version datasheet]   SN74LVC2G66 Dual Bilateral Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com