Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD5544 Datasheet(PDF) 5 Page - Analog Devices

No. de pieza AD5544
Descripción Electrónicos  Quad, Current-Output, Serial-Input 16-/14-Bit DACs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD5544 Datasheet(HTML) 5 Page - Analog Devices

  AD5544 Datasheet HTML 1Page - Analog Devices AD5544 Datasheet HTML 2Page - Analog Devices AD5544 Datasheet HTML 3Page - Analog Devices AD5544 Datasheet HTML 4Page - Analog Devices AD5544 Datasheet HTML 5Page - Analog Devices AD5544 Datasheet HTML 6Page - Analog Devices AD5544 Datasheet HTML 7Page - Analog Devices AD5544 Datasheet HTML 8Page - Analog Devices AD5544 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD5544/AD5554
Rev. A | Page 5 of 20
Parameter
Symbol
Condition
Min
Typ
Max
Unit
INTERFACE TIMING2, 3
Clock Width High
tCH
25
ns
Clock Width Low
tCL
25
ns
CS to Clock Setup
tCSS
0
ns
Clock to CS Hold
tCSH
25
ns
Clock to SDO Prop Delay
tPD
2
20
ns
Load DAC Pulse Width
tLDAC
25
ns
Data Setup
tDS
20
ns
Data Hold
tDH
20
ns
Load Setup
tLDS
5
ns
Load Hold
tLDH
25
ns
SUPPLY CHARACTERISTICS
Power Supply Range
VDD RANGE
4.5
5.5
V
Positive Supply Current
IDD
Logic inputs = 0 V
50
250
µA
Negative Supply Current
ISS
Logic inputs = 0 V, VSS = –5 V
0.001
1
µA
Power Dissipation
PDISS
Logic inputs = 0 V
1.25
mW
Power Supply Sensitivity
PSS
∆VDD = ±5%
0.006
%/%
AC CHARACTERISTICS4
Output Voltage Settling Time
tS
To ±0.1% of full scale, data = 0000H to 3FFFH to 0000H
1
µs
Output Voltage Settling Time
tS
To ±0.0015% of full scale, data = 0000H to 3FFFH
to 0000H
2
µs
Reference Multiplying BW
BW – 3 dB
VREFX = 100 mV rms, data = 3FFFH, CFB = 15 pF
2
MHz
DAC Glitch Impulse
Q
VREFX = 10 V, data 0000H to 2000H to 0000H
12
nV-s
Feedthrough Error
VOUTX/VREFX
Data = 0000H, VREFX = 100 mV rms, f = 100 kHz
–65
dB
Crosstalk Error
VOUTA/VREFB
Data = 0000H, VREFB = 100 mV rms, adjacent channel,
f = 100 kHz
–90
dB
Digital Feedthrough
Q
CS = 1, and fCLK = 1 MHz
5
nV-s
Total Harmonic Distortion
THD
VREF= 5 V p-p, data = 3FFFH, f = 1 kHz
–90
dB
Output Spot Noise Voltage
eN
f = 1 kHz, BW = 1 Hz
7
nV√Hz
1 All static performance tests (except IOUT) are performed in a closed-loop system using an external precision OP177 I-to-V converter amplifier. The AD5554 RFB terminal is
tied to the amplifier output. Typical values represent average readings measured at 25°C.
2 These parameters are guaranteed by design and not subject to production testing.
3 All input control signals are specified with tR = tF = 2.5 ns (10% to 90% of 3 V) and timed from a voltage level of 1.5 V.
4 All ac characteristic tests are performed in a closed-loop system using an OP42 I-to-V converter amplifier.


Número de pieza similar - AD5544

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5544 AD-AD5544 Datasheet
473Kb / 16P
   Quad, Current-Output Serial-Input, 16-Bit/14-Bit DACs
REV. 0
AD5544 AD-AD5544 Datasheet
735Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
Rev. G
AD5544 AD-AD5544 Datasheet
747Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
logo
Texas Instruments
AD55444 TI-AD55444 Datasheet
770Kb / 25P
[Old version datasheet]   13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD5544ACPZ-1-R2 AD-AD5544ACPZ-1-R2 Datasheet
694Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
Rev. G
More results

Descripción similar - AD5544

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5544 AD-AD5544_12 Datasheet
694Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
Rev. G
AD5544ARSZ AD-AD5544ARSZ Datasheet
875Kb / 28P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
REV. F
AD5544 AD-AD5544_13 Datasheet
735Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
Rev. G
AD5544 AD-AD5544_15 Datasheet
747Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
AD5544 AD-AD5544 Datasheet
473Kb / 16P
   Quad, Current-Output Serial-Input, 16-Bit/14-Bit DACs
REV. 0
AD5543 AD-AD5543_15 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5553 AD-AD5553_15 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5543 AD-AD5543_12 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5545 AD-AD5545 Datasheet
924Kb / 24P
   Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
Rev. G
AD5545 AD-AD5545_16 Datasheet
977Kb / 23P
   Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com