Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT24AA02WI-G3 Datasheet(PDF) 6 Page - Catalyst Semiconductor

No. de pieza CAT24AA02WI-G3
Descripción Electrónicos  1-Kb and 2-Kb I2C CMOS Serial EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24AA02WI-G3 Datasheet(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT24AA02WI-G3 Datasheet HTML 2Page - Catalyst Semiconductor CAT24AA02WI-G3 Datasheet HTML 3Page - Catalyst Semiconductor CAT24AA02WI-G3 Datasheet HTML 4Page - Catalyst Semiconductor CAT24AA02WI-G3 Datasheet HTML 5Page - Catalyst Semiconductor CAT24AA02WI-G3 Datasheet HTML 6Page - Catalyst Semiconductor CAT24AA02WI-G3 Datasheet HTML 7Page - Catalyst Semiconductor CAT24AA02WI-G3 Datasheet HTML 8Page - Catalyst Semiconductor CAT24AA02WI-G3 Datasheet HTML 9Page - Catalyst Semiconductor CAT24AA02WI-G3 Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
CAT24AA01, CAT24AA02
Doc. No. MD-1120 Rev. B
6
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
WRITE OPERATIONS
Byte Write
To write data to memory, the Master creates a START
condition on the bus and then broadcasts a Slave
address with the R/W
¯¯ bit set to ‘0’. The Master then
sends an address byte and a data byte and concludes
the session by creating a STOP condition on the bus.
The Slave responds with ACK after every byte sent by
the Master (Figure 5). The STOP starts the internal
Write cycle, and while this operation is in progress
(tWR), the SDA output is tri-stated and the Slave does
not acknowledge the Master (Figure 6).
Page Write
The Byte Write operation can be expanded to Page
Write, by sending more than one data byte to the
Slave before issuing the STOP condition (Figure 7).
Up to 16 distinct data bytes can be loaded into the
internal Page Write Buffer starting at the address
provided by the Master. The page address is latched,
and as long as the Master keeps sending data, the
internal byte address is incremented up to the end of
page, where it then wraps around (within the page).
New data can therefore replace data loaded earlier.
Following the STOP, data loaded during the Page
Write session will be written to memory in a single
internal Write cycle (tWR).
Acknowledge Polling
As soon (and as long) as internal Write is in progress,
the Slave will not acknowledge the Master. This
feature enables the Master to immediately follow-up
with a new Read or Write request, rather than wait for
the maximum specified Write time (tWR) to elapse.
Upon receiving a NoACK response from the Slave,
the Master simply repeats the request until the Slave
responds with ACK.
Hardware Write Protection
With the WP pin held HIGH, the entire memory is
protected against Write operations. If the WP pin is
left floating or is grounded, it has no impact on the
Write operation. The state of the WP pin is strobed on
the last falling edge of SCL immediately preceding the
1
st data byte (Figure 8). If the WP pin is HIGH during
the strobe interval, the Slave will not acknowledge the
data byte and the Write request will be rejected.
Delivery State
The CAT24AA01/02 is shipped erased, i.e., all
bytes are FFh.


Número de pieza similar - CAT24AA02WI-G3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT24AA02WI-GT10 ONSEMI-CAT24AA02WI-GT10 Datasheet
170Kb / 10P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
August, 2009 ??Rev. 3
CAT24AA02WI-GT3 ONSEMI-CAT24AA02WI-GT3 Datasheet
170Kb / 10P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
August, 2009 ??Rev. 3
More results

Descripción similar - CAT24AA02WI-G3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT24AA01 ONSEMI-CAT24AA01_15 Datasheet
91Kb / 10P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
May, 2015 ??Rev. 5
CAT24AA01 ONSEMI-CAT24AA01 Datasheet
170Kb / 10P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
August, 2009 ??Rev. 3
CAT24C01 ONSEMI-CAT24C01_16 Datasheet
182Kb / 23P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
November, 2016 ??Rev. 31
CAT24C01 ONSEMI-CAT24C01_12 Datasheet
215Kb / 20P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
September, 2012 ??Rev. 22
CAT24C04WI ONSEMI-CAT24C04WI Datasheet
232Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C01LI-G ONSEMI-CAT24C01LI-G Datasheet
237Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C04WI-GT3JN ONSEMI-CAT24C04WI-GT3JN Datasheet
232Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C01 ONSEMI-CAT24C01 Datasheet
177Kb / 16P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
March, 2010 ??Rev. 11
CAV24C02 ONSEMI-CAV24C02_15 Datasheet
122Kb / 15P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
November, 2015 ??Rev. 4
N24C02 ONSEMI-N24C02 Datasheet
95Kb / 10P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
June, 2016 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com