Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ZY7007HG-T1 Datasheet(PDF) 4 Page - Power-One |
|
ZY7007HG-T1 Datasheet(HTML) 4 Page - Power-One |
4 / 35 page ZY7007 7A DC-DC Intelligent POL Data Sheet 3V to 14V Input • 0.5V to 5.5V Output 5.0 4.0 3.0 2.0 1.0 V OUT [V] 14.0 12.0 10.0 8.0 6.0 2.0 4.0 Minimum Load 0.25A V IN [V] 3.0 3.3 5.5 2.5 5.5 4.5 3.5 1.5 0.5 6.25 Figure 1. Output Voltage as a Function of Input Voltage and Output Current 4.3 Protection Specifications Parameter Conditions/Description Min Nom Max Units Output Overcurrent Protection Type Default Programmable Non-Latching, 130ms period Latching/Non-Latching Threshold Default Programmable in 11 steps 60 180 180 %IOUT %IOUT Threshold Accuracy -25 25 %IOCP.SET Output Overvoltage Protection Type Default Programmable Non-Latching, 130ms period Latching/Non-Latching Threshold Default Programmable in 10% steps 110 1 130 130 %VO.SET %VO.SET Threshold Accuracy Measured at VO.SET=2.5V -2 2 %VOVP.SET Delay From instant when threshold is exceeded until the turn-off command is generated 6 μs ___________________ 1 Minimum OVP threshold is 1.0V ZD-00245 REV. 2.5 www.power-one.com Page 4 of 35 |
Número de pieza similar - ZY7007HG-T1 |
|
Descripción similar - ZY7007HG-T1 |