Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM8303-ADJ Datasheet(PDF) 6 Page - SamHop Microelectronics Corp.

No. de pieza SM8303-ADJ
Descripción Electrónicos  150KHz, 3A PWM Buck Switching Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMHOP [SamHop Microelectronics Corp.]
Página de inicio  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM8303-ADJ Datasheet(HTML) 6 Page - SamHop Microelectronics Corp.

Back Button SM8303-ADJ Datasheet HTML 2Page - SamHop Microelectronics Corp. SM8303-ADJ Datasheet HTML 3Page - SamHop Microelectronics Corp. SM8303-ADJ Datasheet HTML 4Page - SamHop Microelectronics Corp. SM8303-ADJ Datasheet HTML 5Page - SamHop Microelectronics Corp. SM8303-ADJ Datasheet HTML 6Page - SamHop Microelectronics Corp. SM8303-ADJ Datasheet HTML 7Page - SamHop Microelectronics Corp. SM8303-ADJ Datasheet HTML 8Page - SamHop Microelectronics Corp. SM8303-ADJ Datasheet HTML 9Page - SamHop Microelectronics Corp. SM8303-ADJ Datasheet HTML 10Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SAMHOP Microelectronics Corp.
SM8303
150KHz, 3A PWM Buck Switching Regulator
6
V1.0 May 17 ,2007
Typical Performance Characteristics (Continued)
1.4
5
10 15
20 22
23 24 25
ON/OFF PIN VOLTAGE (V)
ON/OFF Pin Current (Sinking )
0.0
30.0
60.0
90.0
120.0
150.0
V
IN =40V
-40o C≤ Tj ≤ 125oC
0.0
1.0
2.0
3.0
4.0
5.0
-50 -25
0
25
50
75 100 125
JUNCTION TEMPERATURE ( oC)
Minimum Operating Supply Voltage
V
OUT =1.23V
I
LOAD =120mA
JUNCTION TEMPERATURE ( oC)
ON /OFF Threshold Voltage
0.0
1.0
2.0
3.0
4.0
5.0
-50 -25
0
25
50
75 100 125
Switch Frequency
JUNCTION TEMPERATURE ( oC)
0.0
17.0
34.0
51.0
68.0
-50 -25
0
25
50
75
100 125
JUNCTION TEMPERATURE ( oC)
Feedback Pin Bias Current
0.0
10.0
20.0
30.0
40.0
50.0
-50 -25
0
25
50
75
100 125
Adjustable Version Only
Thermal protection
0
2
4
6
8
10
JUNCTION TEMPERATURE (
50
75
100
125
150
175
200
o C)
TSC OFF
TSD ON


Número de pieza similar - SM8303-ADJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DB Unlimited.
SM830308-1 DBUNLIMITED-SM830308-1 Datasheet
804Kb / 1P
   Released from Engineering
More results

Descripción similar - SM8303-ADJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
YOBON TECHNOLOGIES,INC.
YB1696 YOBON-YB1696 Datasheet
305Kb / 11P
   150KHz, 3A PWM Buck Switching Regulator
logo
SamHop Microelectronics...
SM8312 SAMHOP-SM8312 Datasheet
245Kb / 11P
   150KHz, 2A PWM Buck Switching Regulator
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
   150Khz, 3A PWM Buck DC/DC Converter
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
   3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
   3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com