Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ALVCH16245 Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza 74ALVCH16245
Descripción Electrónicos  Low-Voltage 16-Bit Transceiver with Bus Hold 1.8/2.5/3.3 V(3-State, Non-Inverting)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ALVCH16245 Datasheet(HTML) 4 Page - ON Semiconductor

  74ALVCH16245 Datasheet HTML 1Page - ON Semiconductor 74ALVCH16245 Datasheet HTML 2Page - ON Semiconductor 74ALVCH16245 Datasheet HTML 3Page - ON Semiconductor 74ALVCH16245 Datasheet HTML 4Page - ON Semiconductor 74ALVCH16245 Datasheet HTML 5Page - ON Semiconductor 74ALVCH16245 Datasheet HTML 6Page - ON Semiconductor 74ALVCH16245 Datasheet HTML 7Page - ON Semiconductor 74ALVCH16245 Datasheet HTML 8Page - ON Semiconductor 74ALVCH16245 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
74ALVCH16245
http://onsemi.com
4
DC ELECTRICAL CHARACTERISTICS
TA = *405C to )855C
Symbol
Parameter
Condition
Min
Max
Unit
VIH
HIGH Level Input Voltage
(Note 8)
1.65 V
v VCC t 2.3 V
0.65
VCC
V
(Note 8)
2.3 V
v VCC v 2.7 V
1.7
2.7 V
t VCC v 3.6 V
2.0
VIL
LOW Level Input Voltage
(Note 8)
1.65 V
v VCC t 2.3 V
0.35
VCC
V
(Note 8)
2.3 V
v VCC v 2.7 V
0.7
2.7 V
t VCC v 3.6 V
0.8
VOH
HIGH Level Output Voltage
1.65 V
v VCC v 3.6 V; IOH = *100 mA
VCC * 0.2
V
VCC = 1.65 V; IOH = *4 mA
1.2
VCC = 2.3 V; IOH = *6 mA
2.0
VCC = 2.3 V; IOH = *12 mA
1.7
VCC = 2.7 V; IOH = *12 mA
2.2
VCC = 3.0 V; IOH = *12 mA
2.4
VCC = 3.0 V; IOH = *24 mA
2.0
VOL
LOW Level Output Voltage
1.65 V
v VCC v 3.6 V; IOL = 100 mA
0.2
V
VCC = 1.65 V; IOL = 4 mA
0.45
VCC = 2.3 V; IOL = 6 mA
0.4
VCC = 2.3 V; IOL = 12 mA
0.7
VCC = 2.7 V; IOL = 12 mA
0.4
VCC = 3.0 V; IOL = 24 mA
0.55
II
Input Leakage Current
1.65 V
v VCC v 3.6 V; 0 V v VI v 3.6 V
$5.0
mA
II(HOLD)
Minimum Bus–hold Input
Current
VCC = 3.6 V; VIN = 0 to 3.6 V
$500
mA
()
Current
VCC = 3.0 V, VIN = 0.8 V
75
VCC = 3.0 V, VIN = 2.0 V
*75
VCC = 2.3 V, VIN = 0.7 V
45
VCC = 2.3 V, VIN = 1.7 V
*45
VCC = 1.65 V, VIN = 0.58 V
25
VCC = 1.65 V, VIN = 1.07 V
*25
IOZ
3–State Output Current
1.65 V
v VCC v 3.6 V; 0 V v VO v 3.6 V; VI = VIH or VIL
$10
mA
IOFF
Power–Off Leakage Current
VCC = 0 V; VI or VO = 3.6 V
10
mA
ICC
Quiescent Supply Current
(Note 9)
1.65 V
v VCC v 3.6 V; VI = GND or VCC
40
mA
(Note 9)
1.65 V
v VCC v 3.6 V; 3.6 V v VI, VO v 3.6 V
$40
DICC
Increase in ICC per Input
2.7 V
t VCC ≤ 3.6 V; VIH = VCC * 0.6 V
750
mA
8. These values of VI are used to test DC electrical characteristics only.
9. Outputs disabled or 3–state only.


Número de pieza similar - 74ALVCH16245

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74ALVCH16245 PHILIPS-74ALVCH16245 Datasheet
91Kb / 10P
   2.5V/3.3V 16-bit bus transceiver with direction pin 3-State
1998 Jun 29
logo
STMicroelectronics
74ALVCH16245 STMICROELECTRONICS-74ALVCH16245 Datasheet
255Kb / 10P
   LOW VOLTAGE CMOS 16-BIT TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Nexperia B.V. All right...
74ALVCH16245 NEXPERIA-74ALVCH16245 Datasheet
232Kb / 13P
   16-bit transceiver with direction pin; 3-state
Rev. 6 - 5 August 2021
logo
NXP Semiconductors
74ALVCH16245DGG PHILIPS-74ALVCH16245DGG Datasheet
91Kb / 10P
   2.5V/3.3V 16-bit bus transceiver with direction pin 3-State
1998 Jun 29
logo
Nexperia B.V. All right...
74ALVCH16245DGG NEXPERIA-74ALVCH16245DGG Datasheet
232Kb / 13P
   16-bit transceiver with direction pin; 3-state
Rev. 6 - 5 August 2021
More results

Descripción similar - 74ALVCH16245

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
74ALVCH16373 ONSEMI-74ALVCH16373 Datasheet
143Kb / 12P
   LOW-VOLTAGE 16-BIT TRANSPARENT LATCH WITH BUS HOLD 1.8/2.5/3.3 V
September, 2002 ??Rev. 1
logo
NXP Semiconductors
74LVT16646A PHILIPS-74LVT16646A_15 Datasheet
122Kb / 21P
   3.3 V 16-bit bus transceiver; 3-state
Rev. 03-12 January 2005
logo
Nexperia B.V. All right...
74LVT16646A NEXPERIA-74LVT16646A Datasheet
231Kb / 22P
   3.3 V 16-bit bus transceiver; 3-state
Rev. 03 - 12 January 2005
logo
ON Semiconductor
74VCXH245 ONSEMI-74VCXH245 Datasheet
71Kb / 8P
   Low-Voltage 1.8/2.5/3.3 V 8-Bit Transceiver
April, 2005 ??Rev. 10
logo
Nexperia B.V. All right...
74ALVT16543 NEXPERIA-74ALVT16543 Datasheet
240Kb / 16P
   2.5 V/3.3 V 16-bit registered transceiver (3-State)
2004 Sep 14
logo
NXP Semiconductors
74LVT16652A PHILIPS-74LVT16652A_15 Datasheet
122Kb / 21P
   3.3 V 16-bit bus transceiver/register; 3-state
Rev. 03-12 January 2005
logo
Nexperia B.V. All right...
74LVT16652A NEXPERIA-74LVT16652A Datasheet
233Kb / 22P
   3.3 V 16-bit bus transceiver/register; 3-state
logo
Texas Instruments
SN54ALVTH162245 TI-SN54ALVTH162245 Datasheet
232Kb / 12P
[Old version datasheet]   2.5-V/3.3-V 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALVTH162245 TI1-SN54ALVTH162245_09 Datasheet
431Kb / 15P
[Old version datasheet]   2.5-V/3.3-V 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ALVTHR16245 TI-SN74ALVTHR16245 Datasheet
397Kb / 8P
[Old version datasheet]   2.5-V/3.3-V 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com