Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD1540-08 Datasheet(PDF) 2 Page - STMicroelectronics

No. de pieza SD1540-08
Descripción Electrónicos  RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1540-08 Datasheet(HTML) 2 Page - STMicroelectronics

  SD1540-08 Datasheet HTML 1Page - STMicroelectronics SD1540-08 Datasheet HTML 2Page - STMicroelectronics SD1540-08 Datasheet HTML 3Page - STMicroelectronics SD1540-08 Datasheet HTML 4Page - STMicroelectronics SD1540-08 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL SPECIFICATIONS (Tcase
= 25°C)
Symbol
Test Conditi ons
Value
Uni t
Min.
Typ.
Max.
POUT
f
= 1025 — 1150MHz PIN = 70 W
VCE
= 50 V
300
W
GP
f
= 1025 — 1150MHz PIN = 70 W
VCE
= 50 V
6.3
dB
η
C
f
= 1025 — 1150MHz PIN = 70 W
VCE
= 50 V
35
%
Note:
Pulse W idth
= 10µSec, Duty Cycle = 1%
This device i s sui table f or use under other pulse widt h/duty cycle condit ions.
Please contact the fact ory for specific appli cat ions assi stance.
STATIC
Symbol
Test Conditions
Value
Unit
Min.
Typ.
Max.
BVCBO
IC
= 10mA
IE
= 0mA
65
V
BVCES
IC
= 25mA
VBE
= 0V
65
V
BVEBO
IE
= 5mA
IC
= 0mA
3.5
V
ICES
VCE
= 50V
IE
= 0mA
25
mA
hFE
VCE
= 5V
IC
= 1A
10
DYNAMIC
TYPICAL PERFORMANCE
POWER OUTPUT vs POWER INPUT
POWER OUTPUT vs FREQUENCY
SD1540-08
2/5


Número de pieza similar - SD1540-08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
SD1540 STMICROELECTRONICS-SD1540 Datasheet
69Kb / 5P
   RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
logo
New Jersey Semi-Conduct...
SD1540 NJSEMI-SD1540 Datasheet
111Kb / 3P
   RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
More results

Descripción similar - SD1540-08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
AM80912-085 STMICROELECTRONICS-AM80912-085 Datasheet
66Kb / 5P
   AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
MSC1000M STMICROELECTRONICS-MSC1000M Datasheet
100Kb / 5P
   AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
MSC81325M STMICROELECTRONICS-MSC81325M Datasheet
73Kb / 3P
   RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MSC81400M STMICROELECTRONICS-MSC81400M Datasheet
65Kb / 3P
   RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
AM0608-450 STMICROELECTRONICS-AM0608-450 Datasheet
82Kb / 3P
   AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
AM80912-015 STMICROELECTRONICS-AM80912-015 Datasheet
94Kb / 6P
   AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
logo
Microsemi Corporation
MS2209 MICROSEMI-MS2209_08 Datasheet
128Kb / 4P
   RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
logo
New Jersey Semi-Conduct...
SD1540 NJSEMI-SD1540 Datasheet
111Kb / 3P
   RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
logo
Advanced Power Technolo...
MS2290 ADPOW-MS2290 Datasheet
94Kb / 3P
   RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MS2554 ADPOW-MS2554 Datasheet
91Kb / 3P
   RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com