Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM1209-110N Datasheet(PDF) 1 Page - Wall Industries,Inc.

No. de pieza AM1209-110N
Descripción Electrónicos  This economically priced converter is perfect for low power applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WALL [Wall Industries,Inc.]
Página de inicio  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

AM1209-110N Datasheet(HTML) 1 Page - Wall Industries,Inc.

  AM1209-110N Datasheet HTML 1Page - Wall Industries,Inc. AM1209-110N Datasheet HTML 2Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.wallindustries.com
1
603 778 2300
• SMD package
• 1,000 VDC isolation
• UL 94V-0 package material
• MTBF > 1 million hours
• 5,9,12 or 15V out
• efficiency up to 75%
The AM series from Wall Industries, Inc. is highly
suitable for high speed pick and place machine
operation. This economically priced converter is
perfect for low power applications.
MODELS
2/9/03
DATA SHEET
AM SERIES
TO 1 WATT
MODEL NUMBER
INPUT VOLTAGE
(VDC)
OUTPUT VOLTAGE
(VDC)
OUTPUT CURRENT
(MA)
EFFICIENCY
AM505-200N
5
5
200
70%
AM509-110N
5
9
110
75%
AM512-84N
5
12
84
75%
AM515-67N
5
15
67
75%
AM1205-200N
12
5
200
70%
AM1209-110N
12
9
110
75%
AM1212-84N
12
12
84
75%
AM1215-67N
12
15
67
75%


Número de pieza similar - AM1209-110N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wall Industries,Inc.
AM1209-110N WALL-AM1209-110N Datasheet
419Kb / 4P
   1 Watt Surface Mount DC/DC Converter Single Output
More results

Descripción similar - AM1209-110N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
MERITEK ELECTRONICS COR...
CF MERITEK-CF Datasheet
86Kb / 1P
   Economically priced for commercial and industrial applications
logo
Ohmite Mfg. Co.
SINK-CSM OHMITE-SINK-CSM Datasheet
411Kb / 2P
   The economically priced CSM Series is suitable
logo
rfsolutions.ltd
M100EVO RFSOLUTIONS-M100EVO Datasheet
2Mb / 2P
   perfect solution for demanding M2M applications.
logo
Fairchild Semiconductor
MMBTA92 FAIRCHILD-MMBTA92 Datasheet
887Kb / 14P
   This device is designed for high voltage driver applications.
logo
List of Unclassifed Man...
KE4BT5D6A ETC2-KE4BT5D6A Datasheet
1Mb / 1P
   the perfect storage solution for mobile and embedded applications
logo
Kingston Technology Far...
EMMC04G-M627 KINGSTON-EMMC04G-M627 Datasheet
356Kb / 2P
   The Perfect storage solution for mobile and embedded applications
logo
List of Unclassifed Man...
KE4CN5B6A ETC2-KE4CN5B6A Datasheet
1Mb / 1P
   the perfect storage solution for mobile and embedded applications
logo
Kingston Technology Far...
EMMC KINGSTON-EMMC Datasheet
938Kb / 1P
   the perfect storage solution for mobile and embedded applications.
EMMC04G-W627 KINGSTON-EMMC04G-W627 Datasheet
3Mb / 2P
   The Perfect storage solution for mobile and embedded applications
logo
Power System Technology
FAB0307015 PST-FAB0307015 Datasheet
211Kb / 3P
   This range of power supplies is specially designed for DIN Rail mounting applications
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com