Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT1161WI-28-T3 Datasheet(PDF) 3 Page - Catalyst Semiconductor

No. de pieza CAT1161WI-28-T3
Descripción Electrónicos  Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1161WI-28-T3 Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT1161WI-28-T3 Datasheet HTML 1Page - Catalyst Semiconductor CAT1161WI-28-T3 Datasheet HTML 2Page - Catalyst Semiconductor CAT1161WI-28-T3 Datasheet HTML 3Page - Catalyst Semiconductor CAT1161WI-28-T3 Datasheet HTML 4Page - Catalyst Semiconductor CAT1161WI-28-T3 Datasheet HTML 5Page - Catalyst Semiconductor CAT1161WI-28-T3 Datasheet HTML 6Page - Catalyst Semiconductor CAT1161WI-28-T3 Datasheet HTML 7Page - Catalyst Semiconductor CAT1161WI-28-T3 Datasheet HTML 8Page - Catalyst Semiconductor CAT1161WI-28-T3 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CAT1161, CAT1162
© Catalyst Semiconductor, Inc.
3
Doc. No. MD-3002 Rev. G
Characteristics subject to change without notice
D.C. OPERATING CHARACTERISTICS
VCC = 2.7V to 6V, unless otherwise specified.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
ICC
Power Supply Current
fSCL = 100 KHz
3
mA
VCC = 3.3V
40
µA
ISB
Standby Current
VCC = 5
50
µA
ILI
Input Leakage Current
VIN = GND or VCC
2
µA
ILO
Output Leakage Current
VIN = GND or VCC
10
µA
VIL
Input Low Voltage
-1
VCC x 0.3
V
VIH
Input High Voltage
VCC x 0.7
VCC + 0.5
V
VOL1
Output Low Voltage (SDA)
IOL = 3 mA, VCC = 3.0V
0.4
V
CAPACITANCE
TA = 25ºC, f = 1.0MHz, VCC = 5V
Symbol
Test
Conditions
Max
Units
CI/O
(1)
Input/Output Capacitance (SDA)
VI/O = 0V
8
pF
CIN
(1)
Input Capacitance (SCL)
VIN = 0V
6
pF
A.C. CHARACTERISTICS
VCC = 2.7V to 6.0V unless otherwise specified. Output Load is 1 TTL Gate and 100pF.
Symbol
Parameter
Min
Max
Min
Max
Units
FSCL
Clock Frequency
100
400
kHz
TI
(1)
Noise Suppresion Time Constant at SCL, SDA Inputs
200
200
ns
tAA
SLC Low to SDA Data Out and ACK Out
3.5
1
µs
tBUF
(1)
Time the Bus Must be Free Before a New Transmission
Can Start
4.7
1.2
µs
tHD:STA
Start Condition Hold Time
4
0.6
µs
tLOW
Clock Low Period
4.7
1.2
µs
tHIGH
Clock High Period
4
0.6
µs
tSU:STA
Start Condition Setup Time (for a Repeated Start Condition)
4.7
0.6
µs
tHD:DAT
Data in Hold Time
0
0
ns
tSU:DAT
Data in Setup Time
50
50
ns
tR
(1)
SDA and SCL Rise Time
1
0.3
µs
tF
(1)
SDA and SCL Fall Time
300
300
ns
tSU:STO
Stop Condition Setup Time
4
0.6
µs
tDH
Data Out Hold Time
100
100
ns
POWER-UP TIMING
(1)(2)
Symbol
Parameter
Max
Units
tPUR
Power-up to Read Operation
1
ms
tPUW
Power-up to Write Operation
1
ms
Notes:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
(2) tPUR and tPUW are the delays required from the time VCC is stable until the specific operation can be initiated.


Número de pieza similar - CAT1161WI-28-T3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT1161WI-28-GT2 CATALYST-CAT1161WI-28-GT2 Datasheet
163Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1161WI-28-GT3 CATALYST-CAT1161WI-28-GT3 Datasheet
163Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
logo
ON Semiconductor
CAT1161WI-28-GT3 ONSEMI-CAT1161WI-28-GT3 Datasheet
193Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3002 Rev. I
CAT1161WI-28-GT3 ONSEMI-CAT1161WI-28-GT3 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)null
July, 2012 ??Rev. 12
CAT1161WI-28-GT3 ONSEMI-CAT1161WI-28-GT3 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
More results

Descripción similar - CAT1161WI-28-T3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT1161PI-42 ONSEMI-CAT1161PI-42 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
CAT1161JI-30 ONSEMI-CAT1161JI-30 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
CAT1161 ONSEMI-CAT1161 Datasheet
193Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3002 Rev. I
CAT1163 ONSEMI-CAT1163 Datasheet
239Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3003 Rev. I
logo
Catalyst Semiconductor
CAT1163_0711 CATALYST-CAT1163_0711 Datasheet
211Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
logo
ON Semiconductor
CAT1161JI-28 ONSEMI-CAT1161JI-28 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)null
July, 2012 ??Rev. 12
logo
Catalyst Semiconductor
CAT1161 CATALYST-CAT1161_07 Datasheet
163Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1161 CATALYST-CAT1161 Datasheet
69Kb / 12P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1163 CATALYST-CAT1163_07 Datasheet
150Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1163 CATALYST-CAT1163 Datasheet
69Kb / 12P
   Supervisory Circuit with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com