Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT3200 Datasheet(PDF) 2 Page - Catalyst Semiconductor

No. de pieza CAT3200
Descripción Electrónicos  Low Noise Regulated Charge Pump DC-DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3200 Datasheet(HTML) 2 Page - Catalyst Semiconductor

  CAT3200_07 Datasheet HTML 1Page - Catalyst Semiconductor CAT3200_07 Datasheet HTML 2Page - Catalyst Semiconductor CAT3200_07 Datasheet HTML 3Page - Catalyst Semiconductor CAT3200_07 Datasheet HTML 4Page - Catalyst Semiconductor CAT3200_07 Datasheet HTML 5Page - Catalyst Semiconductor CAT3200_07 Datasheet HTML 6Page - Catalyst Semiconductor CAT3200_07 Datasheet HTML 7Page - Catalyst Semiconductor CAT3200_07 Datasheet HTML 8Page - Catalyst Semiconductor CAT3200_07 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CAT3200/3200-5
2
Doc. No. MD-5002, Rev. L
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
PIN CONFIGURATION
ORDERING INFORMATION
6-lead Thin SOT23
CAT3200-5
1
2
3
6
5
4
OUT
GND
SHDN
CPOS
IN
CNEG
8-pin MSOP
1
2
3
4
8
7
6
5
CPOS
IN
CNEG
PGND
OUT
FB
SHDN
SGND
CAT3200
PIN DESCRIPTIONS
Designation
Description
OUT
Regulated output voltage.
GND
Ground reference for all voltages.
SHDN
Shutdown control logic input (Active LOW)
CNEG
Negative connection for the flying capacitor.
IN
Input power supply.
CPOS
Positive connection for the flying capacitor.
FB
Feedback to set the output voltage.
PGND
Power ground.
SGND
Signal ground.
r
e
b
m
u
N
t
r
a
Pe
g
a
t
l
o
V
t
u
p
t
u
Oe
g
a
k
c
a
Pg
n
i
k
r
a
M
e
g
a
k
c
a
P
y
t
i
t
n
a
u
Q
l
e
e
R
r
e
p
3
T
-
I
D
T
0
0
2
3
T
A
CV
5e
e
r
F
d
a
e
L
,
3
2
T
O
S
n
i
h
t
d
a
e
l
-
6N
L0
0
0
,
3
3
T
-
I
Z
0
0
2
3
T
A
Ce
l
b
a
t
s
u
j
d
Ae
e
r
F
d
a
e
L
,
P
O
S
M
d
a
e
l
-
8E
M
B
A0
0
0
,
3
3
T
G
-
I
Z
0
0
2
3
T
A
Ce
l
b
a
t
s
u
j
d
Au
A
d
P
i
N
,
P
O
S
M
d
a
e
l
-
8U
R
B
A0
0
0
.
3


Número de pieza similar - CAT3200_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT3200 CATALYST-CAT3200_05 Datasheet
557Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
More results

Descripción similar - CAT3200_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT3200 ONSEMI-CAT3200 Datasheet
196Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
May, 2010 ??Rev. 13
logo
HEXIN SEMICONDUCTOR.
HX4004A HEXIN-HX4004A Datasheet
225Kb / 9P
   Low Noise, Regulated Charge Pump DC/DC Converter
logo
ON Semiconductor
CAT3200HU2 ONSEMI-CAT3200HU2_14 Datasheet
129Kb / 9P
   Low Noise Regulated Charge Pump DC-DC Converter
September, 2014 ??Rev. 5
logo
SHOUDING Shouding Semic...
SD6210A SHOUDING-SD6210A Datasheet
1Mb / 7P
   Low Noise Regulated Charge Pump DC/DC Converter
logo
ON Semiconductor
CAT3200HU2 ONSEMI-CAT3200HU2 Datasheet
187Kb / 9P
   Low Noise Regulated Charge Pump DC-DC Converter
April, 2010 ??Rev. 0
CAT3200TDI-T3 ONSEMI-CAT3200TDI-T3 Datasheet
190Kb / 13P
   Low Noise Regulated Charge Pump DC-DC Converter
Doc. No. MD-5002, Rev. N
logo
Catalyst Semiconductor
CAT3200 CATALYST-CAT3200 Datasheet
148Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
logo
ON Semiconductor
CAT3200ES6-5 ONSEMI-CAT3200ES6-5 Datasheet
189Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
October, 2013 ??Rev. 15
CAT3200 ONSEMI-CAT3200_14 Datasheet
134Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
April, 2014 ??Rev. 16
logo
SHOUDING Shouding Semic...
SD6214A SHOUDING-SD6214A Datasheet
840Kb / 7P
   Low Noise,Regulated Charge Pump DC/DC Converter
logo
AiT Semiconductor Inc.
A7801 AITSEMI-A7801 Datasheet
399Kb / 10P
   DC-DC CONVERTER LOW NOISE, REGULATED CHARGE PUMP
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com