Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST10C167-QXX Datasheet(PDF) 8 Page - STMicroelectronics

No. de pieza ST10C167-QXX
Descripción Electrónicos  16-BIT ROMLESS MCU
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10C167-QXX Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST10C167-QXX Datasheet HTML 4Page - STMicroelectronics ST10C167-QXX Datasheet HTML 5Page - STMicroelectronics ST10C167-QXX Datasheet HTML 6Page - STMicroelectronics ST10C167-QXX Datasheet HTML 7Page - STMicroelectronics ST10C167-QXX Datasheet HTML 8Page - STMicroelectronics ST10C167-QXX Datasheet HTML 9Page - STMicroelectronics ST10C167-QXX Datasheet HTML 10Page - STMicroelectronics ST10C167-QXX Datasheet HTML 11Page - STMicroelectronics ST10C167-QXX Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 63 page
background image
ST10R167
8/63
WR/WRL
96
O
External Memory Write Strobe. In WR-mode this pin is activated for every
external data write access. In WRL-mode this pin is activated for low byte
data write accesses on a 16-bit bus, and for every data write access on an
8-bit bus. See WRCFG in register SYSCON for mode selection.
READY/READY
97
I
Ready Input. The active level is programmable. When the Ready function
is enabled, the selected inactive level at this pin during an external mem-
ory access will force the insertion of memory cycle time waitstates until
the pin returns to the selected active level.
ALE
98
O
Address Latch Enable Output. Can be used for latching the address into
external memory or an address latch in the multiplexed bus modes.
EA
99
I
External Access Enable pin. A low level at this pin during and after Reset
forces the ST10R167 to begin instruction execution out of external mem-
ory. A high level forces execution out of the internal Flash Memory.
P0L.0 - P0L.7
P0H.0
P0H.1 - P0H.7
100 - 107
108
111 - 117
I/O
Port 0 consists of the two 8-bit bidirectional I/O ports P0L and P0H. It is
bit-wise programmable for input or output via direction bits. For a pin con-
figured as input, the output driver is put into high-impedance state. In case
of an external bus configuration, Port 0 serves as the address (A) and
address/data (AD) bus in multiplexed bus modes and as the data (D) bus
in demultiplexed bus modes.
Demultiplexed bus modes:
Data Path Width : 8-bit
16-bit
P0L.0 – P0L.7
: D0 – D7
D0 - D7
P0H.0 – P0H.7
: I/O
D8 - D15
Multip lexed bus modes:
Data Path Width : 8-bit
16-bit
P0L.0 – P0L.7
: AD0 – AD7
AD0 - AD7
P0H.0 – P0H.7
: A8 - A15
AD8 - AD15
P1L.0 - P1L.7
P1H.0 - P1H.7
118 - 125
128 - 135
I/O
Port 1 consists of the two 8-bit bidirectional I/O ports P1L and P1H. It is
bit-wise programmable for input or output via direction bits. For a pin con-
figured as input, the output driver is put into high-impedance state. Port 1
is used as the 16-bit address bus (A) in demultiplexed bus modes and
also after switching from a demultiplexed bus mode to a multiplexed bus
mode.
The following PORT1 pins also serve for alternate functions:
132
133
134
135
I
I
I
I
P1H.4
CC24IO
CAPCOM2: CC24 Capture Input
P1H.5
CC25IO
CAPCOM2: CC25 Capture Input
P1H.6
CC26IO
CAPCOM2: CC26 Capture Input
P1H.7
CC27IO
CAPCOM2: CC27 Capture Input
XTAL1
138
I
Input to the oscillator amplifier and input to the internal clock generator
XTAL2
137
O
Output of the oscillator amplifier circuit.
To clock the device from an external source, drive XTAL1, while leaving
XTAL2 unconnected. Minimum and maximum high/low and rise/fall times
specified in the AC Characteristics must be observed.
RSTIN
140
I
Reset Input with Schmitt-Trigger characteristics. A low level at this pin for
a specified duration while the oscillator is running resets the ST10R167.
An internal pullup resistor permits power-on reset using only a capacitor
connected to V
SS.
In bidirectional reset mode (enabled by setting bit BDRSTEN in SYSCON
register), the RSTIN line is pulled low for the duration of the internal reset
sequence.
Table 1 : Pin list (continued)
Symbol
Pin
Type
Function
II - PIN DATA (continued)


Número de pieza similar - ST10C167-QXX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST10C167-Q3/XX STMICROELECTRONICS-ST10C167-Q3/XX Datasheet
433Kb / 65P
   16-BIT MCU WITH 32K BYTE ROM
ST10C167-Q3XX STMICROELECTRONICS-ST10C167-Q3XX Datasheet
433Kb / 65P
   16-BIT MCU WITH 32K BYTE ROM
ST10C167-Q6/XX STMICROELECTRONICS-ST10C167-Q6/XX Datasheet
433Kb / 65P
   16-BIT MCU WITH 32K BYTE ROM
ST10C167-Q6XX STMICROELECTRONICS-ST10C167-Q6XX Datasheet
433Kb / 65P
   16-BIT MCU WITH 32K BYTE ROM
More results

Descripción similar - ST10C167-QXX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST10R167-Q3 STMICROELECTRONICS-ST10R167-Q3 Datasheet
622Kb / 63P
   16-BIT ROMLESS MCU
ST10R172L-B0 STMICROELECTRONICS-ST10R172L-B0 Datasheet
20Kb / 3P
   16-BIT LOW VOLTAGE ROMLESS MCU
ST10R172L STMICROELECTRONICS-ST10R172L Datasheet
648Kb / 68P
   16-BIT LOW VOLTAGE ROMLESS MCU
ST10R272L STMICROELECTRONICS-ST10R272L Datasheet
702Kb / 77P
   16-BIT LOW VOLTAGE ROMLESS MCU WITH MAC
ST10R272L-B0 STMICROELECTRONICS-ST10R272L-B0 Datasheet
24Kb / 4P
   16-BIT ROMLESS LOW VOLTAGE MCU WITH MAC
logo
Zilog, Inc.
Z8609316PSG ZILOG-Z8609316PSG Datasheet
362Kb / 18P
   ROMLESS CMOS 8-BIT Z8 MCU
Z88C00 ZILOG-Z88C00 Datasheet
1Mb / 52P
   CMOS SUPER8 ROMLESS MCU
Z88C0020PSG ZILOG-Z88C0020PSG Datasheet
1Mb / 61P
   Z88C00 CMOS Super8 ROMless MCU
logo
STMicroelectronics
ST90R28 STMICROELECTRONICS-ST90R28 Datasheet
383Kb / 7P
   ROMLESS HCMOS MCU WITH RAM
logo
Intel Corporation
8XC196KB INTEL-8XC196KB Datasheet
247Kb / 17P
   ADVANCED 16-BIT CHMOS MICROCONTROLLER ROMless OR ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com