Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74BCT646DWE4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN74BCT646DWE4
Descripción Electrónicos  OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74BCT646DWE4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74BCT646DWE4 Datasheet HTML 2Page - Texas Instruments SN74BCT646DWE4 Datasheet HTML 3Page - Texas Instruments SN74BCT646DWE4 Datasheet HTML 4Page - Texas Instruments SN74BCT646DWE4 Datasheet HTML 5Page - Texas Instruments SN74BCT646DWE4 Datasheet HTML 6Page - Texas Instruments SN74BCT646DWE4 Datasheet HTML 7Page - Texas Instruments SN74BCT646DWE4 Datasheet HTML 8Page - Texas Instruments SN74BCT646DWE4 Datasheet HTML 9Page - Texas Instruments SN74BCT646DWE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
SN54BCT646, SN74BCT646
OCTAL BUS TRANSCEIVERS AND REGISTERS
WITH 3STATE OUTPUTS
SCBS037D − AUGUST 1989 − REVISED MAY 2004
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54BCT646
SN74BCT646
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = −18 mA
−1.2
−1.2
V
IOH = − 3 mA
2.4
3.3
2.4
3.3
VOH
VCC = 4.5 V
IOH = −12 mA
2
3.2
V
VOH
VCC = 4.5 V
IOH = −15 mA
2
3.1
V
VOL
VCC = 4.5 V
IOL = 48 mA
0.38
0.55
V
VOL
VCC = 4.5 V
IOL = 64 mA
0.42
0.55
V
II
A or B port
VCC = 5.5 V,
VI = 5.5 V
1
1
mA
II
Control inputs
VCC = 5.5 V,
VI = 5.5 V
1
1
mA
IIH‡
A or B port
VCC = 5.5 V,
VI = 2.7 V
70
70
A
IIH‡
Control inputs
VCC = 5.5 V,
VI = 2.7 V
20
20
µA
IIL‡
A or B port
VCC = 5.5 V,
VI = 0.5 V
− 0.7
− 0.7
mA
IIL‡
Control inputs
VCC = 5.5 V,
VI = 0.5 V
− 0.7
− 0.7
mA
IOS§
VCC = 5.5 V,
VO = 0
− 100
− 225
− 100
− 225
mA
ICCL
A or B port
VCC = 5.5 V,
VI = GND
42
67
42
67
mA
ICCH
A or B port
VCC = 5.5 V,
VI = 4.5 V
5.6
9
5.6
9
mA
ICCZ
A or B port
VCC = 5.5 V,
VI = GND
10
16
10
16
mA
Ci
Control inputs
VCC = 5 V,
VI = 2.5 V or 0.5 V
6
6
pF
Cio
A or B port
VCC = 5 V,
VO = 2.5 V or 0.5 V
12
14
pF
† All typical values are at VCC = 5 V, TA = 25°C.
‡ For I/O ports, the parameters IIH and IIL include the off-state output current.
§ Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
VCC = 5 V,
TA = 25°C
SN54BCT646
SN7BCT646
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
83
83
83
MHz
tw
Pulse duration, CLK high or low
6
6
6
ns
tsu
Setup time, A or B before CLKAB
↑ or CLKBA↑
6
7
6
ns
th
Hold time, A or B after CLKAB
↑ or CLKBA↑
0.5
0.5
0.5
ns


Número de pieza similar - SN74BCT646DWE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74BCT646DWE4 TI-SN74BCT646DWE4 Datasheet
337Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN74BCT646DWE4 TI-SN74BCT646DWE4 Datasheet
385Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results

Descripción similar - SN74BCT646DWE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74ALS646 TI-SN74ALS646 Datasheet
1Mb / 29P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT646 TI-SN54BCT646_07 Datasheet
385Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT646 TI-SN54ABT646 Datasheet
344Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT2952A TI-SN54ABT2952A_07 Datasheet
548Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT646 TI-SN54BCT646 Datasheet
337Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT652 TI-SN54BCT652 Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVC646A TI-SN54LVC646A Datasheet
197Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS646 TI-SN54ALS646 Datasheet
270Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVC652A TI-SN54LVC652A Datasheet
196Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS652 TI1-SN54ALS652_15 Datasheet
906Kb / 33P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT652 TI1-SN54ABT652_14 Datasheet
179Kb / 11P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com