Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CX2148AT Datasheet(PDF) 2 Page - Pulse A Technitrol Company

No. de pieza CX2148AT
Descripción Electrónicos  RF TRANSFORMER For Wideband RF Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PULSE [Pulse A Technitrol Company]
Página de inicio  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

CX2148AT Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  CX2148AT Datasheet HTML 1Page - Pulse A Technitrol Company CX2148AT Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Application Notes
A. Materials used in the products are UL94-V0 recognized.
Products meet requirements of IEC 695-2-2 (Needle Flame Test).
B. For additional impedance ratios and frequency ranges, please
contact Applications Engineering.
C. For performance plots of CX2148 and CX2148A, please contact
Applications Engineering.
Notes from Tables
1. Impedance and turns ratios are specified primary:secondary.
(CT=Center Tap).
2. For CX2148 and CX2148A, Insertion Loss, Amplitude Balance
andPhase Balance are measured on balanced side (secondary
output pins 1 and 3) relative to ground pin (pin 2).
Tape and Reel Information
RF TRANSFORMER
For Wideband RF Applications
C2073 / C2073A - Typical Insertion Loss
Frequency (MHz)
0
0.1
1
10
100
500
1
2
3
4
.157
4,00
.079
2,00
PIN 1
CIRCULAR HOLES
.069
1,75
.295
7,50
.315
8,00
.630
16,00
USER DIRECTION OF FEED
QTY:2200 PCS / REEL
Weight . . . . . . . . . . . . . 0.43 grams
Tape & Reel. . . . . . . . . . 2000 /reel
Tray . . . . . . . . . . . . . . . . . 100 /tray
www.pulseeng.com
C224.B (2/06)
For More Information:
Pulse Worldwide
Headquarters
12220 World Trade Drive
San Diego, CA 92128
U.S.A.
www.pulseeng.com
TEL: 858 674 8100
FAX: 858 674 8262
Pulse
Northern Europe
3 Huxley Road
Surrey Research Park
Guildford, Surrey GU2 5RE
United Kingdom
TEL: 44 1483 401700
FAX: 44 1483 401701
Pulse
Southern Europe
Zone Industrielle
F-39270
Orgelet
France
TEL: 33 3 84 35 04 04
FAX: 33 3 84 25 46 41
Pulse South Asia
150 Kampong Ampat
#07-01/02
KA Centre
Singapore 368324
TEL: 65 6287 8998
FAX: 65 6280 0080
Pulse North Asia
No. 26
Kao Ching Road
Yang Mei Chen
Taoyuan Hsien
Taiwan, R. O. C.
TEL: 886 3 4641811
FAX: 886 3 4641911
Pulse
China Headquarters
No. 1
Industrial District
Changan, Dongguan
China
TEL: 86 769 5538070
FAX: 86 769 5538870
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product
names mentioned herein may be trademarks or registered trademarks of their respective owners.
© Copyright, 2006. Pulse Engineering, Inc. All rights reserved.
Pulse North China
Room 1503
XinYin Building
No. 888 YiShan Road
Shanghai 200233
China
TEL: 86 21 54643211/2
FAX: 86 21 54643210


Número de pieza similar - CX2148AT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pulse A Technitrol Comp...
CX2148A PULSE-CX2148A Datasheet
81Kb / 2P
   BROADBAND: RF & WIRELESS
More results

Descripción similar - CX2148AT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pulse A Technitrol Comp...
CX2074 PULSE-CX2074 Datasheet
55Kb / 2P
   RF TRANSFORMER For Wideband RF Applications
logo
List of Unclassifed Man...
7336-1 ETC1-7336-1 Datasheet
103Kb / 1P
   RF Wideband Transformer
logo
PCA ELECTRONICS INC.
EPA3877G PCA-EPA3877G_15 Datasheet
27Kb / 1P
   Wideband RF Transformer
EPR1625GE PCA-EPR1625GE Datasheet
40Kb / 1P
   Wideband RF Transformer
EPA3877G PCA-EPA3877G Datasheet
27Kb / 1P
   Wideband RF Transformer
EPA3923SE PCA-EPA3923SE Datasheet
40Kb / 1P
   Wideband RF Transformer
logo
Pulse A Technitrol Comp...
C203 PULSE-C203 Datasheet
316Kb / 3P
   RF TRANSFORMERS Transformers for Wideband RF Applications
logo
Datatronic Distribution...
PT108-1 DATATRONICS-PT108-1 Datasheet
106Kb / 1P
   WIDEBAND RF TRANSFORMER
logo
Bel Fuse Inc.
S554-5999-15 BEL-S554-5999-15 Datasheet
26Kb / 2P
   CABLE MODEM MAGNETICS Wideband RF Transformer
logo
List of Unclassifed Man...
DP-322 ETC2-DP-322 Datasheet
317Kb / 1P
   Wideband RF/Pulse Transformer 5-500 MHz
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com