Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STK17TA8-RF25I Datasheet(PDF) 1 Page - Simtek Corporation

No. de pieza STK17TA8-RF25I
Descripción Electrónicos  128Kx8 Autostore nvSRAM With Real-Time Clock
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIMTEK [Simtek Corporation]
Página de inicio  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK17TA8-RF25I Datasheet(HTML) 1 Page - Simtek Corporation

  STK17TA8-RF25I Datasheet HTML 1Page - Simtek Corporation STK17TA8-RF25I Datasheet HTML 2Page - Simtek Corporation STK17TA8-RF25I Datasheet HTML 3Page - Simtek Corporation STK17TA8-RF25I Datasheet HTML 4Page - Simtek Corporation STK17TA8-RF25I Datasheet HTML 5Page - Simtek Corporation STK17TA8-RF25I Datasheet HTML 6Page - Simtek Corporation STK17TA8-RF25I Datasheet HTML 7Page - Simtek Corporation STK17TA8-RF25I Datasheet HTML 8Page - Simtek Corporation STK17TA8-RF25I Datasheet HTML 9Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
STK17TA8
1
This product conforms to specifications per the
terms of Simtek standard warranty. The product
has completed Simtek internal qualification testing
and has reached production status.
Jan, 2008
Document Control #ML0025 Rev 2.0
FEATURES
• nvSRAM Combined With Integrated Real-Time
Clock Functions (RTC, Watchdog Timer, Clock
Alarm, Power Monitor)
• Capacitor or Battery Backup for RTC
• 25, 45 ns Read Access & R/W Cycle Time
• Unlimited Read/Write Endurance
• Automatic Non-volatile STORE on Power Loss
• Non-Volatile STORE Under Hardware or Software
Control
• Automatic RECALL to SRAM on Power Up
• Unlimited RECALL Cycles
• 200K STORE Cycles
• 20-Year Non-volatile Data Retention
• Single 3 V +20%, -10% Power Supply
• Commercial and Industrial Temperatures
• 48-pin 300-mil SSOP Package (RoHS-Compliant)
DESCRIPTION
The Simtek STK17TA8 combines a 1Mb non-volatile
static RAM (nvSRAM) with a full-featured real-time
clock in a reliable, monolithic integrated circuit.
The 1Mbit nvSRAM is a fast static RAM with a non-
volatile Quantum Trap storage element included
with each memory cell.
The SRAM provides the fast access & cycle times,
ease of use and unlimited read & write endurance of
a normal SRAM. Data transfers automatically to the
non-volatile storage cells when power loss is
detected (the STORE operation). On power up, data
is automatically restored to the SRAM (the RECALL
operation). Both STORE and RECALL operations
are also available under software control.
The real time clock function provides an accurate
clock with leap year tracking and a programmable,
high accuracy oscillator. The Alarm function is pro-
grammable for one-time alarms or periodic minutes,
hours, or days alarms. There is also a programma-
ble watchdog timer for processor control.
BLOCK DIAGRAM
128Kx8 Autostore nvSRAM With Real-Time Clock
COLUMN DEC
G
E
W
COLUMN I/O
POWER
CONTROL
HSB
STORE/
RECALL
CONTROL
SOFTWARE
DETECT
A15 – A0
A5
A6
A7
A8
A9
A12
A13
A14
A15
A16
Quantum Trap
1024 X 1024
STATIC RAM
ARRAY
1024 X 1024
STORE
RECALL
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
A0 A1 A2 A3 A4 A10 A11
VCC
VCAP
RTC
MUX
A16 – A0
X1
X2
INT
VRTCbat
VRTCcap


Número de pieza similar - STK17TA8-RF25I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
STK17TA8-RF25I ETC-STK17TA8-RF25I Datasheet
567Kb / 22P
   nvTime??Event Data Recorder 128K x 8 AutoStore??nvSRAM with Real-Time Clock Product Preview
logo
Simtek Corporation
STK17TA8-RF25I SIMTEK-STK17TA8-RF25I Datasheet
685Kb / 28P
   128Kx8 Autostore nvSRAM With Real-Time Clock
logo
Cypress Semiconductor
STK17TA8-RF25I CYPRESS-STK17TA8-RF25I Datasheet
787Kb / 23P
   128k X 8 AutoStore nvSRAM with Real Time Clock
logo
Simtek Corporation
STK17TA8-RF25ITR SIMTEK-STK17TA8-RF25ITR Datasheet
685Kb / 28P
   128Kx8 Autostore nvSRAM With Real-Time Clock
logo
Cypress Semiconductor
STK17TA8-RF25ITR CYPRESS-STK17TA8-RF25ITR Datasheet
787Kb / 23P
   128k X 8 AutoStore nvSRAM with Real Time Clock
More results

Descripción similar - STK17TA8-RF25I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Simtek Corporation
STK17TA8 SIMTEK-STK17TA8 Datasheet
685Kb / 28P
   128Kx8 Autostore nvSRAM With Real-Time Clock
STK14CA8 SIMTEK-STK14CA8 Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK17T88 CYPRESS-STK17T88 Datasheet
603Kb / 22P
   32K x 8 AutoStore nvSRAM with Real Time Clock
STK14CA8 CYPRESS-STK14CA8 Datasheet
505Kb / 16P
   128Kx8 AutoStore nvSRAM
logo
List of Unclassifed Man...
STK1744 ETC-STK1744 Datasheet
315Kb / 12P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88_08 Datasheet
535Kb / 29P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
Cypress Semiconductor
STK17TA8 CYPRESS-STK17TA8 Datasheet
787Kb / 23P
   128k X 8 AutoStore nvSRAM with Real Time Clock
logo
Simtek Corporation
STK14CA8 SIMTEK-STK14CA8_08 Datasheet
528Kb / 21P
   128Kx8 Autostore nvSRAM
logo
List of Unclassifed Man...
STK1743 ETC-STK1743 Datasheet
253Kb / 10P
   NV TIME 8K X 8 AUTOSTORE NVSRAM WITH REAL - TIME CLOCK
STK17T88 ETC-STK17T88 Datasheet
284Kb / 25P
   nvTime Event Data Recorder 32K x 8 AutoStore nvSRAM With Real-Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com