Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CX2520SB33000D0PESZZ Datasheet(PDF) 5 Page - Kyocera Kinseki Corpotation

No. de pieza CX2520SB33000D0PESZZ
Descripción Electrónicos  Crystal Units Surface Mount Type
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KSS [Kyocera Kinseki Corpotation]
Página de inicio  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

CX2520SB33000D0PESZZ Datasheet(HTML) 5 Page - Kyocera Kinseki Corpotation

  CX2520SB33000D0PESZZ Datasheet HTML 1Page - Kyocera Kinseki Corpotation CX2520SB33000D0PESZZ Datasheet HTML 2Page - Kyocera Kinseki Corpotation CX2520SB33000D0PESZZ Datasheet HTML 3Page - Kyocera Kinseki Corpotation CX2520SB33000D0PESZZ Datasheet HTML 4Page - Kyocera Kinseki Corpotation CX2520SB33000D0PESZZ Datasheet HTML 5Page - Kyocera Kinseki Corpotation CX2520SB33000D0PESZZ Datasheet HTML 6Page - Kyocera Kinseki Corpotation CX2520SB33000D0PESZZ Datasheet HTML 7Page - Kyocera Kinseki Corpotation CX2520SB33000D0PESZZ Datasheet HTML 8Page - Kyocera Kinseki Corpotation CX2520SB33000D0PESZZ Datasheet HTML 9Page - Kyocera Kinseki Corpotation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
* Please inqurie about specifications other than the above.
Pb Free
RoHS Compliant
Features
• Reference frequency
for telecommunication systems
• Reflow compatible
• Using ceramic package resulting
in high reliability
• Small and low profile
Applications
• Mobile Communications, Bluetooth,
Wireless LAN
Dimensions
(Unit : mm)
Recommended Land Pattern
(Unit : mm)
3.0
1.4
1.4
GND needs to be
connected to the case.
4.00.2
4-R0.2
2
1.0
#4
#1
#3
#1
#4
#2
#2
#3
1.0
CONNECTION
(TOP VIEW)
GND
HOT
HOT
GND
#4
#3
#1
#2
Specifications
Table1 Motional Series Resistances
Table2 Level of Drive
Items
Symbol
Specification
Units
Remarks
f_nom
OT
f_tol
f_tem
R1
DL
CL
T_use
T_stg
12000 to 40000
Fundamental
10
15
Table 1
Table 2
10
30 to 85
40 to 85
kHz
––––
10-6
10-6
ohm
W
pF
°C
°C
@ 25°C
ref.@ 25°C Over Operating Temp. Range
How to Order
①Code
②Typical Frequencies
③Load Capacitance
④Frequency Stability
⑤Operating Temperature Range
⑥Frequency Temperature Stability
⑦Special
*Please inquire about frequencies other than the above.
CX4025SB 26000 F0 F L J ZZ
Code
Freq.(kHz)
Code
Freq.(kHz)
12000
13000
16000
20000
12000.000
13000.000
16000.000
20000.000
26000
32000
40000
26000.000
32000.000
40000.000
10pF
1010-6
30°C to 85°C
1510-6
F0
F
L
J
ZZ
Custom Specification
Frequency Range
Motional Series Resistance
Units
ohm
80
50
12000 to 19999kHz
20000 to 40000kHz
Frequency Range
Level of Drive
Units
12000 to 40000kHz
10 (100 max.)
W
Frequency Range
Overtone Order
Frequency Tolerance
Frequency Temp. Characteristics
Motional Series Resistance
Level of Drive
Load Capacitance
Operating Temp. Range
Storage Temp. Range
4.0×2.5mm for Mobile Communications, SRWI
Crystal Units
Surface Mount Type CX4025SB (CX-4025S)
- 38 -


Número de pieza similar - CX2520SB33000D0PESZZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kyocera Kinseki Corpota...
CX2520DB KSS-CX2520DB Datasheet
125Kb / 1P
   2.5횞2.0mm for Consumer Products
CX2520DB KSS-CX2520DB Datasheet
68Kb / 1P
   Crystal units surface mount type
CX2520DB16000D0GEJZ1 KSS-CX2520DB16000D0GEJZ1 Datasheet
125Kb / 1P
   2.5횞2.0mm for Consumer Products
CX2520DB19200D0GEJZ1 KSS-CX2520DB19200D0GEJZ1 Datasheet
125Kb / 1P
   2.5횞2.0mm for Consumer Products
CX2520DB24000D0GEJZ1 KSS-CX2520DB24000D0GEJZ1 Datasheet
125Kb / 1P
   2.5횞2.0mm for Consumer Products
More results

Descripción similar - CX2520SB33000D0PESZZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
NX8045GB ETC2-NX8045GB Datasheet
43Kb / 1P
   SURFACE MOUNT TYPE CRYSTAL UNITS
logo
Kyocera Kinseki Corpota...
CX1008SB KSS-CX1008SB Datasheet
298Kb / 1P
   Crystal units surface mount type
CT2520DB KSS-CT2520DB_18 Datasheet
70Kb / 1P
   Crystal units surface mount type
CX3225SB KSS-CX3225SB Datasheet
66Kb / 1P
   Crystal units surface mount type
CX3225CA KSS-CX3225CA_18 Datasheet
68Kb / 1P
   Crystal units surface mount type
CX2016GR KSS-CX2016GR Datasheet
331Kb / 1P
   Crystal units surface mount type
CX2016SA KSS-CX2016SA Datasheet
296Kb / 1P
   Crystal units surface mount type
CX5032GA KSS-CX5032GA Datasheet
69Kb / 1P
   Crystal units surface mount type
CX5032SA KSS-CX5032SA_18 Datasheet
70Kb / 1P
   Crystal units surface mount type
CT2016DB KSS-CT2016DB Datasheet
69Kb / 1P
   Crystal units surface mount type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com