Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CXH49SFB24000H0PESZZ Datasheet(PDF) 5 Page - Kyocera Kinseki Corpotation |
|
CXH49SFB24000H0PESZZ Datasheet(HTML) 5 Page - Kyocera Kinseki Corpotation |
5 / 27 page * Please inqurie about specifications other than the above. Pb Free RoHS Compliant Features • Reference frequency for telecommunication systems • Reflow compatible • Using ceramic package resulting in high reliability • Small and low profile Applications • Mobile Communications, Bluetooth, Wireless LAN Dimensions (Unit : mm) Recommended Land Pattern (Unit : mm) 3.0 1.4 1.4 GND needs to be connected to the case. 4.00.2 4-R0.2 2 1.0 #4 #1 #3 #1 #4 #2 #2 #3 1.0 CONNECTION (TOP VIEW) GND HOT HOT GND #4 #3 #1 #2 Specifications Table1 Motional Series Resistances Table2 Level of Drive Items Symbol Specification Units Remarks f_nom OT f_tol f_tem R1 DL CL T_use T_stg 12000 to 40000 Fundamental 10 15 Table 1 Table 2 10 30 to 85 40 to 85 kHz –––– 10-6 10-6 ohm W pF °C °C @ 25°C ref.@ 25°C Over Operating Temp. Range How to Order ② ① ③ ⑦ ⑥ ⑤ ④ ①Code ②Typical Frequencies ③Load Capacitance ④Frequency Stability ⑤Operating Temperature Range ⑥Frequency Temperature Stability ⑦Special *Please inquire about frequencies other than the above. CX4025SB 26000 F0 F L J ZZ Code Freq.(kHz) Code Freq.(kHz) 12000 13000 16000 20000 12000.000 13000.000 16000.000 20000.000 26000 32000 40000 26000.000 32000.000 40000.000 10pF 1010-6 30°C to 85°C 1510-6 F0 F L J ZZ Custom Specification Frequency Range Motional Series Resistance Units ohm 80 50 12000 to 19999kHz 20000 to 40000kHz Frequency Range Level of Drive Units 12000 to 40000kHz 10 (100 max.) W Frequency Range Overtone Order Frequency Tolerance Frequency Temp. Characteristics Motional Series Resistance Level of Drive Load Capacitance Operating Temp. Range Storage Temp. Range 4.0×2.5mm for Mobile Communications, SRWI Crystal Units Surface Mount Type CX4025SB (CX-4025S) - 38 - |
Descripción similar - CXH49SFB24000H0PESZZ |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |