Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7837AN883B Datasheet(PDF) 5 Page - Analog Devices

No. de pieza AD7837AN883B
Descripción Electrónicos  LC2MOS Complete, Dual 12-Bit MDACs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7837AN883B Datasheet(HTML) 5 Page - Analog Devices

  AD7837AN883B Datasheet HTML 1Page - Analog Devices AD7837AN883B Datasheet HTML 2Page - Analog Devices AD7837AN883B Datasheet HTML 3Page - Analog Devices AD7837AN883B Datasheet HTML 4Page - Analog Devices AD7837AN883B Datasheet HTML 5Page - Analog Devices AD7837AN883B Datasheet HTML 6Page - Analog Devices AD7837AN883B Datasheet HTML 7Page - Analog Devices AD7837AN883B Datasheet HTML 8Page - Analog Devices AD7837AN883B Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AD7837/AD7847
REV. C
–5–
AD7847 PIN FUNCTION DESCRIPTION (DIP AND SOIC PIN NUMBERS)
Pin
Mnemonic
Description
11
CSA
Chip Select Input for DAC A. Active low logic input. DAC A is selected when this input is low.
12
CSB
Chip Select Input for DAC B. Active low logic input. DAC B is selected when this input is low.
13VREFA
Reference Input Voltage for DAC A. This may be an ac or dc signal.
14VOUTA
Analog Output Voltage from DAC A.
15
AGNDA
Analog Ground for DAC A.
16VDD
Positive Power Supply.
17VSS
Negative Power Supply.
18
AGNDB
Analog Ground for DAC B.
19VOUTB
Analog Output Voltage from DAC B.
10
VREFB
Reference Input Voltage for DAC B. This may be an ac or dc signal.
11
DGND
Digital Ground.
12
DB11
Data Bit 11 (MSB).
13
WR
Write Input.
WR is a positive edge triggered input which is used in conjunction with CSA and CSB
to write data to the DAC latches.
14–24
DB10–DB0
Data Bit 10 to Data Bit 0 (LSB).
AD7837 PIN CONFIGURATION
AD7847 PIN CONFIGURATION
DIP AND SOIC
DIP AND SOIC
TOP VIEW
(Not to Scale)
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
AD7837
AGNDA
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
A0
A1
LDAC
WR
VOUTA
VREFA
RFBA
CS
VDD
VSS
AGNDB
VOUTB
VREFB
DGND
RFBB
TOP VIEW
(Not to Scale)
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
AD7847
AGNDA
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
DB8
DB9
DB10
WR
VOUTA
VREFA
CSB
CSA
VDD
VSS
AGNDB
VOUTB
VREFB
DGND
DB11


Número de pieza similar - AD7837AN883B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7837AN AD-AD7837AN Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACs
REV. C
AD7837AN AD-AD7837AN Datasheet
494Kb / 12P
   LC MOS COMPLETE, DUAL 12-BIT MDACS
REV. C
AD7837AN AD-AD7837AN Datasheet
494Kb / 12P
   LC2MOS Complet, Dual 12-Bit MDACs
REV. C
AD7837AN AD-AD7837AN Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACS
REV. C
AD7837AN AD-AD7837AN Datasheet
494Kb / 12P
   LC MOS Complete, Dual 12-Bit MDACs
REV. C
More results

Descripción similar - AD7837AN883B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7837BRZ AD-AD7837BRZ Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACs
REV. C
AD7837BRZ AD-AD7837BRZ Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACs
REV. C
AD7847ANZ AD-AD7847ANZ Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACS
REV. C
AD7847ARZ AD-AD7847ARZ Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACs
REV. C
AD7837ARZ AD-AD7837ARZ Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACs
REV. C
AD7837ANZ AD-AD7837ANZ Datasheet
494Kb / 12P
   LC2MOS Complet, Dual 12-Bit MDACs
REV. C
AD7837 AD-AD7837_15 Datasheet
494Kb / 12P
   LC MOS Complete Dual 12 Bit MDACs
REV. C
AD7837BRZ AD-AD7837BRZ Datasheet
494Kb / 12P
   LC MOS Complete, Dual 12-Bit MDACs
REV. C
AD7847 AD-AD7847_15 Datasheet
494Kb / 12P
   LC MOS Complete Dual 12 Bit MDACs
REV. C
AD7837ANZ AD-AD7837ANZ Datasheet
494Kb / 12P
   LC MOS COMPLETE, DUAL 12-BIT MDACS
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com