Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SA20 Datasheet(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

No. de pieza SA20
Descripción Electrónicos  SILICON BIDIRECTIONAL DIACS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  YANGJIE [Yangzhou yangjie electronic co., ltd]
Página de inicio  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

SA20 Datasheet(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  SA20 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd SA20 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd SA20 Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd SA20 Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SA5.0 THRU SA170A
Features
*500W Peak pulse power capability
*Excellent clamping capability
*Low incremental surge resistance
*Fast response time:Typically less than 1.0ps from 0v to
VBR for unidirection and 5.0 ns for bidirectional types.
Mechanical Data
*Cases:Molded plastic
*Epoxy:UL94V-0 rate flame retardant
*Lead:Axial leads,solderable per MIL- STD-202,
Method 208 guaranteed
*Polarity:Color band denotes cathode except Bipolar
*Mounting position:Any
*Weight:0.40 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25oC ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Peak Power Dissipation (Note 1)
Peak Pulse reverse current (Note 1)
Steady State Power Dissipation (Note 2)
Peak Forward Surge Current (Note 3)
Maximum Instaneous Forward Voltage at
50.0A for Unidirectional Only
Operating and Storage Temperature Range
NOTES: 1. 10/1000us waveform Non-repetitive Current Pulse Per Fig.3 and Derated above TA=25oC Per Fig.2.
2.T1=75oC,lead lengths 9.5mm, Mounted on Copper Pad Area of (40 x40 mm) Fig.5
3.Measured on 8.3ms Single Half Sine-Wave or Equivalent Square Wave,Duty Cycle=4 Pulses Per Minute Maximun.
Devices for Bipolar Applications
1.For Bidirectional Use C or CA Suffix for Types SA5.0 thru types SA170 (e.g.SA5.0C,SA170CA)
2.Electrical Characteristics Apply in Both Directions.
Value
Units
PPPM
IPPM
PM(AV)
IFSM
VF
TJ,TSTG
DO-15
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.300(7.6)
.230(5.8)
.140(3.6)
.104(2.6)
DIA.
Dimensions in inches and (millimeters)
.034(.9)
.028(.7)
DIA.
Minimun 500
See Table
1.0
70
3.5
-55~+175
W
A
W
A
V
0
C


Número de pieza similar - SA20

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
SA20 PANJIT-SA20 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Chongqing Pingwei Enter...
SA20 CHONGQING-SA20 Datasheet
226Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
First Components Intern...
SA20 FCI-SA20 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Luguang Electr...
SA20 LUGUANG-SA20 Datasheet
196Kb / 3P
   500W Transient Voltage Suppressor
logo
Won-Top Electronics
SA20 WTE-SA20 Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
More results

Descripción similar - SA20

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diode Semiconductor Kor...
DB3 DSK-DB3 Datasheet
333Kb / 2P
   SILICON BIDIRECTIONAL DIACS
logo
Galaxy Semi-Conductor H...
DB3M BILIN-DB3M Datasheet
76Kb / 2P
   SILICON BIDIRECTIONAL DIACS
logo
SEMTECH ELECTRONICS LTD...
LSDB3 SEMTECH_ELEC-LSDB3 Datasheet
168Kb / 1P
   SILICON BIDIRECTIONAL DIACS
logo
Shanghai Shunye Electro...
DB3M SHUNYE-DB3M Datasheet
199Kb / 2P
   SILICON BIDIRECTIONAL DIACS
logo
SAMYANG ELECTRONICS CO....
DB3 SAMYANG-DB3 Datasheet
400Kb / 2P
   SILICON BIDIRECTIONAL DIACS
DB3 SAMYANG-DB3_V01 Datasheet
399Kb / 2P
   SILICON BIDIRECTIONAL DIACS
logo
Zibo Seno Electronic En...
LLDB3 ZSELEC-LLDB3 Datasheet
362Kb / 2P
   SILICON BIDIRECTIONAL DIACS
logo
Tiger Electronic Co.,Lt...
DB3-DB4 TGS-DB3-DB4 Datasheet
137Kb / 2P
   Silicon Bidirectional Diacs
logo
Diode Semiconductor Kor...
DB3M DSK-DB3M Datasheet
88Kb / 2P
   SILICON BIDIRECTIONAL DIACS
logo
SAMYANG ELECTRONICS CO....
DB3 SAMYANG-DB3_V02 Datasheet
400Kb / 2P
   SILICON BIDIRECTIONAL DIACS
logo
Diode Semiconductor Kor...
LLDB3 DSK-LLDB3 Datasheet
481Kb / 2P
   SILICON BIDIRECTIONAL DIACS
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com